Part Number Hot Search : 
1LT1G R0402 EFM302 PT12119 1LT1G 92315 N2111 LM3S1191
Product Description
Full Text Search
 

To Download CPC1330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPC1330
Single Pole OptoMOS(R) Relay
Parameters Peak Blocking Voltage Load Current Max On-resistance
Ratings 350 120 30
Units VP mA
Description
The CPC1330G is a single-pole normally-open (1-Form-A) Solid State Relay with an enhanced input to output isolation barrier of 5000Vrms. Clare's patented OptoMOS architecture makes available the optically coupled technology necessary to activate the output's efficient MOSFET switches. Control of the isolated output is accomplished by means of the highly effective GaAlAs infrared LED at the input.
Features
5000Vrms Input/Output Isolation 350VP Blocking Voltage 100% Solid State Small 4-Pin Package Low Drive Power Requirements (TTL/CMOS Compatible) * Arc-Free With No Snubbing Circuits * No EMI/RFI Generation * Machine Insertable, Wave Solderable * * * * *
Approvals
* UL Recognized Component: File # E76270 * EN/IEC 60950 Compliant * CSA Certified Component: Certificate # 1172007
Ordering Information Applications
* Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment--Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Part Number CPC1330G CPC1330GR CPC1330GRTR Description 4-Pin DIP (100/Tube) 4-Pin Surface Mount (100/Tube) 4-Pin Surface Mount (1000/Reel)
Pin Configuration
+ Control 1 4 Load
- Control
2
3
Load
Switching Characteristics of Normally Open (Form A) Devices
CONTROL
ILOAD
+ 90% 10%+ TON TOFF
Pb
RoHS
2002/95/EC
e3
www.clare.com 1
DS-CPC1330-R03
CPC1330
Absolute Maximum Ratings
Parameter Peak Blocking Voltage Reverse Input Voltage Input Control Current Peak (10ms) Input Power Dissipation 1 Total Package Dissipation 2 Isolation Voltage, Input to Output Operational Temperature Storage Temperature
1 2
Ratings 350 5 50 1 100 550 5000 -40 to +85 -40 to +125
Units VP V mA A mW mW Vrms C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Derate Linearly 1.33 mW/C Derate Linearly 3.00 mW/C
Electrical absolute maximum ratings are at 25C
Electrical Characteristics
Parameters Output Characteristics @ 25C Load Current Continuous Peak On-Resistance Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Current Common Characteristics @ 25C Input to Output Capacitance Conditions Symbol Min Typ Max Units
t=10ms IL=120mA VL=350V
IL ILPK RON ILEAK TON TOFF COUT IF IF VF IR CI/O
0.2 0.9 -
25 25 0.33 0.3 1.2 3
120 350 30 1 2 1 2 1.4 10 -
mA A
IF=5mA, VL=10V IF=0mA, VL=50V, f=1MHz IL=120mA IF=5mA VR=5V -
ms pF mA mA V A pF
2
www.clare.com
R03
CPC1330
PERFORMANCE DATA*
CPC1330 Typical LED Forward Voltage Drop (N=50, TA=25C, IF=5mA)
35 30 Device Count (N) Device Count (N) 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25
35 30
CPC1330 Typical On-Resistance Distribution (N=50, TA=25C, IL=120mA)
35 30 Device Count (N) 25 20 15 10 5 0
CPC1330 Typical Blocking Voltage Distribution (N=50, TA=25C)
25 20 15 10 5 0 23.5 24 24.5 25 25.5 26 26.5
370
375
LED Forward Voltage Drop (V)
On-Resistance ()
380 385 390 395 Blocking Voltage (VP)
400
25 20 15 10 5 0
CPC1330 Typical IF for Switch Operation (N=50, TA=25C, IL=120mA)
25 20 15 10 5 0
CPC1330 Typical IF for Switch Dropout (N=50, TA=25C, IL=120mA)
25 20 15 10 5 0
CPC1330 Typical Turn-On Time (N=50, TA=25C, IL=120mA, IF=5mA)
Device Count (N)
0.29
0.30
0.31 0.32 0.33 0.34 LED Current (mA)
0.35
Device Count (N)
Device Count (N)
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.85
0.90
LED Current (mA)
1.00 1.10 1.15 Turn-On (ms)
1.20
1.25
25 20 15 10 5 0
CPC1330 Typical Turn-Off Time (N=50, TA=25C, IL=120mA, IF=5mA)
Load Current (mA)
CPC1330 Typical Load Current vs. Temperature
180 160 140 120 100 80 60 40 20 0 Leakage (A) 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 -40 -20 0 20 40 60 80 Temperature (C) 100 120 0 -40
CPC1330 Typical Leakage vs. Temperature (Measured Across Pins 3 & 4)
Device Count (N)
I F = 10mA I F = 2mA
0.21
0.22
0.23 0.24 0.25 Turn-Off (ms)
0.26
0.27
-20
0
20 40 60 Temperature (C)
80
100
CPC1330 Typical Blocking Voltage vs. Temperature
400 Blocking Voltage (VP) 395 Turn-On (ms) 390 385 380 375 370 365 -40 -20 0 20 40 60 Temperature (C) 80 100
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -40
CPC1330 Typical Turn-On vs. Temperature (IL=80mA)
I F = 5mA
I F = 10mA -20 0 20 40 60 Temperature (C) 80 100
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40
CPC1330 Typical Turn-Off vs. Temperature (IL=80mA)
Turn-Off (ms)
I F = 10mA
I F = 5mA -20 0 20 40 60 Temperature (C) 80 100
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department. R03
www.clare.com
3
CPC1330
PERFORMANCE DATA*
CPC1330 Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C) Turn-On (ms)
I F = 50mA I F = 30mA I F = 20mA I F = 10mA I F = 5mA
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
CPC1330 Typical Turn-On vs. LED Forward Current (IL=120mA)
0.7 0.6 Turn-Off (ms) 0.5 0.4 0.3 0.2 0.1 0
CPC1330 Typical Turn-Off vs. LED Forward Current (IL=120mA)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
50
LED Forward Current (mA)
LED Forward Current (mA)
60 On-Resistance () 50 40 30 20 10 0
CPC1330 Typical On-Resistance vs. Temperature (IL=80mA, IF=10mA)
1.2 1.0 LED Current (mA) 0.8 0.6 0.4 0.2
CPC1330 Typical IF for Switch Operation vs. Temperature (IL=80mA)
1.2 1.0 LED Current (mA) 0.8 0.6 0.4 0.2 0 -40
CPC1330 Typical IF for Switch Dropout vs. Temperature (IL=80mA)
-40
-20
0
20 40 60 Temperature (C)
80
100
0 -40 -20 0 20 40 60 80 100 Temperature (C)
-20
0
20
40
60
80
100
Temperature (C)
150 Load Current (mA) 100 50 0 -50 -100 -150
CPC1330 Typical Load Current vs. Load Voltage (TA=25C, IF=5mA)
CPC1330 Energy Rating Curve
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 10s 100s 1ms 10ms 100ms Time
Load Current (A)
-3
-2
-1 0 1 Load Voltage (V)
2
3
1s
10s 100s
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
R03
CPC1330
Manufacturing Information
Soldering For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
Pb
RoHS
2002/95/EC
e3
MECHANICAL DIMENSIONS
4-Pin DIP ("G" Suffix)
0.991 (0.039) 6.350 0.127 (0.250 0.005) 3.30 0.050 (0.130 0.002) 0.254 (0.010)
PC Board Pattern (Top View)
6 - 0.800 DIA. (6 - 0.031 DIA.) 2.540 0.127 (0.100 0.005)
7.620 0.127 (0.300 0.005)
PIN 1
4.572 0.127 (0.180 0.005) 9 (ALL) 0.457 0.076 (0.018 0.003) 2.540 0.127 (0.100 0.005)
9 (ALL) 1.651 (0.065) 0.508 (0.020) 3.175 (0.125)
9.144 0.508 (0.360 0.020) 7.620 0.254 (0.300 0.010)
6.350 0.127 (0.250 0.005)
Dimensions mm (inches)
4-Pin Surface Mount ("GR" Suffix)
2.540 0.127 (0.100 0.005) 3.300 0.050 (0.130 0.002)
Recommended PCB Land Pattern
0.635 0.254 (0.025 0.010) 6.350 0.127 (0.250 0.005) 9.525 (0.375) 7.620 0.254 (0.300 0.010)
2.287 (0.09)
8.80 (0.346) 1.60 (0.063)
PIN #1
0.991 (0.039) 9 1 (ALL) 2.540 0.127 (0.100 0.005) 2.287 0.127 (0.090 0.005) 0.102 min / 0.254 max (0.004 min / 0.010 max) 4.572 0.127 (0.180 0.005)
3.480 0.076 (0.137 0.003) 0.254 (0.010)
0.95 (0.037)
Dimensions mm (inches)
R03
www.clare.com
5
CPC1330
MECHANICAL DIMENSIONS
Tape and Reel Packaging for 4-Pin Surface Mount Package
330.2 Dia (13.00 Dia) Top Cover Tape Thickness 0.102 Max (0.004 Max)
W = 16.00 (0.630)
K0 = 4.20 (0.165) K1 = 3.70 (0.146)
P = 12.00 (0.472)
A0 = 10.01 (0.394)
B0 = 5.00 (0.197) Dimensions mm (inches)
Embossed Carrier
Embossment
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1330-R03 (c)Copyright 2008, Clare, Inc. All rights reserved. Printed in USA. 7/11/08
6


▲Up To Search▲   

 
Price & Availability of CPC1330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X