Part Number Hot Search : 
MN95015 0L000 DTA124EU MLX80004 FDLL914A 74HCT4 K1613 74HCT4
Product Description
Full Text Search
 

To Download CHT2222TPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN Switching Transistor
VOLTAGE 40 Volts
APPLICATION
* Telephony and proferssional communction equipment. * Other switching applications.
CHT2222TPT
CURRENT 0.6 Ampere
FEATURE
* Small surface mounting type. (SC-75/SOT-416) * High current (Max.=600mA). * Suitable for high packing density. * Low voltage (Max.=40V) . * High saturation current capability. * Voltage controlled small signal switch.
(3)
SC-75/SOT-416
0.1 0.20.05 0.5 1.60.2 0.5
(2)
1.00.1 0.1 0.30.05
CONSTRUCTION
* NPN Switching Transistor
0.1 0.20.05 0.80.1
(1)
MARKING
* NT
C (3)
(1) B
0.150.05 0.1Min.
0.6~0.9 0~0.1 1.60.2
CIRCUIT
E (2)
Dimensions in millimeters
SC-75/SOT-416
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb Note 1. Transistor mounted on an FR4 printed-circuit board.
2002-7
PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature
CONDITIONS open emitter open base open collector - - - - - - Tamb 25 C; note 1 -
MIN.
MAX. 75 40 6 600 800 200 250 +150 150 +150 V V V
UNIT
mA mA mA mW C C C
-65 - -65
RATING CHARACTERISTIC CURVES ( CHT2222TPT )
THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Transistor mounted on an FR4 printed-circuit board. CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL ICBO IEBO hFE PARAMETER collector cut-off current emitter cut-off current DC current gain CONDITIONS IE = 0; VCB = 60 V IC = 0; VCB = 60 V; Tj = 125 OC IC = 0; VEB = 5 V IC = 0.1 mA; VCE = 10V; note 1 IC = 1.0 mA; VCE = 10V IC = 10 mA; VCE = 10V IC = 150 mA; VCE = 10V IC = 150 mA; VCE = 1.0V IC = 500 mA; VCE = 10V VCEsat VBEsat Cc Ce fT F collector-emitter saturation voltage base-emitter saturation voltage collector capacitance emitter capacitance transition frequency noise figure IC = 150 mA; IB = 15 mA IC = 500 mA; IB = 50 mA IC = 150 mA; IB = 10 mA IC = 500 mA; IB = 50 mA IE = ie = 0; VCB = 5 V; f = 1 MHz IC = ic = 0; VBE = 500 mV; f = 1 MHz IC = 20 mA; VCE = 20 V; f = 100 MHz IC = 100 A; VCE = 5 V; RS = 1 k; f = 1.0 kHz - - - 35 50 75 100 50 40 - - 0.6 - - - 300 - MIN. MAX. 10 10 10 - - - - 300 - - 300 1 1.2 2.0 8 25 - 4 mV V V V pF pF MHz dB UNIT nA uA nA PARAMETER thermal resistance from junction to ambient CONDITIONS note 1 VALUE 357 UNIT K/W
IC = 10 mA; VCE = 10V;Tamb = -55OC 35
Switching times (between 10% and 90% levels); ton td tr toff ts tf Note 1. Pulse test: tp 300 s; 0.02. turn-on time delay time rise time turn-off time storage time fall time ICon = 150 mA; IBon = 15 mA; IBoff = -15 mA - - - - - - 35 15 20 250 200 60 ns ns ns ns ns ns
RATING CHARACTERISTIC CURVES ( CHT2222TPT )
V CESAT - COLLECTOR-EMITTER VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
Typical Pulsed Current Gain vs Collector Current
500
V CE = 5V
Collector-Emitter Saturation Voltage vs Collector Current
0.4 = 10 0.3
400 300 200
25 C 125 C
0.2
25 C
125 C
100
- 40 C
0.1
- 40 C
0 0.1
0.3
1 3 10 30 100 I C - COLLECTOR CURRENT (mA)
300
1
10 100 I C - COLLECTOR CURRENT (mA)
500
V BE(ON) - BASE-EMITTER ON VOLTAGE (V)
V BESAT - BASE-EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
1
= 10
- 40 C
Base-Emitter ON Voltage vs Collector Current
1 VCE = 5V 0.8
- 40 C 25 C
0.8
25 C 125 C
0.6
125 C
0.6
0.4
0.4 1 I
C
10 100 - COLLECTOR CURRENT (mA)
500
0.2 0.1
1 10 I C - COLLECTOR CURRENT (mA)
25
Collector-Cutoff Current vs Ambient Temperature
I CBO - COLLECTOR CURRENT (nA) 500 100 10 1 0.1 V
CB
Emitter Transition and Output Capacitance vs Reverse Bias Voltage
20 CAPACITANCE (pF) 16 12
C te
= 40V
f = 1 MHz
8
C ob
4
25 50 75 100 125 T A - AMBIENT TEMPERATURE ( C) 150
0.1
1 10 REVERSE BIAS VOLTAGE (V)
100
RATING CHARACTERISTIC CURVES ( CHT2222TPT )
Turn On and Turn Off Times vs Collector Current
400
I B1 = I B2 =
Ic 10
Switching Times vs Collector Current
400 I B1 = I B2 = 320
V cc = 25 V Ic 10
320
V cc = 25 V
TIME (nS)
240 160
t off
TIME (nS)
240 160 80 0 10
tf td ts tr
80
t on
0 10
100 I C - COLLECTOR CURRENT (mA)
1000
100 I C - COLLECTOR CURRENT (mA)
1000
Power Dissipation vs Ambient Temperature
1 PD - POWER DISSIPATION (W)
0.75
0.5
0.25
0
0
25
50 75 100 o TEMPERATURE ( C)
125
150
RATING CHARACTERISTIC CURVES ( CHT2222TPT )
CHAR. RELATIVE TO VALUES AT I C= 10mA
CHAR. RELATIVE TO VALUES AT TA = 25oC
Common Emitter Characteristics
8 V CE = 10 V T A = 25oC
Common Emitter Characteristics
2.4 2 1.6 1.2 0.8 0.4 0 V CE = 10 V I C = 10 mA h re h ie h fe hoe
6 hoe 4 h re 2 h fe h ie 0 0 10 20 30 40 50 I C - COLLECTOR CURRENT (mA) 60
0
20 40 60 80 T A - AMBIENT TEMPERATURE ( o C)
100
CHAR. RELATIVE TO VALUES AT VCE = 10V
Common Emitter Characteristics
1.3 1.25 1.2 1.15 1.1 1.05 1 0.95 0.9 0.85 0.8 0.75 0 5 hoe 10 15 20 25 30 VCE - COLLECTOR VOLTAGE (V) 35 h re h ie I C = 10 mA T A = 25oC h fe
RATING CHARACTERISTIC CURVES ( CHT2222TPT )
Test Circuits
30 V
200
16 V 1.0 K 0 200ns
500
Saturated Turn-On Switching Time
- 1.5 V
6.0 V
NOTE: BVEBO = 5.0 V
1k
37
30 V 1.0 K 0 200ns 50
Saturated Turn-Off Switching Time


▲Up To Search▲   

 
Price & Availability of CHT2222TPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X