Part Number Hot Search : 
BC63916 RL104 LT1081IN L2596 74LV2G04 HER103L 150200 84C10
Product Description
Full Text Search
 

To Download CHB150W-24S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.90 (48.26)
ELECTRONIC COMPONENTS
HIGH SIGNAL HERE DISABLE OUTPUT 0.50 (12.70) SIDE VIEW -VIN (4)
TRIM (7)
S
E
R
I
E
S
-SENSE (6)
99 TO 150 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
(R)
US
External Output Trim
+SENSE (8) TRIM DOWN TRIM (7) 10K ohms TRIMPOT +SENSE (8)
OUTPUT SPECIFICATIONS:
ON/OFF (2) Voltage Accuracy : .............................................................. 1.5% max. Transient Response :25% Step Load Change........................<500 sec. External Trim Adj. Range ..................................................................10% Ripple & Noise, 20MHz BW HIGH SIGNAL HERE DISABLE ........................... 40mV RMS, max. 3.3V & 5V OUTPUT 100mV pk-pk, max. -VIN (4) 12V & 15V ..........................60mV RMS, max. 150mV pk-pk, max. 24V .................................100mV RMS, max. 240mV pk-pk, max. Temperature Coefficient........................................................ 0.03%/C Short Circuit Protection......................................................... Continuous Line Regulation1 ..................................................................... 0.2% max. Load Regulation2 .................................................................. 0.2% max. Over Voltage Protection trip Range, % Vo nom.....................115-140% Current Limit .............................................110% ~140% Nominal Output
TRIM (7) TRIM UP -SENSE (6)
-SENSE (6)
E176177
PIN CONNECTION
Pin Function
Features
* * * *
99-150W Isolated Output 4 : 1 Input Wide Range Half-Brick Package Efficiency to 90%
* * * *
Regulated Outputs Remote ON/OFF OTP/OVP/OCP Continuous Short Circuit Protection
GENERAL SPECIFICATIONS:
Efficiency....................................................................................See Table Isolation Voltage ...........................Input/Output.............1500VDC min. Input/Case................. 1500VDC min. Output/Case.............1500VDC min. Isolation Resistance .............................................................107 ohm min. Switching Frequency ............................................................250KHz, Typ. Operating Case Temperature ........................................-40C to 100C Storage Temperature ...................................................-55C to +105C Thermal Shutdown, Case Temp. .......................................... 110C Typ. Dimensions ............................................................2.28x2.40x0.52 inches (57.9x61.0x13.2 mm) Case Material............................Aluminum Base Plate with Pastic Case
1 2 3 4 5 6 7 8 9
NOTE:
+V Input ON/OFF CASE -V Input -V Output -Sense Trim +Sense +Vout
MODEL NUMBER CHB150W-24S3V3 CHB150W-24S05 CHB150W-24S12 CHB150W-24S15 CHB150W-24S24 CHB150W-48S3V3 CHB150W-48S05 CHB150W-48S12 CHB150W-48S15 CHB150W-48S24
INPUT VOLTAGE 9-36 VDC 9-36 VDC 9-36 VDC 9-36 VDC 9-36 VDC 18-75VDC 18-75VDC 18-75VDC 18-75VDC 18-75VDC
OUTPUT VOLTAGE 3.3VDC 5.0VDC 12 VDC 15 VDC 24 VDC 3.3VDC 5.0VDC 12 VDC 15 VDC 24 VDC
OUTPUT CURRENT MIN. 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA MAX. 30 A 30 A 12.5 A 10 A 6.5 A 30 A 30 A 12.5 A 10 A 6.5 A
INPUT CURRENT NO LOAD FULL LOAD 200mA 200mA 100mA 100mA 100mA 100mA 100mA 50mA 50mA 50mA 4741mA 7022mA 6944mA 6944mA 7022mA 2371mA 3511mA 3472mA 3472mA 3511mA
% EFF. 85 87 88 88 88 87 89 90 90 89
SIZE Half-Brick Half-Brick Half-Brick Half-Brick Half-Brick Half-Brick Half-Brick Half-Brick Half-Brick Half-Brick
1. Measured From High Line to Low Line 2. Measured From Full Load to Zero Load 3. Output Ripple and Noise measured with 10uF tantalum and 1uF Ceramic capacitor across output 4. Logic Compatibility .................. Open Collector ref to -Input Module ON .......... > 3.5Vdc or Open Circuit Module OFF ........... < 1.8Vdc 5. Suffix "N" to the Model Number with Negative Logic Remote ON/OFF Module ON .......... < 1.8Vdc Module OFF ........... >3.5Vdc or Open Circuit
CASE HB
All Dimensions In Inches(mm) Tolerance Inches: x.xx= 0.02, x.xxx= 0.010 Millimeters: x.x= 0.5, x.xx= 0.25
NOTE : 1. Nominal Input Voltage 24, 48 VDC
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
CHB150W
CHB150W
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

4 1.40 (35.56) 3 0.60 (15.24) 2 1
5 6 7 8 9 2.40 (61.00) O0.08 (2.03) 2pl.
2.28 (57.90)
0 (12
Anderungen vorbehalten / subject to change without notice
SIDE
NEW
2.00 Specifications (50.8)
Remote On/Off Control
O0.04 (1.02) 7pl. ON/OFF (2)
+SENSE (8)
INPUT SPECIFICATIONS:
Input Voltage Range.........................................................24V............ ..9-36V 48V............ 18-75V 1.90 Undervoltage lockout .................................24Vin power up................. 8.8V (48.26) 24Vinpower down ............8.0V 2.28 48Vin power up................. .17V (57.90) 48Vinpower down .............16V Positive Logic Remote ON/OFF 4, 5 Input Filter ............................................................................................ PI Type
TRIM DO
TRIM


▲Up To Search▲   

 
Price & Availability of CHB150W-24S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X