Part Number Hot Search : 
15020 FZ1200 B6330JR0 3SK126 DTA124 1SS378 E80TR PY1111
Product Description
Full Text Search
 

To Download CDA15ED240J03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type CDA15 Especially for Reel-Packed, Mica Capacitors
Best Value Choice for Auto Insertion Applications
Type CDA15 is designed especially for auto-insertion and is the best value choice for tape and reel and ammo-pack feed systems. CDA15 is used in commercial and industrial applications requiring high stability, high Q and close capacitance tolerances. Type CDA15 is ideal for tuned circuits, delay lines and filter circuits.
L max.
T max.
H max. .078 .250 .051 .354 + .030 .709 + .039 - .020 - .020 .202 .028 .035 max. .500 .012 h .020
Highlights

.157 .012 S .031

Available only on tape/reel or ammo pack High temperature -- up to 150 C 100,000 V/s dV/dt pulse capability minimum Straight or crimp leads
See ordering information on page
Specifications
Ratings
Cap
(pF)
Capacitance Range: 1 pF to 1,500pF Voltage Range: 100 Vdc to 500 Vdc Capacitance Tolerance: 1/2 pF (D), 1 pF (C), 1/2% (E), 1% (F), 2% (G), 5% (J) Temperature Range: -55 C to +125 C (O) -55 C to +150 C (P) Lead Material: Copper Lead Spacing: 0.200 Inches (5.1 mm)
L H T Cap
(pF)
Catalog Part Number
Catalog Part Number
L 500 Vdc .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .430 (10.9) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2) .440 (11.2)
H
T
Inches (mm) Inches (mm) Inches (mm)
Inches (mm) Inches (mm) Inches (mm)
910 1000 1100 1200 1500 560 620 680 750 820 1 2 3 4 5 6 7 8 10 12 15 18 20 22 24 27 30 33 36
100 Vdc CDA15FA911J03 .450 (11.4) CDA15FA102J03 .450 (11.4) CDA15FA112J03 .460 (11.7) CDA15FA122J03 .460 (11.7) CDA15FA152J03 .460 (11.7) 300 Vdc CDA15FC561J03 .450 (11.4) CDA15FC621J03 .450 (11.4) CDA15FC681J03 .450 (11.4) CDA15FC751J03 .450 (11.4) CDA15FC821J03 .450 (11.4) 500 Vdc CDA15CD010D03 .430 (10.9) CDA15CD020D03 .430 (10.9) CDA15CD030D03 .430 (10.9) CDA15CD040D03 .430 (10.9) CDA15CD050D03 .430 (10.9) CDA15CD060D03 .430 (10.9) CDA15CD070D03 .430 (10.9) CDA15CD080D03 .430 (10.9) CDA15CD100J03 .430 (10.9) CDA15CD120J03 .430 (10.9) CDA15CD150J03 .430 (10.9) CDA15CD180J03 .430 (10.9) CDA15ED200J03 .430 (10.9) CDA15ED220J03 .430 (10.9) CDA15ED240J03 .430 (10.9) CDA15ED270J03 .430 (10.9) CDA15ED300J03 .430 (10.9) CDA15ED330J03 .430 (10.9) CDA15ED360J03 .430 (10.9)
.400 (10.2) .400 (10.2) .400 (10.2) .420 (10.7) .430 (10.9) .380 ( 9.7) .380 ( 9.7) .390 ( 9.9) .390 ( 9.9) .390 ( 9.9) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1)
.170 (4.3) .170 (4.3) .180 (4.6) .180 (4.6) .180 (4.6) .160 (4.1) .160 (4.1) .160 (4.1) .170 (4.3) .170 (4.3) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6)
39 43 47 50 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 250 270 300 330 360 390 430 470 500 510
CDA15ED390J03 CDA15ED430J03 CDA15ED470J03 CDA15ED500J03 CDA15ED510J03 CDA15ED560J03 CDA15ED620J03 CDA15ED680J03 CDA15ED750J03 CDA15ED820J03 CDA15FD910J03 CDA15FD101J03 CDA15FD111J03 CDA15FD121J03 CDA15FD131J03 CDA15FD151J03 CDA15FD161J03 CDA15FD181J03 CDA15FD201J03 CDA15FD221J03 CDA15FD241J03 CDA15FD251J03 CDA15FD271J03 CDA15FD301J03 CDA15FD331J03 CDA15FD361J03 CDA15FD391J03 CDA15FD431J03 CDA15FD471J03 CDA15FD501J03 CDA15FD511J03
.360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .360 (9.1) .370 (9.4) .370 (9.4) .380 (9.7) .380 (9.7) .380 (9.7) .380 (9.7)
.140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .140 (3.6) .150 (3.8) .150 (3.8) .150 (3.8) .150 (3.8) .150 (3.8) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1) .160 (4.1)
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com


▲Up To Search▲   

 
Price & Availability of CDA15ED240J03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X