Part Number Hot Search : 
KLNR15 D78F08 AP230 KBJ1000 ADC317 EE05530 G5E1284 EDC15
Product Description
Full Text Search
 

To Download BYV26A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV26A THRU BYV26E
SUPER FAST RECTIFIERS
Reverse Voltage - 200 to 1000 V Forward Current - 1 A Features * Low cost * Diffused junction * Low forward voltage drop * High current capability
Mechanical Data * Case: Molded plastic, DO-41 * Lead: Axial leads, solderable per MIL-STD-202, Method 208 * Polarity: Color band denotes cathode end * Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half-wave, 50 Hz, resistive or inductive load, for capacitive load, derate current by 20%. Parameter Symbols BYV26A BYV26B BYV26C BYV26D BYV26E Units Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5 mm) Lead Length at TA = 75 OC Peak Forward Surge Current 10 ms Single Half Sine Wave Superimposed on Rated Load at TJ = 125 OC Maximum Forward Voltage at 1 A Maximum Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time 1) Typical Junction Capacitance Typical Thermal Resistance
3) 2)
VRRM VRMS VDC IF(AV) IFSM VF
200 140 200
400 280 400
600 420 600 1 30 2.5 5 150
800 560 800
1000 700 1000
V V V A A V A
TA = 25 C TA = 100 OC
O
IR trr CJ RJA Tj Tstg 30 45
75 40 100 - 55 to + 150 - 55 to + 150
O
ns pF C/W
O
Operating Junction temperature range Storage temperature range
1) 2)
C C
O
Reverse recovery test conditions: IF = 0.5 A, IR = 1 A, Irr = 0.25 A. Measured at 1 MHz and applied reverse voltage of 4 V D.C. 3) Thermal resistance from junction to ambient.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 08/01/2009 B
BYV26A THRU BYV26E
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 08/01/2009 B


▲Up To Search▲   

 
Price & Availability of BYV26A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X