Part Number Hot Search : 
Z5225 D1704 NTE15044 2N6071B HD74L 4VHCT0 MAX5913 F06T4
Product Description
Full Text Search
 

To Download BU4522AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU4522AF
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 800V (Min) *High Switching Speed APPLICATIONS *Designed for use in horizontal deflection circuits of color TV receivers and PC monitors. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCES VCEO VEBO IC ICM IB
B
PARAMETER Collector- Emitter Voltage(VBE= 0) Collector-Emitter Voltage Emitter-Base Voltage
VALUE 1500 800 7.5 10
UNIT V V
Collector Current- Continuous Collector Current-Peak
Base Current- Continuous Base Current-Peak
w
ww
scs .i
V A 25 6 9 45 150 -55~150 A A A W
.cn mi e
IBM PC TJ Tstg
Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
THERMAL CHARACTERISTICS
SYMBOL PARAMETER Thermal Resistance,Junction to Case MAX 2.8 UNIT /W
Rth j-c
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
BU4522AF
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; IB= 0, L= 25mH
800
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
7.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7A; IB= 1.75A
B
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 7A; IB= 1.75A
B
1.03 1.0 2.0 1.0
V
ICES
Collector Cutoff Current
VCE= 1500V; VBE= 0 VCE= 1500V; VBE= 0; TC=125 VEB= 7.5V; IC= 0
mA
IEBO
Emitter Cutoff Current
hFE-1
DC Current Gain
hFE-2
DC Current Gain
Switching times (16kHz line deflection circuit) Storage Time Fall Time
tstg tf
w w
scs .i w
IC= 1A; VCE= 5V
IC= 7A; VCE= 5V
.cn mi e
4.2
mA
10
7.3
4.3 IC= 7A, IB1= 1.4A; IB2= -3.5A; f= 16kHz 0.4
s s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BU4522AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X