Part Number Hot Search : 
P13009 250BZX AC100 MAX6701A 16245 NE06L 6600M 2SK37
Product Description
Full Text Search
 

To Download BSR20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
PNP High-Voltage Transistors BSR20,BSR20A
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
+0.1 2.4-0.1
Low current (max. 300 mA) High voltage (max. 150 V).
+0.1 1.3-0.1
Features
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage BSR20 BSR20A Collector-emitter voltage BSR20 BSR20A Emitter-base voltage Collector current Peak collector current Base current Total power dissipation * Storage temperature Junction temperature Operating ambient temperature Thermal resistance from junction to ambient * VEBO IC ICM IB Ptot Tstg Tj Ramb Rth j-a VCEO Symbol VCBO Rating -130 -160 -120 -150 -5 -300 -600 -100 250 -65 to +150 150 -65 to +150 500 K/W Unit V V V V V mA mA mA mW
* Transistor mounted on an FR4 printed-circuit board.
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BSR20,BSR20A
Electrical Characteristics Ta = 25
Parameter Collector cutoff current BSR20 Symbol ICBO Testconditons IE = 0; VCB = -100 V IE = 0; VCB = -100 V; Tamb = 100 Collector cutoff current BSR20A ICBO IEBO BSR20 BSR20A DC current gain BSR20 BSR20A DC current gain BSR20 BSR20A base-emitter saturation voltage Collector capacitance Transition frequency BSR20 BSR20A VCEsat Cc fT IC = -10 mA; IB = -1 mA IC = -50 mA; IB = -5 mA IE = ie = 0; VCB = -10 V; f = 1 MHz IC = -10 mA; VCE = -10 V; f = 100 MHz hFE IC = -50 mA; VCE = -5 V hFE IC = -10 mA; VCE = -5 V hFE IE = 0; VCB = -120 V IE = 0; VCB = -120 V; Tamb = 100 Emitter cutoff current DC current gain IC = 0; VEB = -4 V IC = -1 mA; VCE = -5 V 30 50 40 60 40 50
Transistors
Min
Typ
Max -100 -100 -50 -50 -50
Unit nA iA nA iA nA
180 240
-200 -500 6 100 100 400 300
mV mV pF MHz MHz
hFE Classification
TYPE Marking BSR20 T35 BSR20A T36
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BSR20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X