Part Number Hot Search : 
01400 15KW18A C28DRT 147436 2SK306 M9512807 HSU276A D883B
Product Description
Full Text Search
 

To Download BR6005G-BR610G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR6005G thru BR610G
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -150 amperes peak Low forward voltage drop Small size; simple installation Sliver plated copper leads Mounting position: Any
.042(1.07) DIA. .038(0.97) .750 (19.0) MIN
REVERSE VOLTAGE FORWARD CURRENT BR6
- 50 to 1000Volts - 6.0 Amperes
.276(7.0) .236(6.0)
.620(15.7) .580(14.7)
HOLE FOR NO.6 SCREW
.445(11.3) .405(10.3)
.620(15.7) .580(14.7)
.445(11.3) .405(10.3) Polarity shown on side of case, Positive lead by beveled corner.
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current at Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 3.0A Peak Maximum Reverse Current at Rated TJ=25 DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range TJ=100 TA=50
SYMBOL BR6005G BR601G BR602G BR604G BR606G BR608G BR610G VRRM VRMS I(AV) 50 35 100 70 200 140 400 280 6.0 600 420 800 560 1000 700
UNIT V V A
IFSM
150
A
VF IR TJ TSTG
1.1 10.0 1.0 -55 to +150 -55 to +150
V A mA
~ 402 ~
RATING AND CHARACTERTIC CURVES BR6005G thru BR610G
FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRNT AMPERES INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 10
FIG.2-TYPICAL REVERSE CHARACTERISTICS 10
8 6 4 2
TJ=25C
TJ=25C
1.0
0.1
0
0
50
100
150
AMBIENT TEMPERATURE,C
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.3-MAXIMUM FORWARD SUNRGE CURRENT 150 PEAK FORWARD SURGE CURRENT AMPERES
FIG.4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 100
INSTANTANEOUS REVERSE CUNRRENT, AMPERES
10
TJ=25C
1.0
0 1 10 NUMBER OF CYCLETS AT 60Hz 100
TJ=25C
0.1
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 403 ~


▲Up To Search▲   

 
Price & Availability of BR6005G-BR610G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X