Part Number Hot Search : 
RP1298 ZMM30 ANTXV2N AT40K05 SRU10 LC503 5N60RU AHF2815
Product Description
Full Text Search
 

To Download BR10005W-BR1010W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR10/15/25/35/50A W SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT BRW
METAL HEAT SINK .442(11.23) .424(10.77)
50 to 1000Volts 10/15/25/35/50Amperes
FEATURES
Surge overload -240~500 amperes peak Low forward voltage drop Mounting position: Any Electrically isolated base -2000 Volts Solderable 0.25" FASTON terminals Materials used carries U/L recognition
1.200 (30.5)MIN
.042(1.07) .038(0.97) Hole for No.8 screw 193"(4.9)diam
1.133(28.8) 1.114(28.3)
1.133(28.8) 1.114(28.3) .732(18.6) .693(17.6)
.469(11.9) .429(10.9)
.732(18.6) .693(17.6)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60HZ. For capacitive load current by 20%
BR-W 10005 BR-W 1001 1501 2501 3501 5001 100 70 10 BR-W 10 240 BR-W 15 BR-W 1002 1502 2502 3502 5002 200 140 15 300 BR-W 25 BR-W 1004 1504 2504 3504 5004 400 280 25 400 BR-W 35 BR-W 1006 1506 2506 3506 5006 600 420 BR-W 1008 1508 2508 3508 5008 800 560 35 400 BR-W 50 BR-W 1010 1510 2510 3510 5010 1000 700 50 500 V V A UNIT
CHARACTERISTICS
SYMBOL
15005 25005 35005 50005
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current at Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Rang Storage Temperature Rang @TA=25 @Tc=55
VRRM VRMS I(AV)
50 35
IFSM
A
VF IR TJ TSTG
1.1 10.0 -55 to +125 -55 to +125
V A
~ 365 ~
RATING AND CHARACTERISTIC CURVES BR10/15/25/35/50A W SERIES
FIG.1-MAXIMUM FORWARD SURGE CURRENT 600 PEAK FORWARD SURGE CURRENT , AMPERES
BR50W
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT , AMPERES 50 40
BR35W
500
BR25/35W
BR50W
400
BR15W
300 200 100
BR10W
30 20
BR25W
10
BR15W BR10W
0 1 10 NUMBER OF CYCLES AT 60Hz 100
0
50
100
150
CASE TEMPERATURE,C
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT , AMPERES
BR35/50W BR15W BR25W BR10W
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
0.1
TJ=25
0.1
0.01 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 366 ~


▲Up To Search▲   

 
Price & Availability of BR10005W-BR1010W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X