Part Number Hot Search : 
PDTC144 X40626 X4166 J120CA B1006 NCP4303B UY1104B P1WTL
Product Description
Full Text Search
 

To Download BR10005S-BR1010S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR10005S thru BR1010S
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT BR8
.296(7.5) .255(6.5)
-
50 to 1000Volts 10.0 Amperes
FEATURES
Surge overload rating -240 amperes peak Low forward voltage drop Small size; simple installation Sliver plated copper leads Mounting position: Any
.052(1.3) DIA. .048(1.2)
.750 (19.0) MIN
.770(19.6) .730(18.5)
HOLE FOR NO.6 SCREW
.520(13.2) .480(12.2)
.770(19.6) .730(18.5)
Polarity shown on side of case, Positive lead by beveled corner.
.520(13.2) .480(12.2)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current at Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 5.0A Peak Maximum Reverse Current at Rated TJ=25 DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range TJ=100 TA=50
SYMBOL VRRM VRMS I(AV)
BR 10005S 50 35
BR 1001S 100 70
BR 1002S 200 140
BR 1004S 400 280 10.0
BR 1006S 600 420
BR 1008S 800 560
BR 1010S 1000 700
UNIT V V A
IFSM
240
A
VF IR TJ TSTG
1.0 10.0 1.0 -55 to +125 -55 to +150
V A mA
~ 324 ~
RATING AND CHARACTERTIC CURVES BR10005S thru BR1010S
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRNT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 10
FIG.2-MAXIMUM FORWARD SURGE CURRENT 250
200
8 6 4 2
TJ=25C
150
TJ=25C
100
50 0 1 10 NUMBER OF CYCLETS AT 60Hz 100
0
0
50
100
150
AMBIENT TEMPERATURE,C
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 10 INSTANTANEOUS REVERSE CUNRRENT, AMPERES INSTANTANEOUS REVERSE CUNRRENT, MICROAMPERES
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
1.0
1.0
TJ=25C
0.1
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE 0.01 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 325 ~


▲Up To Search▲   

 
Price & Availability of BR10005S-BR1010S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X