Part Number Hot Search : 
K2000G ACHIPS ADV7189B 4805SRW EL2228CY 170M3016 74F651SC CS535107
Product Description
Full Text Search
 

To Download BMVK160ADA220MF60G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
MVK-BP
@Bi-polarized chip type for the circuit, of which polarity is frequently reversed @Solvent-proof type (see PRECAUTIONS AND GUIDELINES) @Pb-free design
bi-polarized MVK
Bi-polarized, 105C
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -40 to +105C 6.3 to 50Vdc P20% (M) (at 20C, 120Hz) I=0.05CV or 10MA, whichever is greater. Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C after 2 minutes) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 0.35 0.26 0.24 0.20 0.18 0.18 tanE (Max.) (at 20C, 120Hz) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 2 2 2 2 3 4 Z(-25C)/Z(+20C) 3 3 4 6 8 10 Z(-40C)/Z(+20C) (at 120Hz) The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 1000 hours at 105C, however the polarization shall be reversed every 250 hours. Capacitance change [P30% of the initial value D.F. (tanE) [300% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C without voltage applied. Capacitance change [P25% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value
Characteristics
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : A
FDP0.5 AP0.2 BP0.2
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
?MARKING
EX) 35V4.7MF
94K
B MV K AAA A DA AAA M AAA G
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100,50V:500) Series code Category
P 1.0 1.4 1.9
4.7 35V
0.3max. LP0.3 Size code D 4 D60 5 E60 6.3 F60 L 5.7 5.7 5.7 A 4.3 5.3 6.6 B 4.3 5.3 6.6
P CP0.2
C 5.1 5.9 7.2
W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8
W
Please refer to "A guide to global code (surface mount type)"
?STANDARD RATINGS
WV (Vdc) Cap (mF) 10 22 47 6.8 15 33 4.7 10 22 3.3 6.8 15 2.2 4.7 10 Size code tane Rated ripple current (mArms/ 105c,120Hz) 14 25 39 13 22 35 12 20 32 10 17 28 8.8 15 23 Part No. WV (Vdc) Cap (mF) 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 Size code tane Rated ripple current (mArms/ 105c,120Hz) 1.3 1.9 2.3 2.8 3.4 4.1 5.5 7.5 10 13 16 20 Part No.
6.3
10
16
25
35
D60 E60 F60 D60 E60 F60 D60 E60 F60 D60 E60 F60 D60 E60 F60
0.35 0.35 0.35 0.26 0.26 0.26 0.24 0.24 0.24 0.20 0.20 0.20 0.18 0.18 0.18
BMVK6R3ADA100MD60G BMVK6R3ADA220ME60G BMVK6R3ADA470MF60G BMVK100ADA6R8MD60G BMVK100ADA150ME60G BMVK100ADA330MF60G BMVK160ADA4R7MD60G BMVK160ADA100ME60G BMVK160ADA220MF60G BMVK250ADA3R3MD60G BMVK250ADA6R8ME60G BMVK250ADA150MF60G BMVK350ADA2R2MD60G BMVK350ADA4R7ME60G BMVK350ADA100MF60G
50
D60 D60 D60 D60 D60 D60 D60 D60 E60 E60 F60 F60
0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18
BMVK500ADAR10MD60G BMVK500ADAR15MD60G BMVK500ADAR22MD60G BMVK500ADAR33MD60G BMVK500ADAR47MD60G BMVK500ADAR68MD60G BMVK500ADA1R0MD60G BMVK500ADA1R5MD60G BMVK500ADA2R2ME60G BMVK500ADA3R3ME60G BMVK500ADA4R7MF60G BMVK500ADA6R8MF60G
(1/1)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of BMVK160ADA220MF60G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X