Part Number Hot Search : 
2SK22 S10P2 TE1819 74ALS373 L6402 94C33 LDBK2040 MT9M019
Product Description
Full Text Search
 

To Download APXA160ARA390MF55G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Surface Mount
@Super low ESR, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte @Rated voltage range : 2.5 to 25Vdc, case size range : F6.3B5.2L to F10B12.2L (Case code HC0 and JC0 newly added) @Suitable for DC-DC converters, voltage regulators and decoupling applications used to computer motherboards etc. @High heat resistance to reflow soldering (See reflow soldering conditions) @Pb-free design
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Surge Voltage Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -55 to +105C 2.5 to 25Vdc P20% (M) Rated voltageB1.15V Shall not exceed values shown in STANDARD RATINGS. 0.12 max. Z(-25C)/Z(+20C)[1.15 Z(-55C)/Z(+20C)[1.25
Characteristics
(at 20C, 120Hz) (at 105C) (at 20C after 2 minutes) (at 20C, 120Hz)
Bias Humidity
Surge Voltage
Failure Rate
(at 100kHz) The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2000 hours at 105C. Appearance No significant damage Capacitance change [P20% of the initial value DF (tanE) [150% of the initial specified value ESR [150% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after subjecting them to the DC rated voltage at 60C, 90 to 95% RH for 500 hours. Appearance No significant damage Capacitance change [P20% of the initial value DF (tanE) [150% of the initial specified value ESR [150% of the initial specified value Leakage current [The initial specified value The capacitors shall be subjected to 1000 cycles each consisting of charge with the surge voltage specified at 105C for 30 seconds through a protective resistor(R=1kO) and discharge for 5 minutes 30 seconds. Appearance No significant damage Capacitance change [P20% of the initial value DF (tanE) [150% of the initial specified value ESR [150% of the initial specified value Leakage current [The initial specified value 1% per 1000 hours maximum (Confidence level 60% at 105C)
*Note : If any doubt arises, measure the leakage current after following voltage treatment. Voltage treatment : DC rated voltage are applied to the capacitors for 120 minutes at 105C.
?DIMENSIONS [mm]
@Terminal Code : A
W FDP0.5 P CP0.2 BP0.2
Size code F55 F60 H70 J80 HC0 JC0 fD 6.3 6.3 8 10 8 10 L A B C 5.2 6.6 6.6 7.2 5.7 6.6 6.6 7.2 6.7 8.3 8.3 9.0 7.7 10.3 10.3 11.0 12.0 8.3 8.3 9.0 12.2 10.3 10.3 11.0 W 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 P 1.9 1.9 3.1 4.5 3.1 4.5
?MARKING
EX) PXA16VC39M
A905 39 16V
0.3max. AP0.2 LP0.3 (Note) Note : LP0.5 for HC0 and JC0
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
A PXA AAA A RA AAA M AAA N
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 10MF:100,100MF:101) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100) Series code Category Please refer to "A guide to global code (conductive polymer type)"
(1/2)
CAT. No. E1001E
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Surface Mount
?STANDARD RATINGS
WV(Vdc) Cap(mF) 220 220 560 680 1000 1500 100 100 150 150 220 330 470 560 680 820 1200 68 82 82 100 100 120 150 220 330 390 470 470 680 820 47 56 56 120 150 270 270 330 330 470 560 33 39 39 82 150 180 180 220 330 22 22 39 47 82 10 22 39 Size code F55 F60 H70 HC0 J80 JC0 F55 F60 F55 F60 H70 H70 J80 HC0 J80 JC0 JC0 F60 F55 F60 F55 F60 F60 H70 H70 J80 HC0 J80 HC0 JC0 JC0 F60 F55 F60 H70 H70 J80 HC0 J80 HC0 JC0 JC0 F60 F55 F60 H70 J80 J80 HC0 JC0 JC0 F55 F60 H70 H70 J80 F60 H70 J80 Leakage current ESR (mAmax/after 2 min.) (momax/20c, 100kHz) 110 110 280 340 500 750 80 80 120 120 176 264 376 448 544 656 960 85.7 103 103 126 126 151 189 277 416 491 592 592 857 1033 94 112 112 240 300 540 540 660 660 940 1120 106 125 125 262 480 576 576 704 1056 88 88 156 188 328 125 275 488 25 25 23 12 19 10 26 26 26 26 25 25 20 12 20 10 10 27 27 27 27 27 27 25 25 20 12 20 12 10 10 31 31 31 27 27 24 14 24 14 12 12 37 37 37 30 26 26 16 14 14 50 50 45 45 40 65 50 45 Rated ripple current (mArms/100k to 300kHz) -55 to +105c 2500 2500 3100 4770 4240 5500 2450 2450 2450 2450 3020 3020 4130 4770 4130 5500 5500 2400 2400 2400 2400 2400 2400 3020 3020 4130 4770 4130 4770 5500 5500 2250 2250 2250 2800 2800 3770 4420 3770 4420 5300 5300 2050 2050 2050 2700 3430 3430 4360 5050 5050 1650 1650 2000 2000 2500 1500 1800 2100 Part No. APXA2R5ARA221MF55G APXA2R5ARA221MF60G APXA2R5ARA561MH70G APXA2R5ARA681MHC0S APXA2R5ARA102MJ80G APXA2R5ARA152MJC0S APXA4R0ARA101MF55G APXA4R0ARA101MF60G APXA4R0ARA151MF55G APXA4R0ARA151MF60G APXA4R0ARA221MH70G APXA4R0ARA331MH70G APXA4R0ARA471MJ80G APXA4R0ARA561MHC0S APXA4R0ARA681MJ80G APXA4R0ARA821MJC0S APXA4R0ARA122MJC0S APXA6R3ARA680MF60G APXA6R3ARA820MF55G APXA6R3ARA820MF60G APXA6R3ARA101MF55G APXA6R3ARA101MF60G APXA6R3ARA121MF60G APXA6R3ARA151MH70G APXA6R3ARA221MH70G APXA6R3ARA331MJ80G APXA6R3ARA391MHC0S APXA6R3ARA471MJ80G APXA6R3ARA471MHC0S APXA6R3ARA681MJC0S APXA6R3ARA821MJC0S APXA100ARA470MF60G APXA100ARA560MF55G APXA100ARA560MF60G APXA100ARA121MH70G APXA100ARA151MH70G APXA100ARA271MJ80G APXA100ARA271MHC0S APXA100ARA331MJ80G APXA100ARA331MHC0S APXA100ARA471MJC0S APXA100ARA561MJC0S APXA160ARA330MF60G APXA160ARA390MF55G APXA160ARA390MF60G APXA160ARA820MH70G APXA160ARA151MJ80G APXA160ARA181MJ80G APXA160ARA181MHC0S APXA160ARA221MJC0S APXA160ARA331MJC0S APXA200ARA220MF55G APXA200ARA220MF60G APXA200ARA390MH70G APXA200ARA470MH70G APXA200ARA820MJ80G APXA250ARA100MF60G APXA250ARA220MH70G APXA250ARA390MJ80G
2.5
4
6.3
10
16
20
25
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of APXA160ARA390MF55G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X