Part Number Hot Search : 
EL2270CN FH107 68HC11 GES2219A 1N5239 2LP41SP D5701 NCP1652A
Product Description
Full Text Search
 

To Download ANPRC-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
assuredcommunicationsTM
AN/PRC-150(C)
ADVANCED HF/VHF TACTICAL RADIO SYSTEM
NSA Certified
a fully integrated, compact communications system, offering the security and performance features your missions demand The AN/PRC-150(C) is a member of the Falcon(R) II family of multiband tactical radio systems. It is an advanced HF-SSB/VHF-FM manpack radio that provides reliable tactical communications through enhanced secure voice and data performance, networking, and extended battery life. In addition to the HF capability, the transceiver's extended frequency range (to 60 MHz) provides secure FSK 16 kbps CVSD voice and data in the VHF band. The NSA-certified AN/PRC-150(C) provides U.S. Type 1 voice and data encryption compatible with ANDVT/KY-99, ANDVT/KY-100, VINSON/KY-57, and KG-84C cryptographic devices, eliminating the need for external encryption. An integral Citadel(R) encryption mode offers secure communication interoperability with coalition and Partnership for Peace forces. High speed data rates, up to 9600 bps (HF), and selectable ARQ modes reduce on-the-air transmission time and enhance secure data transmission for improved communications reliability and throughput. The combined robust digital voice (MELP, LPC-10) and serial tone data modem operate over poor communication channels. The AN/PRC-150(C) includes a last ditch voice mode that transmits digital voice using ultra robust 3G waveforms for operation in channels where no other waveforms will work. A serial-tone ECCM waveform with DSP-based excision filtering and a 600 bps MELP vocoder are combined to provide reliable, secure HF communications in the presence of jamming. Secure digital voice, 75 to 2400 bps data, and ARQ are supported in the ECCM mode. In addition to MIL-STD-188-141B ALE, the AN/PRC-150(C) includes STANAG 4538 third generation HF Link Automation. It provides high performance ALE and data link protocols, providing superior linking and error-free data transfer. The radio also provides Scope Command telephony calling capability. The AN/PRC-150(C) can connect to a standard PLGR GPS device. The accurate GPS timing data can be used for ECCM and advanced ALE synchronization. Integrated telephony capability allows the radio operator to place and receive telephone calls using the radio keypad when used with the RF-6010 Tactical Network Access Hub. The data capability and network management features of the radio utilize industry standard IP-based protocols to provide fast, simple, and direct communications.
Specifications for the AN/PRC-150(C) Series
General
Frequency Range Net Presets Frequency Stability Emission Modes RF Input/Output Impedance Power Input Data Interface Dimensions (with battery case) Radio Weight 1.6 to 59.999 MHz 75, fully programmable 0.5 x 10 -6 J3E (single sideband, upper or lower, suppressed carrier telephony) H3E (compatible AM single sideband plus full carrier) A1A, J2A (compatible CW), selectable; F3E (FM) 50 ohm nominal, unbalanced 26 VDC (21.5 to 32 VDC) Synchronous or asynchronous (RS-232C; MIL-STD-188-114A) 10.5W x 3.5H x 13.2D inches (26.7W x 8.1H x 34.3D cm) 10 lb (4.7 kg) without batteries
Receiver
Sensitivity Audio Output Squelch IF Rejection Image Rejection Intermodulation Distortion Overload Protection SSB: -113 dBm (0.5 V) minimum for 10 dB SINAD 15 mW at 1000 ohm to external handset Front panel adjustable, active squelch selectable Greater than 80 dB Greater than 80 dB (First IF image) -80 dB or better for two -30 dBm signals separated 30 kHz or more Receiver protected to 32 VRMS
Transmitter
Power Output Audio Input Carrier Suppression Undesired Sideband Suppression Spurious Outputs (Greater than 20 kHz from Fc) Antenna Tuning Capability 1, 5, 20 watts PEP/Average -1/+2 dB (1, 5, 10 watts FM) 1.5 mV at 150 ohm or 0 dBm at 600 ohm for full rated output Greater than 60 dB below PEP output (J3E mode) Greater than 60 dB below PEP output -50 dB relative to rated output, except harmonics which are -40 dB Minimum for fo = 1.6-30 MHz OE-505 10-foot (3 m) whip (1.6 to 60 MHz) RF-1936P (AS-2259) NVIS (3.5 to 10 MHZ) RF-1940-AT001/RF-1941 dipole
Environmental
Test Method Vibration Immersion Operating Temperature Per MIL-STD-810E Ground Tactical 3 ft. (.9m) of water -40C to +70C
HF Features
Encrypted Data HF: MIL-STD-188-110B App. C (9600bps and 12,800 bps uncoded), App. B 39 tone (to 2400 bps) Serial Tone (to 9600 bps) STANAG 4285 (2400 bps), STANAG 4415 (75 bps) STANAG 4539 (9600 bps), FSK ((600 bps) VHF: FSK (16 kbps) STANAG 4538 FLSU, MIL-STD-188-141B Appendix A with Appendix B AL-1 LP, including the Scope Command telephony call type Serial Tone ECCM HF: LPC-10-52E (600/2400) MELP (600/2400), VHF: CVSD STANAG 4538 (3G), pFED-STD-1052
Automatic Link Establishment (ALE) Frequency Hopping Vocoder Data Link Layer Protocol (ARQ)
VHF Features
Data Voice Digitization Wideband FSK (16 kbps) CVSD (16 kbps)
AN/PRC-150(C)
COMSEC Interoperability ANDVT/KY-99, ANDVT/KY-100, KG-84C, KY-57 VINSON (VHF), CITADEL (coalition) 150 Watt Vehicular Adapter 400 Watt Base Station Adapter 20 Watt Vehicular Adapter Nickel Metal Hydride Battery (Rechargeable) Lithium Ion Battery (Rechargeable) Backpack Carrying Bag Battery Eliminator LPI/D option
Accessories & Options
RF-5800H-V001 RF-5800H-B003 RF-5800H-V006 BB-390B/U BB-2590/U 10512-0465-01 RF-5850-PS001 10535-8010-002
FALCON and Citadel are trademarks of Harris Corporation. Specifications are subject to change without notice.
(R)
RF Communications Division | 1680 University Avenue | Rochester, NY USA 14610 www.harris.com 1-585-244-5830
assuredcommunicationsTM
Copyright (c) 2005 Harris Corporation 08/05 DS-282F


▲Up To Search▲   

 
Price & Availability of ANPRC-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X