Part Number Hot Search : 
15000 364302 1N4737 MAX2077 00RL7 T711003 2N440 R5F2133
Product Description
Full Text Search
 

To Download AGM2412A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM2412A SERIES GRAPHIC MODULE VER1.3 CUSTOMER APPROVAL
PART NO. :
APPROVAL CUSTOMER COMMENTS COMPANY CHOP
DISPLAYTRONIC ENGINEERING APPROVAL
DESIGN BY CHECKED BY APPROVED BY
AGM2412A SERIES GRAPHIC MODULE VER1.3 REVISION RECORD
REVISION REVISION DATE PAGE CONTENTS
VER1.1 VER1.2 VER1.2 VER 1.3
15/6-2006 01/08-2006 21/08-2006 09/01-2007
MODIFY THE COVER,ADD CONTENT AND REVISION RECORD. TO CORRECT THE MECHANICAL DIAGRAM.
THE PIN-LOCATION SHOULD REVISED TO THAT OF PHYSICAL SAMPLE(THE DRAWING IS INCORRECTIVE)
ADD PRECAUTION FOR USING LCM
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
1
AGM2412A SERIES GRAPHIC MODULE VER1.3 CONTENTS
1.0 MECHANICAL DIAGRAM 2.0 GENERAL SPECIFICATION 3.0 ABSOLUTE MAXIMUM RATINGS 4.0 ELECTRICAL CHARACTERISTICS 5.0 OPTICAL CHARACTERISTICS 6.0 BLOCK DIAGRAM 7.0 PIN ASSIGNMENT 8.0 POWER SUPPLY 9.0 TIMING CHARACTERISTICS 10.0 RELIABILITY TEST 11.0 INSTRUCTION DESCRIPTION (T6963C) 12.0 PRECAUTION FOR USING LCM
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
2
AGM2412A SERIES GRAPHIC MODULE VER1.3 1.0 MECHANICAL DIAGRAM
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
3
AGM2412A SERIES GRAPHIC MODULE VER1.3 2.0
2. 3. 4. 5. 6. 7. 8. 9.
MECHANICAL SPECS
Dot Size Dot Pitch Duty Controller IC LC Fluid Options Polarizer Options Backlight Options Temperature Range Options 144.0mm(W) x 104.0mm(H) x max 13.7mm(D) for LED backlight version 0.40mm(W) x 0.40mm(H) 0.45mm(W) x 0.45mm(H) 1/128 T6963C STN, FSTN Reflective, Transflective, Transmissive LED Standard (0C ~ 50C), Wide (-20C ~ 70C)
1. Overall Module Size
3.0 ABSOLUTE MAXIMUM RATINGS
Item Operating temperature (Standard) Storage temperature (Standard) Operating temperature (Wide temperature) Storage temperature (Wide temperature) Input voltage Supply voltage for logic Supply voltage for LCD drive Symbol Top Tst Top Tst Vin Vdd- Vss Vdd- Vo Min 0 -10 -20 -30 -0.3 -0.3 6 Typ Max 50 60 70 80 Vdd+0.3 7.0 28 Unit C C C C V V V
4.0 ELECTRICAL CHARACTERISTICS
Item Input voltage (high) Input voltage (low) Recommended LC Driving Voltage (Wide Temp) Power Supply Current Powe Supply voltage for White LED LED Power Supply Current Powe Supply voltage For yellow-green LED LED Power Supply Current Symbol Vih Vil Condition H level L level -20C Vdd -VADJ Idd (VLED+)-VLEDIfled (VLED+)-VLEDIfled 25C 70C Vdd=5.0V RL=12 RL=12 RL=4 RL=4 120 4.8 150 Min Vdd-2.2 0 16.5 20 5.0 160 5.0 200 320 5.8 400 18.2 Typ Max Vdd 0.8 20.0 25.0 mA V mA V mA V Unit V V
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
4
AGM2412A SERIES GRAPHIC MODULE VER1.3 5.0 OPTICAL CHARACTERISTICS
Item Mode A R B C A S B C Cr (Contrast Ratio) 25C MIN. 2.8 7.10 2.49 7.05 TYP. 3.05 7.70 2.99 7.55 MIN 80 80 80 80 -
(Viewing Angle)
25C TYP. 85 85 85 85 -
(Viewing Angle)
25C MIN TYP. 35 35 35 35 -
Note: R: Reflective S: Transflective A: STN Gray B: STN Yellow C: FSTN
At: =0, =0 Item Response time (rise) Response time (fall) Symbol Tr Tf Condition 25 C 25C Min Typ 150 150 Max 250 250 Unit ms ms
6.0
BLOCK DIAGRAM
C1
DC/DC 0086
C64
LED Backlight
DISPLAYTRONIC
BIAS 0086 T6963
C65
C128
S1 - S80
S81 - S160
S160 - S240
0086
0086
0086
XIAMEN ZETTLER ELECTRONICS CO., LTD.
5
AGM2412A SERIES GRAPHIC MODULE VER1.3 7.0 PIN ASSIGNMENT
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 Symbol FGND VSS VDD VADJ /WR /RD /CE C/D NC /RES DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 FS VLCD VLED+ VLEDFunction Frame Ground Ground +5V Contrast Adjust Voltage H: Data read L: Data write Enable signal Chip Enable Command/Data Reset Data bit 0 Data bit 1 Data bit 2 Data bit 3 Data bit 4 Data bit 5 Data bit 6 Data bit 7 Font Select Power supply for LCD driving Power supply for LED+ Power supply for LEDLevel L L L L/H H/L H/L H/L H/L H/L H/L H/L H/L H/L H/L -15.0V 5.0V 0V
8.0
APPLICATION
P0
D0-D7
AGM2412A
DISPLAYTRONIC
51 SERIES MCU
P3.0
C/D
P2 WR RD RST
DECODE
CS# WR# RD# RST#
VDD VADJ VLCD
20K
XIAMEN ZETTLER ELECTRONICS CO., LTD.
6
AGM2412A SERIES GRAPHIC MODULE VER1.3 9.0 TIMING CHARACTERISTICS
Tah C/D Taw RD# WR# Tcc Tcyc
Tds Data Write Tacc Data Read
Tdh
Toh
ITEM Address Setup Time Address Hold Time RD#,WR# Cycle RD#,WR# Pulse Width Data Setup Time Data Hold Time (Write) Data Access Time Data Hold Time (Read)
SYMBLE Taw Tah Tcyc Tcc Tds Tdh Tacc Toh
MIN 10 10 200 80 80 40 10
MAX
150 50
UNIT ns ns ns ns ns ns ns ns
10.0 RELIABILITY TEST
Evaluations and Assessment* Storage Condition Operation at high temperature and humidity High temperature storage Low temperature storage Content 40C,90% RH,240hrs 60C, 240hrs -20C, 240hrs Current Consumption Twice initial value or less Twice initial value or less Twice initial value or less Oozing none none Contrast More than 80% of initial value More than 80% of initial value More than 80% of initial value Other Appearances No abnormality No abnormality No abnormality
*Evaluations and assessment to be made two hours after returning to room temperature (25C5C). *The LCDs subjected to the test must not have dew condensation.
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
7
AGM2412A SERIES GRAPHIC MODULE VER1.3 11.0 DISPLAY CONTROL INSTRUCTION
The display control instructions control the internal state of the T6963c.
COMMAND REGISTERS SETTIBG Control State CD RD WR 1 1 0
Code
D7 0 D6 0 D5 1 D4 0 D3 0 D2 N2 D1 N1 D0 N0
DESCRIPTION N2 N1 N0 0 0 1 Set Cursor Pointer 0 1 0 Set Offset Register 1 0 0 Set address Pointer N1 N0 0 0 Set Text Home Address 1 1 Set Text Area 2 0 Set Graphic Home Address 1 1 Set Graphic Area CG=0: Internal CG ROM Mode CG=1: Internal CG ROM Mode N2 N1 N0 Graphic & Text 0 0 0 OR Mode 0 0 1 Exor Mode 0 1 1 And Mode 1 0 0 Text Attribute Mode N3=0: Display Off N3=1: Display On N2=0:Text Off N2=1: Text On N1=0: Cursor Off N1=1: Cursor On N0=0: Blink Off N0=1: Blink On N2,N1,N0 Line Number of Cursor N2 N1 N0 0 0 0 1-Line Cursor (Bottom Line) 1 1 1 8-Line Cursor (8x8Dots) N1 N0 0 0 Data Auto Write 0 1 Data Auto Read 1 * Auto Reset N2=0: ADP Variable N2=1: ADP Nonvariable N1=0: Increment ADP N1 =1: Decrement ADP N0=0: Data Write N0=1: Data Read Screan Peek Screen Copy N3=0: Bit Reset N3=1: Bit Set N2, N1, N0 Bit Address 000-D0, 111-D7 Writes data DB0~DB7 into display data RAM. After writing instruction Reads data DB0~DB7 from display data RAM to the data bus.
SET CONTROL WORD
1
1
0
0
1
0
0
0
0
N1
N0
MODE SET
1
1
0
1
0
0
0
C G
N2
N1
N0
DISPLAY MODE
1
1
0
1
0
0
1
N3
N2
N1
N0
CURSOR PATTERN SELECT
1
1
0
1
0
1
0
0
N2
N1
N0
DATA AUTO READ/WRITE
1
1
0
1
0
1
1
0
0
N1
N0
DATA READ/WRITE
1
1
0
1
1
0
0
0
N2
N1
N0
SCREEN PEEK SCREEN COPY BIT SET/RESET DATA WRITE DATA READ
1 1
1 1
0 0
1 1
1 1
1 1
0 0
0 1
0 0
0 0
0 0
1
1
0
1
1
1
1
N3
N2
N1
N0
0 0
1 0
0 1
Write Data Read Data
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
8
AGM2412A SERIES GRAPHIC MODULE VER1.3
12.0PRECAUTION FOR USING LCM
1. When design the product with this LCD Module, make sure the viewing angle matches to its purpose of usage. 2. As LCD panel is made of glass substrate, Dropping the LCD module or banging it against hard objects may cause cracking or fragmentation. Especially at corners and edges. 3. Although the polarizer of this LCD Module has the anti-glare coating, always be careful not to scratch its surface. Use of a plastic cover is recommended to protect the surface of polarizer. 4. If the LCD module is stored at below specified temperature, the LC material may freeze and be deteriorated. If it is stored at above specified temperature, the molecular orientation of the LC material may change to Liquid state and it may not revert to its original state. Excessive temperature and humidity could cause polarizer peel off or bubble. Therefore, the LCD module should always be stored within specified temperature range. 5. Saliva or water droplets must be wiped off immediately as those may leave stains or cause color changes if remained for a long time. Water vapor will cause corrosion of ITO electrodes. 6. If the surface of LCD panel needs to be cleaned, wipe it swiftly with cotton or other soft cloth. If it is not still clean enough, blow a breath on the surface and wipe again. 7. The module should be driven according to the specified ratings to avoid malfunction and permanent damage. Applying DC voltage cause a rapid deterioration of LC material. Make sure to apply alternating waveform by continuous application of the M signal. Especially the power ON/OFF sequence should be kept to avoid latchup of driver LSIs and DC charge up to LCD panel. 8. Mechanical Considerations a) LCM are assembled and adjusted with a high degree of precision. Avoid excessive shocks and do not make any alterations or modifications. The following should be noted. b) Do not tamper in any way with the tabs on the metal frame. c) Do not modify the PCB by drilling extra holes, changing its outline, moving its components or modifying its pattern. d) Do not touch the elastomer connector; especially insert a backlight panel (for example, EL). e) When mounting a LCM makes sure that the PCB is not under any stress such as bending or twisting. Elastomer contacts are very delicate and missing pixels could result from slight dislocation of any of the elements. f) Avoid pressing on the metal bezel, otherwise the elastomer connector could be deformed and lose contact, resulting in missing pixels. 9. Static Electricity a) Operator Ware the electrostatics shielded clothes because human body may be statically charged if not ware shielded clothes. Never touch any of the conductive parts such as the LSI pads; the copper leads on the PCB and the interface terminals with any parts of the human body. b) Equipment There is a possibility that the static electricity is charged to the equipment, which has a function of peeling or friction action (ex: conveyer, soldering iron, working table). Earth the equipment through proper resistance 8 (electrostatic earth: 1x10 ohm). Only properly grounded soldering irons should be used. If an electric screwdriver is used, it should be well grounded and shielded from commutator sparks. The normal static prevention measures should be observed for work clothes and working benches; for the latter conductive (rubber) mat is recommended. c) Floor Floor is the important part to drain static electricity, which is generated by operators or equipment. There is a possibility that charged static electricity is not properly drained in case of insulating floor. Set the electrostatic earth (electrostatic earth: 1x108 ohm). d) Humidity Proper humidity helps in reducing the chance of generating electrostatic charges. Humidity should be kept over 50%RH. e) Transportation/storage The storage materials also need to be anti-static treated because there is a possibility that the human body or storage materials such as containers may be statically charged by friction or peeling. The modules should be kept in antistatic bags or other containers resistant to static for storage. f) Soldering
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
9
AGM2412A SERIES GRAPHIC MODULE VER1.3
Solder only to the I/O terminals.Use only soldering irons with proper grounding and no leakage. Soldering temperature : 280C 10C Soldering time: 3 to 4 sec. Use eutectic solder with resin flux fill. If flux is used, the LCD surface should be covered to avoid flux spatters. Flux residue should be removed afterwards. g) Others The laminator (protective film) is attached on the surface of LCD panel to prevent it from scratches or stains. It should be peeled off slowly using static eliminator. Static eliminator should also be installed to the workbench to prevent LCD module from static charge. 10. Operation a) Driving voltage should be kept within specified range; excess voltage shortens display life. b) Response time increases with decrease in temperature. c) Display may turn black or dark blue at temperatures above its operational range; this is (however not pressing on the viewing area) may cause the segments to appear "fractured". d) Mechanical disturbance during operation (such as pressing on the viewing area) may cause the segments to appear "fractured". 11. If any fluid leaks out of a damaged glass cell, wash off any human part that comes into contact with soap and water. The toxicity is extremely low but caution should be exercised at all the time. 12. Disassembling the LCD module can cause permanent damage and it should be strictly avoided. 13. LCD retains the display pattern when it is applied for long time (Image retention). To prevent image retention, do not apply the fixed pattern for a long time. Image retention is not a deterioration of LCD. It will be removed after display pattern is changed. 14. Do not use any materials, which emit gas from epoxy resin (hardener for amine) and silicone adhesive agent (dealcohol or deoxym) to prevent discoloration of polarizer due to gas. 15. Avoid the exposure of the module to the direct sunlight or strong ultraviolet light for a long time. The brightness of LCD module may be affected by the routing of CCFL cables due to leakage to the chassis through coupling effect. The inverter circuit needs to be designed taking the level of leakage current into consideration. Thorough evaluation is needed for LCD module and inverter built into its host equipment to
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
10


▲Up To Search▲   

 
Price & Availability of AGM2412A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X