Part Number Hot Search : 
SPD5804 AD7501 N5227 CXA1878Q ULCE13 S78D18D AH286 KMC5S050
Product Description
Full Text Search
 

To Download AFXXCB1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A Series Crystal
HC-49/U Thru-Hole Crystal RoHS Compliant Available Wide Frequency Range AT Cut ELECTRICAL SPECIFICATIONS:
Frequency Range Frequency Tolerance / Stability Operating Temperature Range Storage Temperature Aging Shunt Capacitance Load Capacitance Equivalent Series Resistance Mode of Operation Drive Level Shock Solderability Solvent Resistance Vibration Gross Leak Test Fine Leak Test
Resistance Weld ESR CHART:
1.8432MHz to 200.000MHz (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C 5ppm / first year Max 7pF Max 20pF Standard (See Part Number Guide for Options) See ESR Chart Fundamental, 3rd OT or 5th OT 2mW Max MIL-STD-883, Meth 2002, Cond B MIL-STD-883, Meth 2003 MIL-STD-202, Meth 215 MIL-STD-883, Meth 2007, Cond A MIL-STD-883, Meth 1014, Cond C MIL-STD-883, Meth 1014, Cond A Frequency Range 1.8432MHz to 1.999MHz 2.000MHz to 2.399MHz 2.400MHz to 2.999MHz 3.000MHz to 3.199MHz 3.200MHz to 3.499MHz 3.500MHz to 3.599MHz 3.600MHz to 3.999MHz 4.000MHz to 4.999MHz 5.000MHz to 5.999MHz 6.000MHz to 40.000MHz 24.000MHz to 75.000MHz 75.001MHz to 200.000MHz ESR (Ohms) 800 Max 550 Max 350 Max 250 Max 200 Max 150 Max 120 Max 100 Max 70 Max 40 Max 40 Max 100 Max Mode / Cut Fund / AT Fund / AT Fund / AT Fund / AT Fund / AT Fund / AT Fund / AT Fund / AT Fund / AT Fund / AT 3rd OT / AT 5th OT /AT
MECHANICAL DETAIL:
13.46 [.530] MAX 13.21 [.520] MAX 4.70 [.185] MAX
MARKING:
Line 1: MXX.XXX XX.XXX = Frequency in MHz Line 2: SYMCCL S = Internal Code YM = Date Code (Year/Month) CC = Crystal Parameters Code L = Denotes RoHS Compliant
M XX.XXX SYMCCL
0.43 [.017] 4.88 [.192]
DIMENSIONS IN BRACKETS ARE IN INCHES
11.20 [.441] MAX
PART NUMBER GUIDE:
A HC-49/U Frequency
RoHS Compliant Blank = Not Compliant F = Is Compliant Load Capacitance S = Series 20 = 20pF (Standard) XX = XXpF (8pF to 50pF)
Temperature Tolerance/Stability* A = 50 ppm / 100 ppm B = 30 ppm / 50 ppm C = 15 ppm / 30 ppm D = 10 ppm / 15 ppm E = 50 ppm / 50 ppm N = 10 ppm / 10 ppm
Mode of Operation 1 = Fundamental 3 = 3rd Overtone 5 = 5th Overtone Operating Temperature A = 0C to +70C B = -20C to +70C C = -40C to +85C **
Value Added Options Blank = No Added Options I = Mylar Insulator Tab L = 3rd Lead (Top of Can) 3 = 3 Lead Base G = Gull-Wing CLXXX = Cut Leads XXX = Lead Length Code
* Please consult with MMD sales department for any other parameters or options. ** Not all Frequency Tolerance/Stability options available at this temperature range.
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision 5/11/06 H


▲Up To Search▲   

 
Price & Availability of AFXXCB1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X