Part Number Hot Search : 
05W27 2N6395 AMS28505 A128A M35102 DM9801 LM052L XAV702
Product Description
Full Text Search
 

To Download AD9231BCPZ-80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9231
FEATURES
1.8 V analog supply operation 1.8 V to 3.3 V output supply SNR 71.3 dBFS at 9.7 MHz input 69.0 dBFS at 200 MHz input SFDR 93 dBc at 9.7 MHz input 83 dBc at 200 MHz input Low power 64 mW per channel at 20 MSPS 142 mW per channel at 80 MSPS Differential input with 700 MHz bandwidth On-chip voltage reference and sample-and-hold circuit 2 V p-p differential analog input DNL = 0.40 LSB Serial port control options Offset binary, gray code, or twos complement data format Optional clock duty cycle stabilizer Integer 1-to-8 input clock divider Data output multiplex option Built-in selectable digital test pattern generation Energy-saving power-down modes Data clock out with programmable clock and data alignment
FUNCTIONAL BLOCK DIAGRAM
AVDD GND SDIO SCLK CSB
SPI
VIN+A ADC VIN-A
PROGRAMMING DATA
CMOS OUTPUT BUFFER
ORA D11A D0A DCOA
VREF SENSE VCM RBIAS VIN-B ADC VIN+B REF SELECT
MUX OPTION
AD9231
DRVDD
CMOS OUTPUT BUFFER
ORB D11B D0B DCOB
DIVIDE 1 TO 8
DUTY CYCLE STABILIZER
MODE CONTROLS
08121-001
CLK+ CLK-
SYNC
DCS
PDWN DFS OEB
Figure 1.
PRODUCT HIGHLIGHTS
1. The AD9231 operates from a single 1.8 V analog power supply and features a separate digital output driver supply to accommodate 1.8 V to 3.3 V logic families. The patented sample-and-hold circuit maintains excellent performance for input frequencies up to 200 MHz and is designed for low cost, low power, and ease of use. A standard serial port interface supports various product features and functions, such as data output formatting, internal clock divider, power-down, DCO/DATA timing and offset adjustments, and voltage reference modes. The AD9231 is packaged in a 64-lead RoHS compliant LFCSP that is pin compatible with the AD9268 16-bit ADC, the AD9258 14-bit ADC, the AD9251 14-bit ADC, and the AD9204 10-bit ADC, enabling a simple migration path between 10-bit and 16-bit converters sampling from 20 MSPS to 125 MSPS.
APPLICATIONS
Communications Diversity radio systems Multimode digital receivers GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA I/Q demodulation systems Smart antenna systems Battery-powered instruments Hand held scope meters Portable medical imaging Ultrasound Radar/LIDAR
2.
3.
4.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2009 Analog Devices, Inc. All rights reserved.
AD9231 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications ....................................................................................... 1 Functional Block Diagram .............................................................. 1 Product Highlights ........................................................................... 1 Revision History ............................................................................... 2 General Description ......................................................................... 3 Specifications..................................................................................... 4 DC Specifications ......................................................................... 4 AC Specifications.......................................................................... 5 Digital Specifications ................................................................... 6 Switching Specifications .............................................................. 7 Timing Specifications .................................................................. 8 Absolute Maximum Ratings............................................................ 9 Thermal Characteristics .............................................................. 9 ESD Caution .................................................................................. 9 Pin Configuration and Function Descriptions ........................... 10 Typical Performance Characteristics ........................................... 12 AD9231-80 .................................................................................. 12 AD9231-65 .................................................................................. 14 AD9231-40 .................................................................................. 15 AD9231-20 .................................................................................. 16 Equivalent Circuits ......................................................................... 17 Theory of Operation ...................................................................... 19 ADC Architecture ...................................................................... 19 Analog Input Considerations.................................................... 19 Voltage Reference ....................................................................... 22 Clock Input Considerations ...................................................... 23 Channel/Chip Synchronization ................................................ 25 Power Dissipation and Standby Mode .................................... 25 Digital Outputs ........................................................................... 26 Timing ......................................................................................... 26 Built-In Self-Test (BIST) and Output Test .................................. 27 Built-In Self-Test (BIST) ............................................................ 27 Output Test Modes ..................................................................... 27 Serial Port Interface (SPI) .............................................................. 28 Configuration Using the SPI ..................................................... 28 Hardware Interface..................................................................... 29 Configuration Without the SPI ................................................ 29 SPI Accessible Features .............................................................. 29 Memory Map .................................................................................. 30 Reading the Memory Map Register Table............................... 30 Open Locations .......................................................................... 30 Default Values ............................................................................. 30 Memory Map Register Table ..................................................... 31 Memory Map Register Descriptions ........................................ 33 Applications Information .............................................................. 34 Design Guidelines ...................................................................... 34 Outline Dimensions ....................................................................... 35 Ordering Guide .......................................................................... 35
REVISION HISTORY
10/09--Revision 0: Initial Version
Rev. 0 | Page 2 of 36
AD9231 GENERAL DESCRIPTION
The AD9231 is a monolithic, dual-channel, 1.8 V supply, 12-bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS analog-to-digital converter (ADC). It features a high performance sample-and-hold circuit and on-chip voltage reference. The product uses multistage differential pipeline architecture with output error correction logic to provide 12-bit accuracy at 80 MSPS data rates and to guarantee no missing codes over the full operating temperature range. The ADC contains several features designed to maximize flexibility and minimize system cost, such as programmable clock and data alignment and programmable digital test pattern generation. The available digital test patterns include built-in deterministic and pseudorandom patterns, along with custom user-defined test patterns entered via the serial port interface (SPI). A differential clock input controls all internal conversion cycles. An optional duty cycle stabilizer (DCS) compensates for wide variations in the clock duty cycle while maintaining excellent overall ADC performance. The digital output data is presented in offset binary, gray code, or twos complement format. A data output clock (DCO) is provided for each ADC channel to ensure proper latch timing with receiving logic. Both 1.8 V and 3.3 V CMOS levels are supported, and output data can be multiplexed onto a single output bus. The AD9231 is available in a 64-lead RoHS compliant LFCSP and is specified over the industrial temperature range (-40C to +85C).
Rev. 0 | Page 3 of 36
AD9231 SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted. Table 1.
Parameter RESOLUTION ACCURACY No Missing Codes Offset Error Gain Error 1 Differential Nonlinearity (DNL) 2 Integral Nonlinearity (INL)2 MATCHING CHARACTERISTICS Offset Error Gain Error1 TEMPERATURE DRIFT Offset Error INTERNAL VOLTAGE REFERENCE Output Voltage (1 V Mode) Load Regulation Error at 1.0 mA INPUT-REFERRED NOISE VREF = 1.0 V ANALOG INPUT Input Span, VREF = 1.0 V Input Capacitance 3 Input Common-Mode Voltage Input Common-Mode Range REFERENCE INPUT RESISTANCE POWER SUPPLIES Supply Voltage AVDD DRVDD Supply Current IAVDD2 IDRVDD2 (1.8 V) IDRVDD2 (3.3 V) POWER CONSUMPTION DC Input
Sine Wave Input2 (DRVDD = 1.8 V) Sine Wave Input2 (DRVDD = 3.3 V)
Temp Full Full Full Full Full 25C Full 25C 25C 25C Full Full Full 25C Full Full Full Full Full
AD9231-20/AD9231-40 Min Typ Max 12 Guaranteed 0.05 0.5 -1.5 0.30 0.12 0.45 0.15 0.0 0.3 2 0.981 0.993 2 0.25 2 6 0.9 0.5 7.5 1.3 1.005 0.70
Min 12
AD9231-65 Typ Max
Min 12
AD9231-80 Typ Max
Unit Bits
Guaranteed 0.05 0.5 -1.5 0.40 0.17 0.50 0.17 0.0 0.3 2 0.981 0.993 2 0.25 2 6 0.9 0.5 7.5 1.3 0.5 1.005 0.60
Guaranteed 0.05 0.5 -1.5 0.40 0.2 0.65 0.2 0.0 0.4 2 0.981 0.993 2 0.25 2 6 0.9 1.3 7.5 1.005 0.60
% FSR % FSR LSB LSB LSB LSB % FSR % FSR ppm/C V mV LSB rms V p-p pF V V k
Full Full Full Full Full Full Full Full Full Full
1.7 1.7
1.8
1.9 3.6 37.7/52.2
1.7 1.7
1.8
1.9 3.6 72.4
1.7 1.7
1.8
1.9 3.6 83.4
V V mA mA mA mW mW mW mW mW
35.7/49.0 3.0/5.1 5.9/10.1 63.5/87.1 69.7/97.3 83.7/121.5 37/37 2.2
69 7.4 14.9 122.9 138.0 173.4 37 2.2
80.0 9.1 18.3 141.8 160.4 204 37 2.2
73.3/103.0
143.8
166.5
Standby Power 4 Power-Down Power
1 2 3
Measured with 1.0 V external reference. Measured with a 10 MHz input frequency at rated sample rate, full-scale sine wave, with approximately 5 pF loading on each output bit. Input capacitance refers to the effective capacitance between one differential input pin and AGND. 4 Standby power is measured with a dc input and the CLK active.
Rev. 0 | Page 4 of 36
AD9231
AC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted. Table 2.
Parameter 1 SIGNAL-TO-NOISE RATIO (SNR) fIN = 9.7 MHz fIN = 30.5 MHz fIN = 70 MHz fIN = 200 MHz SIGNAL-TO-NOISE-AND-DISTORTION (SINAD) fIN = 9.7 MHz fIN = 30.5 MHz fIN = 70 MHz fIN = 200 MHz EFFECTIVE NUMBER OF BITS (ENOB) fIN = 9.7 MHz fIN = 30.5 MHz fIN = 70 MHz fIN = 200 MHz WORST SECOND OR THIRD HARMONIC fIN = 9.7 MHz fIN = 30.5 MHz fIN = 70 MHz fIN = 200 MHz SPURIOUS-FREE DYNAMIC RANGE (SFDR) fIN = 9.7 MHz fIN = 30.5 MHz fIN = 70 MHz fIN = 200 MHz WORST OTHER (HARMONIC OR SPUR) fIN = 9.7 MHz fIN = 30.5 MHz fIN = 70 MHz fIN = 200 MHz TWO-TONE SFDR fIN = 28.3 MHz (-7 dBFS), 30.6 MHz (-7 dBFS) CROSSTALK 2 ANALOG INPUT BANDWIDTH
1 2
Temp 25C 25C Full 25C Full 25C 25C 25C Full 25C Full 25C 25C 25C 25C 25C 25C 25C Full 25C Full 25C 25C 25C Full 25C Full 25C 25C 25C Full 25C Full 25C 25C Full 25C
AD9231-20/AD9231-40 Min Typ Max 70.7/71.5 70.6/71.3 70.1/70.7 70.5/71.0 69.0 70.6/71.4 70.6/71.2 70.1/70.6 70.4/70.9 68 11.4/11.6 11.4/11.5 11.4/11.5 11.0 -95 -95 -81 -92/-94 -83 95 95 81 92/94 83 -98 -97/-98 -90 -97/-98 -92 90 -110 700
AD9231-65 Min Typ Max 71.4 71.3 70.5 71.0
AD9231-80 Min Typ Max 71.3 71.2 70.9 70.1 69.0 71.2 71.1 70.8 70.0 68 11.5 11.5 11.5 11.0 -93 -93
Unit dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS Bits Bits Bits Bits dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc MHz
69.0 71.3 71.2 70.0 70.9 68 11.6 11.5 11.5 11.0 -95 -95 -81 -94 -83 95 95 81 94 81 83 -98 -98 -90 -98 -92 90 -110 700
-92 -81 -83 93 93 92 83 -97 -97 -95 -89 -92 90 -110 700
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions. Crosstalk is measured at 100 MHz with -1.0 dBFS on one channel and no input on the alternate channel. Rev. 0 | Page 5 of 36
AD9231
DIGITAL SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted. Table 3.
Parameter DIFFERENTIAL CLOCK INPUTS (CLK+, CLK-) Logic Compliance Internal Common-Mode Bias Differential Input Voltage Input Voltage Range High Level Input Current Low Level Input Current Input Resistance Input Capacitance LOGIC INPUTS (SCLK/DFS, SYNC, PDWN) 1 High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current Input Resistance Input Capacitance LOGIC INPUTS (CSB) 2 High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current Input Resistance Input Capacitance LOGIC INPUTS (SDIO1/DCS2) High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current Input Resistance Input Capacitance DIGITAL OUTPUTS DRVDD = 3.3 V High Level Output Voltage, IOH = 50 A High Level Output Voltage, IOH = 0.5 mA Low Level Output Voltage, IOL = 1.6 mA Low Level Output Voltage, IOL = 50 A DRVDD = 1.8 V High Level Output Voltage, IOH = 50 A High Level Output Voltage, IOH = 0.5 mA Low Level Output Voltage, IOL = 1.6 mA Low Level Output Voltage, IOL = 50 A
1 2
Temp
Min
AD9231-20/AD9231-40/AD9231-65/AD9231-80 Typ Max CMOS/LVDS/LVPECL 0.9
Unit
Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full
0.2 GND - 0.3 -10 -10 8
10 4
3.6 AVDD + 0.2 +10 +10 12
V V p-p V A A k pF V V A A k pF V V A A k pF V V A A k pF
1.2 0 -50 -10 30 2 1.2 0 -10 40 26 2 1.2 0 -10 40 26 5
DRVDD + 0.3 0.8 -75 +10
DRVDD + 0.3 0.8 +10 135
DRVDD + 0.3 0.8 +10 130
Full Full Full Full Full Full Full Full
3.29 3.25 0.2 0.05 1.79 1.75 0.2 0.05
V V V V V V V V
Internal 30 k pull-down. Internal 30 k pull-up.
Rev. 0 | Page 6 of 36
AD9231
SWITCHING SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted. Table 4.
Parameter CLOCK INPUT PARAMETERS Input Clock Rate Conversion Rate 1 CLK Period--Divide-by-1 Mode (tCLK) CLK Pulse Width High (tCH) Aperture Delay (tA) Aperture Uncertainty (Jitter, tJ) DATA OUTPUT PARAMETERS Data Propagation Delay (tPD) DCO Propagation Delay (tDCO) DCO to Data Skew (tSKEW) Pipeline Delay (Latency) Wake-Up Time 2 Standby OUT-OF-RANGE RECOVERY TIME
1 2
Temp Full Full Full Full Full Full Full Full Full Full Full Full
AD9231-20/AD9231-40 Min Typ Max 625 20/40 25.0/12.5 1.0 0.1 3 3 0.1 9 350 600/400 2
Min
AD9231-65 Typ Max 625 65 7.69 1.0 0.1 3 3 0.1 9 350 300 2
Min
AD9231-80 Typ Max 625 80 6.25 1.0 0.1 3 3 0.1 9 350 260 2
Unit MHz MSPS ns ns ns ps rms ns ns ns Cycles s ns Cycles
3
50/25
3 15.38
3 12.5
Conversion rate is the clock rate after the CLK divider. Wake-up time is dependent on the value of the decoupling capacitors.
N-1 N VIN N+1 N+2
tA
N+3
N+4 N+5
tCH
CLK+ CLK-
tCLK
tDCO
DCOA/DCOB
tSKEW
08121-002 08121-003
CH A/CH B DATA
N-9
N-8
N-7
N-6
N-5
tPD
Figure 2. CMOS Output Data Timing
N-1 N VIN
tA
N+3 N+1
N+4 N+5
N+2
tCH
CLK+ CLK-
tCLK
tDCO
DCOA/DCOB
tSKEW
CH A/CH B DATA CH A N-9 CH B N-9 CH A N-8 CH B N-8 CH A N-7 CH B N-7 CH A N-6 CH B N-6 CH A N-5
tPD
Figure 3. CMOS Interleaved Output Timing
Rev. 0 | Page 7 of 36
AD9231
TIMING SPECIFICATIONS
Table 5.
Parameter SYNC TIMING REQUIREMENTS tSSYNC tHSYNC SPI TIMING REQUIREMENTS tDS tDH tCLK tS tH tHIGH tLOW tEN_SDIO tDIS_SDIO Conditions SYNC to rising edge of CLK setup time SYNC to rising edge of CLK hold time Setup time between the data and the rising edge of SCLK Hold time between the data and the rising edge of SCLK Period of the SCLK Setup time between CSB and SCLK Hold time between CSB and SCLK SCLK pulse width high SCLK pulse width low Time required for the SDIO pin to switch from an input to an output relative to the SCLK falling edge Time required for the SDIO pin to switch from an output to an input relative to the SCLK rising edge 2 2 40 2 2 10 10 10 10 Min Typ 0.24 0.40 Max Unit ns ns ns ns ns ns ns ns ns ns ns
CLK+
tSSYNC
SYNC
tHSYNC
08121-004
Figure 4. SYNC Input Timing Requirements
Rev. 0 | Page 8 of 36
AD9231 ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter AVDD to AGND DRVDD to AGND VIN+A, VIN+B, VIN-A, VIN-B to AGND CLK+, CLK- to AGND SYNC to AGND VREF to AGND SENSE to AGND VCM to AGND RBIAS to AGND CSB to AGND SCLK/DFS to AGND SDIO/DCS to AGND OEB to AGND PDWN to AGND D0A/D0B through D11A/D11B to AGND DCOA/DCOB to AGND Operating Temperature Range (Ambient) Maximum Junction Temperature Under Bias Storage Temperature Range (Ambient) Rating -0.3 V to +2.0 V -0.3 V to +3.9 V -0.3 V to AVDD + 0.2 V -0.3 V to AVDD + 0.2 V -0.3 V to DRVDD + 0.3 V -0.3 V to AVDD + 0.2 V -0.3 V to AVDD + 0.2 V -0.3 V to AVDD + 0.2 V -0.3 V to AVDD + 0.2 V -0.3 V to DRVDD + 0.3 V -0.3 V to DRVDD + 0.3 V -0.3 V to DRVDD + 0.3 V -0.3 V to DRVDD + 0.3 V -0.3 V to DRVDD + 0.3 V -0.3 V to DRVDD + 0.3 V -0.3 V to DRVDD + 0.3 V -40C to +85C 150C -65C to +150C
THERMAL CHARACTERISTICS
The exposed paddle is the only ground connection for the chip. The exposed paddle must be soldered to the AGND plane of the user's circuit board. Soldering the exposed paddle to the user's board also increases the reliability of the solder joints and maximizes the thermal capability of the package. Table 7. Thermal Resistance
Airflow Velocity (m/sec) 0 1.0 2.5
Package Type 64-Lead LFCSP 9 mm x 9 mm (CP-64-4)
1 2 3
JA1, 2 23 20 18
JC1, 3 2.0
JB1, 4 12
Unit C/W C/W C/W
Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board. Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air). Per MIL-Std 883, Method 1012.1. 4 Per JEDEC JESD51-8 (still air).
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Typical JA is specified for a 4-layer PCB with a solid ground plane. As shown in Table 7, airflow improves heat dissipation, which reduces JA. In addition, metal in direct contact with the package leads from metal traces, through holes, ground, and power planes, reduces the JA.
ESD CAUTION
Rev. 0 | Page 9 of 36
AD9231 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AVDD AVDD VIN+B VIN-B AVDD AVDD RBIAS VCM SENSE VREF AVDD AVDD VIN-A VIN+A AVDD AVDD 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
CLK+ CLK- SYNC NC NC NC NC (LSB) D0B D1B DRVDD D2B D3B D4B D5B D6B D7B
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
PIN 1 INDICATOR
AD9231
TOP VIEW (Not to Scale)
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
PDWN OEB CSB SCLK/DFS SDIO/DCS ORA D11A (MSB) D10A D9A D8A D7A DRVDD D6A D5A D4A D3A
D8B D9B DRVDD D10B (MSB) D11B ORB DCOB DCOA NC NC NC DRVDD NC (LSB) D0A D1A D2A
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
NOTES 1. NC = NO CONNECT. 2. THE EXPOSED PADDLE MUST BE SOLDERED TO THE PCB GROUND TO ENSURE PROPER HEAT DISSIPATION, NOISE, AND MECHANICAL STRENGTH BENEFITS.
Figure 5. Pin Configuration
Table 8. Pin Function Description
Pin No. 0 1, 2 3 4, 5, 6, 7, 25, 26, 27, 29 8 to 9, 11 to 18, 20, 21 10, 19, 28, 37 22 23 24 30 to 36, 38 to 42 43 44 Mnemonic GND CLK+, CLK- SYNC NC D0B to D11B DRVDD ORB DCOB DCOA D0A to D11A ORA SDIO/DCS Description Exposed paddle is the only ground connection for the chip. Must be connected to PCB AGND. Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs. Digital Input. SYNC input to clock divider. 30 k internal pull-down. Do Not Connect. Channel B Digital Outputs. D11B = MSB. Digital Output Driver Supply (1.8 V to 3.3 V). Channel B Out-of-Range Digital Output. Channel B Data Clock Digital Output. Channel A Data Clock Digital Output. Channel A Digital Outputs. D11A = MSB. Channel A Out-of-Range Digital Output. SPI Data Input/Output (SDIO). Bidirectional SPI Data I/O in SPI mode. 30 k internal pulldown in SPI mode. Duty Cycle Stabilizer (DCS). Static enable input for duty cycle stabilizer in non-SPI mode. 30 k internal pull-up in non-SPI (DCS) mode. SPI Clock (SCLK) Input in SPI mode. 30 k internal pull-down. Data Format Select (DFS). Static control of data output format in non-SPI mode. 30 k internal pull-down. DFS high = twos complement output. DFS low = offset binary output. SPI Chip Select. Active low enable; 30 k internal pull-up. Digital Input. Enable Channel A and Channel B digital outputs if low, tristate outputs if high. 30 k internal pull-down. Digital Input. 30 k internal pull-down. PDWN high = power-down device. PDWN low = run device, normal operation.
Rev. 0 | Page 10 of 36
45
SCLK/DFS
46 47 48
CSB OEB PDWN
08121-005
AD9231
Pin No. 49, 50, 53, 54, 59, 60, 63, 64 51, 52 55 56 57 58 61, 62 Mnemonic AVDD VIN+A, VIN-A VREF SENSE VCM RBIAS VIN-B, VIN+B Description 1.8 V Analog Supply Pins. Channel A Analog Inputs. Voltage Reference Input/Output. Reference Mode Selection. Analog output voltage at midsupply to set common mode of the analog inputs. Sets Analog Current Bias. Connect to 10 k (1% tolerance) resistor to ground. Channel B Analog Inputs.
Rev. 0 | Page 11 of 36
AD9231 TYPICAL PERFORMANCE CHARACTERISTICS
AD9231-80
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted.
0 -15 -30 80MSPS 9.7MHz @ -1dBFS SNR = 70.2dB (71.2dBFS) SFDR = 93.6dBc
0 -15 -30
AMPLITUDE (dBFS)
80MSPS 100.3MHz @ -1dBFS SNR = 69.5dB (70.5dBFS) SFDR = 87.7dBc
AMPLITUDE (dBFS)
-45 -60 -75 -90 -105 -120
08121-054
-45 -60 -75 -90 4 -105 -120
08121-057 08121-059 08121-058
3 5
2 6
+
+
3
5
4
2 6
-135 0 4 8 12 16 20 24 28 FREQUENCY (MHz) 32 36 40
-135 0 4 8 12 16 20 24 28 FREQUENCY (MHz) 32 36 40
Figure 6. AD9231-80 Single-Tone FFT with fIN = 9.7 MHz
0 -15 -30
AMPLITUDE (dBFS)
Figure 9. AD9231-80 Single-Tone FFT with fIN = 100.3 MHz
0
80MSPS 30.6MHz @ -1dBFS SNR = 70.1dB (71.1dBFS) SFDR = 94.4dBc
AMPLITUDE (dBFS)
-15 -30 -45 -60 -75 -90 -105 -120
08121-055
80MSPS 210.3MHz @ -1dBFS SNR = 67.9dB (68.9dBFS) SFDR = 83.2dBc
-45 -60 -75 -90 -105 -120 -135 0 4 8 12 16 20 24 28 FREQUENCY (MHz) 32 36 40 5 3 2 + 6 4
3 5 6
2 + 4
-135 0 4 8 12 16 20 24 28 FREQUENCY (MHz) 32 36 40
Figure 7. AD9231-80 Single-Tone FFT with fIN = 30.6 MHz
0 -15 -30
AMPLITUDE (dBFS)
Figure 10. AD9231-80 Single-Tone FFT with fIN = 210.3 MHz
0
80MSPS 69MHz @ -1dBFS SNR = 69.9dB (70.9dBFS) SFDR = 94.3dBc
AMPLITUDE (dBFS)
-15 -30 -45 -60 -75 -90 -105 -120
08121-056
80MSPS 28.3 @ -7dBFS 30.6 @ -7dBFS SFDR = 90dBc
-45 -60 -75 -90 -105 -120 -135 0 4 8 12 16 20 24 28 FREQUENCY (MHz) 32 36 40
+
6
2
5
3
4
F2 - F1 2F2 - F1 2F1 + F2
F1 + F2
2F2 - F1
2F1 - F2
-135 0 4 8 12 16 20 24 28 FREQUENCY (MHz) 32 36 40
Figure 8. AD9231-80 Single-Tone FFT with fIN = 69 MHz
Figure 11. AD9231-80 Two-Tone FFT with fIN1 = 28.3 MHz and fIN2 = 30.6 MHz
Rev. 0 | Page 12 of 36
AD9231
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted.
0
100 90 SFDR SNRFS 70 60 50 40 30 20 10
IMD3 (dBFS) -60 -50 -40 -30 -20 INPUT AMPLITUDE (dBFS) -10
08121-060 08121-062
08121-066
-20
80
SFDR/IMD3 (dBc/dBFS)
-40 IMD3 (dBc) -60
-80 SFDR (dBFS) -100
-120 -70
SNRFS/SFDR (dBFS/dBc)
SFDR (dBc)
0 10 20 30 40 50 60 70 80 SAMPLE RATE (MHz)
Figure 12. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with fIN1 = 28.3 MHz and fIN2 = 30.6 MHz
100 SFDR 90 80
Figure 15. AD9231-80 SNR/SFDR vs. Sample Rate with AIN = 9.7 MHz
100 90 80
SNR/SFDR (dBc AND dBFS)
SFDRFS SNRFS
SNR/SFDR (dBFS/dBc)
SNR 70 60 50 40 30 20 10
08121-061
70 60 50 SNR 40 30 20 10 SFDR
0
50
100 150 INPUT FREQUENCY (MHz)
200
-60
-50 -40 -30 -20 INPUT AMPLITUDE (dBc)
-10
0
Figure 13. AD9231-80 SNR/SFDR vs. Input Frequency (AIN) with 2 V p-p Full Scale
0.3
Figure 16. AD9231-80 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
0.4
0.2
0.2
DNL ERROR (LSB) INL ERROR (LSB)
0.1
0
0
-0.1
-0.2
-0.2
08121-063
-0.3 0 500 1000 1500 2000 2500 OUTPUT CODE 3000 3500 4000
0.4 0 500 1000 1500 2000 2500 OUTPUT CODE 3000 3500 4000
Figure 14. AD9231-80 DNL Error with fIN = 9.7 MHz
Figure 17. AD9231-80 INL with fIN = 9.7 MHz
Rev. 0 | Page 13 of 36
08121-064
0
0 -70
AD9231
AD9231-65
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted.
0 -15 -30
AMPLITUDE (dBFS)
120
-45 -60 -75 -90 -105 -120
08121-067
SNR/SFDR (dBc AND dBFS)
65MSPS 9.7MHz @ -1dBFS SNR =70.3 (71.3dBFS) SFDR = 94.2dBc
100
SFDRFS
80
SNRFS
60 SFDR 40 SNR 20
+ 6 5
2 4
3
0
3
6
9
12 15 18 21 FREQUENCY (MHz)
24
27
30
33
-60
-50 -40 -30 -20 INPUT AMPLITUDE (dBc)
-10
0
Figure 18. AD9231-65 Single-Tone FFT with fIN = 9.7 MHz
Figure 21. AD9231-65 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
100
0 -15 -30
AMPLITUDE (dBFS)
SNR/SFDR (dBFS/dBc)
65MSPS 30.6MHz @ -1dBFS SNR = 70.2dB (71.2dBFS) SFDR = 94.1dBc
90 80
SFDR
SNR 70 60 50 40 30 20 10
-45 -60 -75 -90 2 -105 -120
08121-069
+ 4 6
5
3
0
3
6
9
12 15 18 21 FREQUENCY (MHz)
24
27
30
33
0
50
100
150
200
INPUT FREQUENCY (MHz)
Figure 19. AD9231-65 Single-Tone FFT with fIN = 30.6 MHz
0 -15 -30
AMPLITUDE (dBFS)
Figure 22. AD9231-65 SNR/SFDR vs. Input Frequency (AIN) with 2 V p-p Full Scale
65MSPS 69MHz @ -1dBFS SNR = 69.9dB (70.9dBFS) SFDR = 92.0dBc
-45 -60 -75 -90 -105 -120
08121-068
2 3 4
+ 5 6
-135 0 3 6 9 12 15 18 21 FREQUENCY (MHz) 24 27 30 33
Figure 20. AD9231-65 Single-Tone FFT with fIN = 69 MHz
Rev. 0 | Page 14 of 36
08121-071
-135
0
08121-070
-135
0 -70
AD9231
AD9231-40
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted.
0 -15 -30
AMPLITUDE (dBFS)
120
-45 -60 -75 -90 -105 -120
08121-072
SNR/SFDR (dBc AND dBFS)
40MSPS 9.7MHz @ -1dBFS SNR = 70.3dB (71.3dBFS) SFDR = 93.8dBc
100
SFDRFS
80
SNRFS
60 SFDR 40 SNR 20
4
5
3
+ 6
2
0
2
4
6
8 10 12 14 FREQUENCY (MHz)
16
18
20
-60
-50 -40 -30 -20 INPUT AMPLITUDE (dBc)
-10
0
Figure 23. AD9231-40 Single-Tone FFT with fIN = 9.7 MHz
0 -15 -30
AMPLITUDE (dBFS)
Figure 25. AD9231-40 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
40MSPS 30.6MHz @ -1dBFS SNR = 70.2dB (71.2dBFS) SFDR = 95.4dBc
-45 -60 -75 -90 -105 -120
08121-073
+ 5 4
3
6
2
-135 0 2 4 6 8 10 12 14 FREQUENCY (MHz) 16 18 20
Figure 24. AD9231-40 Single-Tone FFT with fIN = 30.6 MHz
Rev. 0 | Page 15 of 36
08121-074
-135
0 -70
AD9231
AD9231-20
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = -1.0 dBFS, DCS disabled, unless otherwise noted.
0 -15 -30
AMPLITUDE (dBFS)
120 20MSPS 9.7MHz @ -1dBFS SNR = 70.3dB (71.3dBFS) SFDR = 94.1dBc
100
SNR/SFDR (dBc AND dBFS)
SFDRFS
-45 -60 -75 -90 -105 -120
08121-075
80 SNRFS 60
SFDR
2 4 6
+
40 SNR 20
5
3
0
0.95 1.90 2.85 3.80 4.75 5.70 6.65 7.60 8.55 9.50 FREQUENCY (MHz)
-60
-50 -40 -30 -20 INPUT AMPLITUDE (dBc)
-10
0
Figure 26. AD9231-20 Single-Tone FFT with fIN = 9.7 MHz
0 -15 -30 AMPLITUDE (dBFS) -45 -60 -75 -90 2 -105 -120
08121-076
Figure 28. AD9231-20 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
20MSPS 30.6MHz @ -1dBFS SNR = 70.2dB (71.2dBFS) SFDR = 94.6dBc
+ 4 6
5
3
-135 0 0.95 1.90 2.85 3.80 4.75 5.70 6.65 7.60 8.55 9.50 FREQUENCY (MHz)
Figure 27. AD9231-20 Single-Tone FFT with fIN = 30.6 MHz
Rev. 0 | Page 16 of 36
08121-077
-135
0 -70
AD9231 EQUIVALENT CIRCUITS
AVDD
DRVDD
VINx
08121-039
Figure 29. Equivalent Analog Input Circuit
Figure 32. Equivalent Digital Output Circuit
CLK+
5
15k 0.9V
15k 5 CLK-
SCLK/DFS, SYNC, OEB, AND PDWN
DRVDD
350 30k
08121-042
08121-040
Figure 30. Equivalent Clock Input Circuit
Figure 33. Equivalent SCLK/DFS, SYNC, OEB, and PDWN Input Circuit
AVDD
AVDD
DRVDD 30k 350 SDIO/DCS 30k
RBIAS AND VCM
375
08121-041
Figure 31. Equivalent SDIO/DCS Input Circuit
Figure 34. Equivalent RBIAS and VCM Circuit
Rev. 0 | Page 17 of 36
08121-044
08121-043
AD9231
DRVDD
AVDD
AVDD 350 CSB 30k
375 VREF
08121-045
08121-047
7.5k
Figure 35. Equivalent CSB Input Circuit
Figure 37. Equivalent VREF Circuit
AVDD
375 SENSE
Figure 36. Equivalent SENSE Circuit
08121-046
Rev. 0 | Page 18 of 36
AD9231 THEORY OF OPERATION
The AD9231 dual ADC design can be used for diversity reception of signals, where the ADCs are operating identically on the same carrier but from two separate antennae. The ADCs can also be operated with independent analog inputs. The user can sample any fS/2 frequency segment from dc to 200 MHz, using appropriate low-pass or band-pass filtering at the ADC inputs with little loss in ADC performance. Operation to 300 MHz analog input is permitted but occurs at the expense of increased ADC noise and distortion. In nondiversity applications, the AD9231 can be used as a baseband or direct downconversion receiver, where one ADC is used for I input data and the other is used for Q input data. Synchronization capability is provided to allow synchronized timing between multiple channels or multiple devices. Programming and control of the AD9231 is accomplished using a 3-bit SPI-compatible serial interface.
VIN-x
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9231 is a differential switchedcapacitor circuit designed for processing differential input signals. This circuit can support a wide common-mode range while maintaining excellent performance. By using an input common-mode voltage of midsupply, users can minimize signal-dependent errors and achieve optimum performance.
H
CPAR
VIN+x H
CSAMPLE
S S S S
CSAMPLE CPAR
H H
08121-006
ADC ARCHITECTURE
The AD9231 architecture consists of a multistage, pipelined ADC. Each stage provides sufficient overlap to correct for flash errors in the preceding stage. The quantized outputs from each stage are combined into a final 12-bit result in the digital correction logic. The pipelined architecture permits the first stage to operate with a new input sample while the remaining stages operate with preceding samples. Sampling occurs on the rising edge of the clock. Each stage of the pipeline, excluding the last, consists of a low resolution flash ADC connected to a switched-capacitor DAC and an interstage residue amplifier (for example, a multiplying digital-to-analog converter (MDAC)). The residue amplifier magnifies the difference between the reconstructed DAC output and the flash input for the next stage in the pipeline. One bit of redundancy is used in each stage to facilitate digital correction of flash errors. The last stage simply consists of a flash ADC. The output staging block aligns the data, corrects errors, and passes the data to the CMOS output buffers. The output buffers are powered from a separate (DRVDD) supply, allowing adjustment of the output voltage swing. During power-down, the output buffers go into a high impedance state.
Figure 38. Switched-Capacitor Input Circuit
The clock signal alternately switches the input circuit between sample-and-hold mode (see Figure 38). When the input circuit is switched to sample mode, the signal source must be capable of charging the sample capacitors and settling within one-half of a clock cycle. A small resistor in series with each input can help reduce the peak transient current injected from the output stage of the driving source. In addition, low Q inductors or ferrite beads can be placed on each leg of the input to reduce high differential capacitance at the analog inputs and, therefore, achieve the maximum bandwidth of the ADC. Such use of low Q inductors or ferrite beads is required when driving the converter front end at high IF frequencies. Either a shunt capacitor or two single-ended capacitors can be placed on the inputs to provide a matching passive network. This ultimately creates a low-pass filter at the input to limit unwanted broadband noise. See the AN-742 Application Note, the AN-827 Application Note, and the Analog Dialogue article "Transformer-Coupled Front-End for Wideband A/D Converters" (Volume 39, April 2005) for more information. In general, the precise values depend on the application.
Rev. 0 | Page 19 of 36
AD9231
Input Common Mode
The analog inputs of the AD9231 are not internally dc-biased. Therefore, in ac-coupled applications, the user must provide a dc bias externally. Setting the device so that VCM = AVDD/2 is recommended for optimum performance, but the device can function over a wider range with reasonable performance, as shown in Figure 39 and Figure 40. An on-board, common-mode voltage reference is included in the design and is available from the VCM pin. The VCM pin must be decoupled to ground by a 0.1 F capacitor, as described in the Applications Information section.
100 SFDR (dBc) 90 SNR/SFDR (dBFS/dBc)
The output common-mode voltage of the ADA4938-2 is easily set with the VCM pin of the AD9231 (see Figure 41), and the driver can be configured in a Sallen-Key filter topology to provide band limiting of the input signal.
200 VIN 76.8 90 33 VIN-x AVDD
ADA4938
0.1F 120 200
10pF
ADC
VIN+x VCM
08121-007 08121-008
33
Figure 41. Differential Input Configuration Using the ADA4938-2
For baseband applications below ~10 MHz where SNR is a key parameter, differential transformer-coupling is the recommended input configuration. An example is shown in Figure 42. To bias the analog input, the VCM voltage can be connected to the center tap of the secondary winding of the transformer.
VIN+x R
80 SNR (dBFS) 70
R 2V p-p 49.9
C
ADC
VIN-x VCM
60
0.1F
Figure 42. Differential Transformer-Coupled Configuration
08121-149
50 0.5
0.6
0.7 0.8 0.9 1.0 1.1 INPUT COMMON-MODE VOLTAGE (V)
1.2
1.3
Figure 39. SNR/SFDR vs. Input Common-Mode Voltage, fIN = 32.1 MHz, fS = 80 MSPS
100
The signal characteristics must be considered when selecting a transformer. Most RF transformers saturate at frequencies below a few megahertz (MHz). Excessive signal power can also cause core saturation, which leads to distortion. At input frequencies in the second Nyquist zone and above, the noise performance of most amplifiers is not adequate to achieve the true SNR performance of the AD9231. For applications above ~10 MHz where SNR is a key parameter, differential double balun coupling is the recommended input configuration (see Figure 44). An alternative to using a transformer-coupled input at frequencies in the second Nyquist zone is to use the AD8352 differential driver. An example is shown in Figure 45. See the AD8352 data sheet for more information. In any configuration, the value of Shunt Capacitor C is dependent on the input frequency and source impedance and may need to be reduced or removed. Table 9 displays the suggested values to set the RC network. However, these values are dependent on the input signal and should be used only as a starting guide. Table 9. Example RC Network
Frequency Range (MHz) 0 to 70 70 to 200 R Series ( Each) 33 125 C Differential (pF) 22 Open
SFDR (dBc) 90 SNR/SFDR (dBFS/dBc)
80 SNR (dBFS) 70
60
0.6
0.7 0.8 0.9 1.0 1.1 INPUT COMMON-MODE VOLTAGE (V)
1.2
1.3
Figure 40. SNR/SFDR vs. Input Common-Mode Voltage, fIN = 10.3 MHz, fS = 20 MSPS
Differential Input Configurations
Optimum performance is achieved while driving the AD9231 in a differential input configuration. For baseband applications, the AD8138, ADA4937-2, and ADA4938-2 differential drivers provide excellent performance and a flexible interface to the ADC.
08121-150
50 0.5
Rev. 0 | Page 20 of 36
AD9231
Single-Ended Input Configuration
A single-ended input can provide adequate performance in cost-sensitive applications. In this configuration, SFDR and distortion performance degrade due to the large input commonmode swing. If the source impedances on each input are matched, there should be little effect on SNR performance. Figure 43 shows a typical single-ended input configuration.
1V p-p 49.9 10F AVDD 1k 0.1F 1k C R
08121-009
R
VIN+x
AVDD 1k 10F 0.1F 1k
ADC
VIN-x
Figure 43. Single-Ended Input Configuration
0.1F 2V p-p 25 PA S S P 0.1F 25 0.1F R VIN-x C 0.1F R VIN+x
ADC
VCM
08121-010
Figure 44. Differential Double Balun Input Configuration
VCC 0.1F ANALOG INPUT 0 16 1 2 CD RD RG 3 4 ANALOG INPUT 5 0.1F 0 14 0.1F 0.1F 8, 13 11 0.1F 0.1F R 200 VIN+x C 0.1F 200 R VIN-x VCM
08121-011
AD8352
10
ADC
Figure 45. Differential Input Configuration Using the AD8352
Rev. 0 | Page 21 of 36
AD9231
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the AD9231. The VREF can be configured using either the internal 1.0 V reference or an externally applied 1.0 V reference voltage. The various reference modes are summarized in the sections that follow. The Reference Decoupling section describes the best practices PCB layout of the reference. If the internal reference of the AD9231 is used to drive multiple converters to improve gain matching, the loading of the reference by the other converters must be considered. Figure 47 shows how the internal reference voltage is affected by loading.
0
REFERENCE VOLTAGE ERROR (%)
-0.5
Internal Reference Connection
A comparator within the AD9231 detects the potential at the SENSE pin and configures the reference into two possible modes, which are summarized in Table 10. If SENSE is grounded, the reference amplifier switch is connected to the internal resistor divider (see Figure 46), setting VREF to 1.0 V.
-1.0 INTERNAL VREF = 0.993V -1.5
-2.0
-2.5
VIN+A/VIN+B VIN-A/VIN-B 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
08121-014
-3.0 LOAD CURRENT (mA) ADC CORE
Figure 47. VREF Accuracy vs. Load Current
VREF 1.0F 0.1F SELECT LOGIC SENSE 0.5V
08121-012
ADC
Figure 46. Internal Reference Configuration
Table 10. Reference Configuration Summary
Selected Mode Fixed Internal Reference Fixed External Reference SENSE Voltage (V) AGND to 0.2 AVDD Resulting VREF (V) 1.0 internal 1.0 applied to external VREF pin Resulting Differential Span (V p-p) 2.0 2.0
Rev. 0 | Page 22 of 36
AD9231
External Reference Operation
The use of an external reference may be necessary to enhance the gain accuracy of the ADC or improve thermal drift characteristics. Figure 48 shows the typical drift characteristics of the internal reference in 1.0 V mode.
4 3 2 VREF ERROR (mV) 1
VREF ERROR (mV)
Clock Input Options
The AD9231 has a very flexible clock input structure. The clock input can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless of the type of signal being used, clock source jitter is of the most concern, as described in the Jitter Considerations section. Figure 50 and Figure 51 show two preferred methods for clocking the AD9231 (at clock rates up to 625 MHz). A low jitter clock source is converted from a single-ended signal to a differential signal using either an RF transformer or an RF balun. The RF balun configuration is recommended for clock frequencies between 125 MHz and 625 MHz, and the RF transformer is recommended for clock frequencies from 10 MHz to 200 MHz. The back-to-back Schottky diodes across the transformer/balun secondary limit clock excursions into the AD9231 to approximately 0.8 V p-p differential.
0 -1 -2 -3 -4 -5
08121-052
-6 -40
-20
0
20 40 TEMPERATURE (C)
60
80
Figure 48. Typical VREF Drift
0.1F
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9231 sample clock inputs, CLK+ and CLK-, with a differential signal. The signal is typically ac-coupled into the CLK+ and CLK- pins via a transformer or capacitors. These pins are biased internally (see Figure 49) and require no external bias.
AVDD
Figure 50. Transformer-Coupled Differential Clock (Up to 200 MHz)
1nF CLOCK INPUT 50
0.1F CLK+ 0.1F
ADC
CLK-
08121-018
1nF SCHOTTKY DIODES: HSMS2822
CLK-
0.9V CLK+
Figure 51. Balun-Coupled Differential Clock (Up to 625 MHz)
2pF
2pF
08121-016
Figure 49. Equivalent Clock Input Circuit
Rev. 0 | Page 23 of 36
08121-017
When the SENSE pin is tied to AVDD, the internal reference is disabled, allowing the use of an external reference. An internal reference buffer loads the external reference with an equivalent 7.5 k load (see Figure 37). The internal buffer generates the positive and negative full-scale references for the ADC core. Therefore, the external reference must be limited to a maximum of 1.0 V.
This limit helps prevent the large voltage swings of the clock from feeding through to other portions of the AD9231 while preserving the fast rise and fall times of the signal that are critical to a low jitter performance.
Mini-Circuits(R) ADT1-1WT, 1:1 Z 0.1F CLOCK INPUT 50 100 0.1F SCHOTTKY DIODES: HSMS2822 XFMR 0.1F CLK+
ADC
CLK-
AD9231
If a low jitter clock source is not available, another option is to ac couple a differential PECL signal to the sample clock input pins, as shown in Figure 52. The AD9510/AD9511/AD9512/ AD9513/AD9514/AD9515/AD9516/AD9517 clock drivers offer excellent jitter performance.
0.1F AD951x PECL DRIVER 240 240 0.1F CLK+ 100 0.1F
Input Clock Divider
The AD9231 contains an input clock divider with the ability to divide the input clock by integer values between 1 and 8. Optimum performance is obtained by enabling the internal duty cycle stabilizer (DCS) when using divide ratios other than 1, 2, or 4. The AD9231 clock divider can be synchronized using the external SYNC input. Bit 1 and Bit 2 of Register 0x100 allow the clock divider to be resynchronized on every SYNC signal or only on the first SYNC signal after the register is written. A valid SYNC causes the clock divider to reset to its initial state. This synchronization feature allows multiple parts to have their clock dividers aligned to guarantee simultaneous input sampling.
CLOCK INPUT
50k
50k
Figure 52. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac couple a differential LVDS signal to the sample clock input pins, as shown in Figure 53. The AD9510/ AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517 clock drivers offer excellent jitter performance.
0.1F AD951x LVDS DRIVER 0.1F CLK+ 100 0.1F
08121-019
CLOCK INPUT
0.1F
ADC
CLK-
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a variety of internal timing signals and, as a result, may be sensitive to clock duty cycle. Commonly, a 5% tolerance is required on the clock duty cycle to maintain dynamic performance characteristics. The AD9231 contains a duty cycle stabilizer (DCS) that retimes the nonsampling (falling) edge, providing an internal clock signal with a nominal 50% duty cycle. This allows the user to provide a wide range of clock input duty cycles without affecting the performance of the AD9231. Noise and distortion performance are nearly flat for a wide range of duty cycles with the DCS on, as shown in Figure 55. Jitter in the rising edge of the input is still of concern and is not easily reduced by the internal stabilization circuit. The duty cycle control loop does not function for clock rates less than 20 MHz nominally. The loop has a time constant associated with it that must be considered in applications in which the clock rate can change dynamically. A wait time of 1.5 s to 5 s is required after a dynamic clock frequency increase or decrease before the DCS loop is relocked to the input signal.
80
CLOCK INPUT
ADC
CLK-
08121-020
CLOCK INPUT
0.1F 50k 50k
Figure 53. Differential LVDS Sample Clock (Up to 625 MHz)
In some applications, it may be acceptable to drive the sample clock inputs with a single-ended 1.8 V CMOS signal. In such applications, drive the CLK+ pin directly from a CMOS gate, and bypass the CLK- pin to ground with a 0.1 F capacitor (see Figure 54).
VCC 0.1F CLOCK INPUT 50 1 1k 1k AD951x CMOS DRIVER OPTIONAL 0.1F 100 CLK+
ADC
CLK- 0.1F
08121-021
150
RESISTOR IS OPTIONAL.
75 70
DCS ON
Figure 54. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
SNR (dBFS)
65 60 DCS OFF 55 50
08121-078
45 40 10 20 30 40 50 60 POSITIVE DUTY CYCLE (%) 70 80
Figure 55. SNR vs. DCS On/Off
Rev. 0 | Page 24 of 36
AD9231
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the clock input. The degradation in SNR from the low frequency SNR (SNRLF) at a given input frequency (fINPUT) due to jitter (tJRMS) can be calculated by SNRHF = -10 log[(2 x fINPUT x tJRMS)2 + 10 ( - SNRLF /10) ] In the previous equation, the rms aperture jitter represents the clock input jitter specification. IF undersampling applications are particularly sensitive to jitter, as illustrated in Figure 56.
80 75
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 57, the analog core power dissipated by the AD9231 is proportional to its sample rate. The digital power dissipation of the CMOS outputs are determined primarily by the strength of the digital drivers and the load on each output bit. The maximum DRVDD current (IDRVDD) can be calculated as IDRVDD = VDRVDD x CLOAD x fCLK x N where N is the number of output bits (26, in the case of the AD9231). This maximum current occurs when every output bit switches on every clock cycle, that is, a full-scale square wave at the Nyquist frequency of fCLK/2. In practice, the DRVDD current is established by the average number of output bits switching, which is determined by the sample rate and the characteristics of the analog input signal. Reducing the capacitive load presented to the output drivers can minimize digital power consumption. The data in Figure 57 was taken using the same operating conditions as those used for the Typical Performance Characteristics, with a 5 pF load on each output driver.
150
0.05ps
70 0.2ps
SNR (dBFS)
65
60 55 50 3.0ps 1 10 100
0.5ps
1.0ps 1.5ps 2.0ps 2.5ps 1k
08121-022
45 FREQUENCY (MHz)
Figure 56. SNR vs. Input Frequency and Jitter
The clock input should be treated as an analog signal in cases in which aperture jitter may affect the dynamic range of the AD9231. To avoid modulating the clock signal with digital noise, keep power supplies for clock drivers separate from the ADC output driver supplies. Low jitter, crystal-controlled oscillators make the best clock sources. If the clock is generated from another type of source (by gating, dividing, or another method), it should be retimed by the original clock at the last step. For more information, see the AN-501 Application Note and the AN-756 Application Note available on www.analog.com.
ANALOG CORE POWER (mW)
130 AD9231-80
110
AD9231-65 90
70
AD9231-40
08121-079
AD9231-20 50 0 10 20 30 40 50 CLOCK RATE (MSPS) 60 70
80
CHANNEL/CHIP SYNCHRONIZATION
The AD9231 has a SYNC input that offers the user flexible synchronization options for synchronizing sample clocks across multiple ADCs. The input clock divider can be enabled to synchronize on a single occurrence of the SYNC signal or on every occurrence. The SYNC input is internally synchronized to the sample clock; however, to ensure there is no timing uncertainty between multiple parts, the SYNC input signal should be externally synchronized to the input clock signal, meeting the setup and hold times shown in Table 5. Drive the SYNC input using a single-ended CMOS-type signal.
Figure 57. Analog Core Power vs. Clock Rate
Rev. 0 | Page 25 of 36
AD9231
The AD9231 is placed in power-down mode either by the SPI port or by asserting the PDWN pin high. In this state, the ADC typically dissipates 2.2 mW. During power-down, the output drivers are placed in a high impedance state. Asserting the PDWN pin low returns the AD9231 to its normal operating mode. Note that PDWN is referenced to the digital output driver supply (DRVDD) and should not exceed that supply voltage. Low power dissipation in power-down mode is achieved by shutting down the reference, reference buffer, biasing networks, and clock. Internal capacitors are discharged when entering powerdown mode and then must be recharged when returning to normal operation. As a result, wake-up time is related to the time spent in power-down mode, and shorter power-down cycles result in proportionally shorter wake-up times. When using the SPI port interface, the user can place the ADC in power-down mode or standby mode. Standby mode allows the user to keep the internal reference circuitry powered when faster wake-up times are required. See the Memory Map section for more details. As detailed in the AN-877 Application Note, Interfacing to High Speed ADCs via SPI, the data format can be selected for offset binary, twos complement, or gray code when using the SPI control. Table 11. SCLK/DFS Mode Selection (External Pin Mode)
Voltage at Pin AGND DRVDD SCLK/DFS Offset binary (default) Twos complement SDIO/DCS DCS disabled(default) DCS enabled
Digital Output Enable Function (OEB)
The AD9231 has a flexible three-state ability for the digital output pins. The three-state mode is enabled using the OEB pin or through the SPI interface. If the OEB pin is low, the output data drivers and DCOs are enabled. If the OEB pin is high, the output data drivers and DCOs are placed in a high impedance state. This OEB function is not intended for rapid access to the data bus. Note that OEB is referenced to the digital output driver supply (DRVDD) and should not exceed that supply voltage. When using the SPI interface, the data outputs and DCO of each channel can be independently three-stated by using the output disable (OEB) bit (Bit 4) in Register 0x14.
DIGITAL OUTPUTS
The AD9231 output drivers can be configured to interface with 1.8 V to 3.3 V CMOS logic families. Output data can also be multiplexed onto a single output bus to reduce the total number of traces required. The CMOS output drivers are sized to provide sufficient output current to drive a wide variety of logic families. However, large drive currents tend to cause current glitches on the supplies and may affect converter performance. Applications requiring the ADC to drive large capacitive loads or large fanouts may require external buffers or latches. The output data format can be selected to be either offset binary or twos complement by setting the SCLK/DFS pin when operating in the external pin mode (see Table 11).
TIMING
The AD9231 provides latched data with a pipeline delay of 9 clock cycles. Data outputs are available one propagation delay (tPD) after the rising edge of the clock signal. Minimize the length of the output data lines and loads placed on them to reduce transients within the AD9231. These transients can degrade converter dynamic performance. The lowest typical conversion rate of the AD9231 is 3 MSPS. At clock rates below 3 MSPS, dynamic performance can degrade.
Data Clock Output (DCO)
The AD9231 provides two data clock output (DCO) signals intended for capturing the data in an external register. The CMOS data outputs are valid on the rising edge of DCO, unless the DCO clock polarity has been changed via the SPI. See Figure 2 and Figure 3 for a graphical timing description.
Table 12. Output Data Format
Input (V) VIN+ - VIN- VIN+ - VIN- VIN+ - VIN- VIN+ - VIN- VIN+ - VIN- Condition (V) < -VREF - 0.5 LSB = -VREF =0 = +VREF - 1.0 LSB > +VREF - 0.5 LSB Offset Binary Output Mode 0000 0000 0000 0000 0000 0000 1000 0000 0000 1111 1111 1111 1111 1111 1111 Twos Complement Mode 1000 0000 0000 1000 0000 0000 0000 0000 0000 0111 1111 1111 0111 1111 1111 OR 1 0 0 0 1
Rev. 0 | Page 26 of 36
AD9231 BUILT-IN SELF-TEST (BIST) AND OUTPUT TEST
The AD9231 includes a built-in self-test feature designed to enable verification of the integrity of each channel as well as to facilitate board level debugging. A built-in self-test (BIST) feature that verifies the integrity of the digital datapath of the AD9231 is included. Various output test options are also provided to place predictable values on the outputs of the AD9231. generator, Bit 2 (BIST INIT) of Register 0x0E. At the completion of the BIST, Bit 0 of Register 0x24 is automatically cleared. The PN sequence can be continued from its last value by writing a 0 in Bit 2 of Register 0x0E. However, if the PN sequence is not reset, the signature calculation does not equal the predetermined value at the end of the test. At that point, the user needs to rely on verifying the output data.
BUILT-IN SELF-TEST (BIST)
The BIST is a thorough test of the digital portion of the selected AD9231 signal path. Perform the BIST test after a reset to ensure the part is in a known state. During BIST, data from an internal pseudorandom noise (PN) source is driven through the digital datapath of both channels, starting at the ADC block output. At the datapath output, CRC logic calculates a signature from the data. The BIST sequence runs for 512 cycles and then stops. Once completed, the BIST compares the signature results with a pre-determined value. If the signatures match, the BIST sets Bit 0 of Register 0x24, signifying the test passed. If the BIST test failed, Bit 0 of Register 0x24 is cleared. The outputs are connected during this test, so the PN sequence can be observed as it runs. Writing the value 0x05 to Register 0x0E runs the BIST. This enables the Bit 0 (BIST enable) of Register 0x0E and resets the PN sequence
OUTPUT TEST MODES
The output test options are described in Table 16 at Address 0x0D. When an output test mode is enabled, the analog section of the ADC is disconnected from the digital back-end blocks and the test pattern is run through the output formatting block. Some of the test patterns are subject to output formatting, and some are not. The PN generators from the PN sequence tests can be reset by setting Bit 4 or Bit 5 of Register 0x0D. These tests can be performed with or without an analog signal (if present, the analog signal is ignored), but they do require an encode clock. For more information, see the AN-877 Application Note, Interfacing to High Speed ADCs via SPI.
Rev. 0 | Page 27 of 36
AD9231 SERIAL PORT INTERFACE (SPI)
The AD9231 serial port interface (SPI) allows the user to configure the converter for specific functions or operations through a structured register space provided inside the ADC. The SPI gives the user added flexibility and customization, depending on the application. Addresses are accessed via the serial port and can be written to or read from via the port. Memory is organized into bytes that can be further divided into fields, which are documented in the Memory Map section. For detailed operational information, see the AN-877 Application Note, Interfacing to High Speed ADCs via SPI. The falling edge of CSB, in conjunction with the rising edge of SCLK, determines the start of the framing. An example of the serial timing and its definitions can be found in Figure 58 and Table 5. Other modes involving the CSB are available. The CSB can be held low indefinitely, which permanently enables the device; this is called streaming. The CSB can stall high between bytes to allow for additional external timing. When CSB is tied high, SPI functions are placed in high impedance mode. This mode turns on any SPI pin secondary functions. During an instruction phase, a 16-bit instruction is transmitted. Data follows the instruction phase, and its length is determined by the W0 and W1 bits as shown in Figure 58. All data is composed of 8-bit words. The first bit of the first byte in a multibyte serial data transfer frame indicates whether a read command or a write command is issued. This allows the serial data input/output (SDIO) pin to change direction from an input to an output at the appropriate point in the serial frame. In addition to word length, the instruction phase determines whether the serial frame is a read or write operation, allowing the serial port to be used both to program the chip and to read the contents of the on-chip memory. If the instruction is a readback operation, performing a readback causes the serial data input/ output (SDIO) pin to change direction from an input to an output at the appropriate point in the serial frame. Data can be sent in MSB-first mode or in LSB-first mode. MSB first is the default on power-up and can be changed via the SPI port configuration register. For more information about this and other features, see the AN-877 Application Note, Interfacing to High Speed ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK, the SDIO, and the CSB (see Table 13). The SCLK (a serial clock) is used to synchronize the read and write data presented from and to the ADC. The SDIO (serial data input/output) is a dual-purpose pin that allows data to be sent and read from the internal ADC memory map registers. The CSB (chip select bar) is an activelow control that enables or disables the read and write cycles. Table 13. Serial Port Interface Pins
Pin SCLK SDIO Function Serial Clock. The serial shift clock input, which is used to synchronize serial interface reads and writes. Serial Data Input/Output. A dual-purpose pin that typically serves as an input or an output, depending on the instruction being sent and the relative position in the timing frame. Chip Select Bar. An active-low control that gates the read and write cycles.
CSB
tDS tS
CSB
tHIGH tDH tLOW
tCLK
tH
SCLK DON'T CARE
DON'T CARE
SDIO DON'T CARE
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
DON'T CARE
Figure 58. Serial Port Interface Timing Diagram
Rev. 0 | Page 28 of 36
08121-023
AD9231
HARDWARE INTERFACE
The pins described in Table 13 constitute the physical interface between the programming device of the user and the serial port of the AD9231. The SCLK pin and the CSB pin function as inputs when using the SPI interface. The SDIO pin is bidirectional, functioning as an input during write phases and as an output during readback. The SPI interface is flexible enough to be controlled by either FPGAs or microcontrollers. One method for SPI configuration is described in detail in the AN-812 Application Note, Microcontroller-Based Serial Port Interface (SPI) Boot Circuit. The SPI port should not be active during periods when the full dynamic performance of the converter is required. Because the SCLK signal, the CSB signal, and the SDIO signal are typically asynchronous to the ADC clock, noise from these signals can degrade converter performance. If the on-board SPI bus is used for other devices, it may be necessary to provide buffers between this bus and the AD9231 to prevent these signals from transitioning at the converter inputs during critical sampling periods. SDIO/DCS and SCLK/DFS serve a dual function when the SPI interface is not being used. When the pins are strapped to DRVDD or ground during device power-on, they are associated with a specific function. The Digital Outputs section describes the strappable functions supported on the AD9231. Table 14. Mode Selection
Pin SDIO/DCS SCLK/DFS OEB PDWN External Voltage DRVDD AGND(default) DRVDD AGND (default) DRVDD AGND (default) DRVDD AGND (default) Configuration Duty cycle stabilizer enabled Duty cycle stabilizer disabled Twos complement enabled Offset binary enabled Outputs in high impedance Outputs enabled Chip in power-down or standby Normal operation
SPI ACCESSIBLE FEATURES
Table 15 provides a brief description of the general features that are accessible via the SPI. These features are described in detail in the AN-877 Application Note, Interfacing to High Speed ADCs via SPI. The AD9231 part-specific features are described in detail in Table 16. Table 15. Features Accessible Using the SPI
Feature Mode Clock Offset Test I/O Output Mode Output Phase Output Delay Description Allows the user to set either power-down mode or standby mode Allows the user to access the DCS via the SPI Allows the user to digitally adjust the converter offset Allows the user to set test modes to have known data on output bits Allows the user to set up outputs Allows the user to set the output clock polarity Allows the user to vary the DCO delay
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers, the SDIO/DCS pin, the SCLK/DFS pin, the OEB pin, and the PDWN pin serve as standalone CMOS-compatible control pins. When the device is powered up, it is assumed that the user intends to use the pins as static control lines for the duty cycle stabilizer, output data format, output enable, and powerdown feature control. In this mode, connect the CSB chip select to DRVDD, which disables the serial port interface.
Rev. 0 | Page 29 of 36
AD9231 MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table (see Table 16) has eight bit locations. The memory map is roughly divided into four sections: the chip configuration registers (Address 0x00 to Address 0x02); the device index and transfer registers (Address 0x05 and Address 0xFF); the program registers, including setup, control, and test (Address 0x08 to Address 0x2E); and the digital feature control registers (Address 0x100 and Address 0x101). Table 16 documents the default hexadecimal value for each hexadecimal address shown. The column with the heading Bit 7 (MSB) is the start of the default hexadecimal value given. For example, Address 0x05, the channel index register, has a hexadecimal default value of 0x03. This means that in Address 0x05 Bit[7:2] = 0, and the remaining Bits[1:0] = 1. This setting is the default channel index setting. The default value results in both ADC channels receiving the next write command. For more information on this function and others, see the AN-877 Application Note, Interfacing to High Speed ADCs via SPI. This application note details the functions controlled by Register 0x00 to Register 0xFF. The remaining registers, Register 0x100 and Register 0x101, are documented in the Memory Map Register Descriptions section following Table 16.
Logic Levels
An explanation of logic level terminology follows: * * "Bit is set" is synonymous with "bit is set to Logic 1" or "writing Logic 1 for the bit." "Clear a bit" is synonymous with "bit is set to Logic 0" or "writing Logic 0 for the bit."
Transfer Register Map
Address 0x08 to Address 0x18 are shadowed. Writes to these addresses do not affect part operation until a transfer command is issued by writing 0x01 to Address 0xFF, setting the transfer bit. This allows these registers to be updated internally and simultaneously when the transfer bit is set. The internal update takes place when the transfer bit is set, and then the bit autoclears.
Channel-Specific Registers
Some channel setup functions can be programmed differently for each channel. In these cases, channel address locations are internally duplicated for each channel. These registers and bits are designated in the memory map register table as local. These local registers and bits can be accessed by setting the appropriate Channel A (Bit 0) or Channel B (Bit 1) bits in Register 0x05. If both bits are set, the subsequent write affects the registers of both channels. In a read cycle, set only Channel A or Channel B to read one of the two registers. If both bits are set during an SPI read cycle, the part returns the value for Channel A. Registers and bits designated as global in the memory map register table affect the entire part or the channel features for which independent settings are not allowed between channels. The settings in Register 0x05 do not affect the global registers and bits.
OPEN LOCATIONS
All address and bit locations that are not included in the SPI map are not currently supported for this device. Unused bits of a valid address location should be written with 0s. Writing to these locations is required only when part of an address location is open (for example, Address 0x05). If the entire address location is open, it is omitted from the SPI map (for example, Address 0x13) and should not be written.
DEFAULT VALUES
After the AD9231 is reset, critical registers are loaded with default values. The default values for the registers are given in the memory map register table (see Table 16).
Rev. 0 | Page 30 of 36
AD9231
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 16 are not currently supported for this device. Table 16.
Addr Register (Hex) Name Chip Configuration Registers 0x00 SPI port configuration (global) Bit 7 (MSB) 0 Bit 6 LSB first Bit 5 Soft reset Bit 4 1 Bit 3 1 Bit 2 Soft reset Bit 1 LSB first Bit 0 (LSB) 0 Default Value (Hex) 0x18 Comments The nibbles are mirrored so that LSB- or MSB-first mode registers correctly, regardless of shift mode Unique chip ID used to differentiate devices; read only Unique speed grade ID used to differentiate devices; read only
0x01
Chip ID (global)
8-bit chip ID bits [7:0] AD9231 = 0x24 Open Speed grade ID [6:4] 20 MSPS = 000 40 MSPS = 001 65 MSPS = 010 80 MSPS = 011 Open Open Open Open
0x02
Chip grade (global)
Device Index and Transfer Registers 0x05 Channel index Open
Open
Open
ADC B default
ADC A default
0x03
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Transfer
0x00
Bits are set to determine which device on chip receives the next write command; the default is all devices on chip Synchronously transfers data from the master shift register to the slave Determines various generic modes of chip operation
Program Registers (May or May Not Be Indexed by Device Index) External pin function 0x08 Modes External 0x00 full power-down power0x01 standby down (local) enable (local) 0x09 Clock (global) Open Open Open
Open
Open
Open
0x0B
Clock divide (global)
Open
0x0D
Test mode (local)
User test mode (local) 00 = single 01 = alternate 10 = single once 11 = alternate once
Reset PN long gen
Reset PN short gen
00 = chip run 01 = full powerdown 10 = standby 11 = chip wide digital reset (local) Open Duty cycle stabilize Clock divider [2:0] Clock divide ratio 000 = divide by 1 001 = divide by 2 010 = divide by 3 011 = divide by 4 100 = divide by 5 101 = divide by 6 110 = divide by 7 111 = divide by 8 Output test mode [3:0] (local) 0000 = off (default) 0001 = midscale short 0010 = positive FS 0011 = negative FS 0100 = alternating checkerboard 0101 = PN 23 sequence 0110 = PN 9 sequence 0111 = one/zero word toggle 1000 = user input 1001 = 1-/0-bit toggle 1010 = 1x sync 1011 = one bit high 1100 = mixed bit frequency
0x80
0x00
0x00
The divide ratio is the value plus 1
0x00
When set, the test data is placed on the output pins in place of normal data
Rev. 0 | Page 31 of 36
AD9231
Addr (Hex) 0x0E Register Name BIST enable Bit 7 (MSB) Open Bit 6 Open Bit 5 Open Bit 4 Open Bit 3 Open Bit 2 BIST INIT Bit 1 Open Bit 0 (LSB) BIST enable Default Value (Hex) 0x00 Comments When Bit 0 is set, the BIST function is initiated Device offset trim Configures the outputs and the format of the data
0x10 0x14
Offset adjust (local) Output mode
8-bit device offset adjustment [7:0] (local) Offset adjust in LSBs from +127 to -128 (twos complement format) 00 = 3.3 V CMOS Output mux Output Open Output 10 = 1.8 V CMOS enable disable invert (interleaved) (local) (local)
0x00 0x00
0x15
OUTPUT_ADJUST
0x16
OUTPUT_PHASE
3.3 V DCO drive strength 00 = 1 stripe (default) 01 = 2 stripes 10 = 3 stripes 11 = 4 stripes Open DCO output polarity 0= normal 1= inverted (local)
1.8 V DCO drive strength 00 = 1 stripe 01 = 2 stripes 10 = 3 stripes (default) 11 = 4 stripes Open Open
0x17
OUTPUT_DELAY
Enable DCO delay
Open
Enable data delay
Open
00 = offset binary 01 = twos complement 10 = gray code 11 = offset binary (local) 1.8 V data 3.3 V data drive strength drive strength 00 = 1 stripe 00 = 1 stripe 01 = 2 stripes (default) 10 = 3 stripes 01 = 2 stripes (default) 10 = 3 stripes 11 = 4 stripes 11 = 4 stripes Open Input clock phase adjust [2:0] (Value is number of input clock cycles of phase delay) 000 = no delay 001 = 1 input clock cycle 010 = 2 input clock cycles 011 = 3 input clock cycles 100 = 4 input clock cycles 101 = 5 input clock cycles 110 = 6 input clock cycles 111 = 7 input clock cycles Open DCO/Data delay[2:0] 000 = 0.56 ns 001 = 1.12 ns 010 = 1.68 ns 011 = 2.24 ns 100 = 2.80 ns 101 = 3.36 ns 110 = 3.92 ns 111 = 4.48 ns
0x22
Determines CMOS output drive strength properties
0x00
On devices that utilize global clock divide, this register determines which phase of the divider output is used to supply the output clock; internal latching is unaffected This sets the fine output delay of the output clock but does not change internal timing
0x00
0x19 0x1A 0x1B 0x1C 0x24
USER_PATT1_LSB USER_PATT1_MSB USER_PATT2_LSB USER_PATT2_MSB BIST signature LSB
B7 B15 B7 B15
B6 B14 B6 B14
B5 B13 B5 B13
B4 B12 B4 B12
B3 B11 B3 B11
B2 B10 B2 B10
B1 B9 B1 B9
B0 B8 B0 B8
0x00 0x00 0x00 0x00 0x00
BIST signature [7:0]
0x2A
Features
Open
Open
Open
Open
Open
Open
Open
OR OE (local) 0= ADC A 1= ADC B (local)
0x01
0x2E
Output assign
Open
Open
Open
Open
Open
Open
Open
Ch A = 0x00 Ch B = 0x01
User-defined pattern, 1 LSB User-defined pattern, 1 MSB User-defined pattern, 2 LSB User-defined pattern, 2 MSB Least significant byte of BIST signature, read only Disable the OR pin for the indexed channel Assign an ADC to an output channel
Rev. 0 | Page 32 of 36
AD9231
Addr Register (Hex) Name Digital Feature Control 0x100 Sync control (global) Bit 7 (MSB) Open Bit 6 Open Bit 5 Open Bit 4 Open Bit 3 Open Bit 2 Clock divider next sync only Run GCLK Bit 1 Clock divider sync enable Open Bit 0 (LSB) Master sync enable Default Value (Hex) 0x01 Comments
0x101
USR2
Enable OEB Pin 47 (local)
Open
Open
Open
Enable GCLK detect
Disable SDIO pulldown
0x88
Enables internal oscillator for clock rates < 5 MHz
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled in Register 0x00 to Register 0xFF, see the AN-877 Application Note, Interfacing to High Speed ADCs via SPI.
USR2 (Register 0x101) Bit 7--Enable OEB Pin 47
Normally set high, this bit allows Pin 47 to function as the output enable. If it is set low, it disables Pin 47.
Sync Control (Register 0x100) Bits[7:3]--Reserved Bit 2--Clock Divider Next Sync Only
If the master sync enable bit (Address 0x100, Bit 0) and the clock divider sync enable bit (Address 0x100, Bit 1) are high, Bit 2 allows the clock divider to sync to the first sync pulse it receives and to ignore the rest. The clock divider sync enable bit (Address 0x100, Bit 1) resets after it syncs.
Bit 3--Enable GCLK Detect
Normally set high, this bit enables a circuit that detects encode rates below about 5 MSPS. When a low encode rate is detected an internal oscillator, GCLK, is enabled ensuring the proper operation of several circuits. If set low the detector is disabled.
Bit 2--Run GCLK
This bit enables the GCLK oscillator. For some applications with encode rates below 10 MSPS, it may be preferable to set this bit high to supersede the GCLK detector.
Bit 1--Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is enabled when Bit 1 and Bit 0 are high and the device is operating in continuous sync mode as long as Bit 2 of the sync control is low.
Bit 0--Disable SDIO Pull-Down
This bit can be set high to disable the internal 30 k pull-down on the SDIO pin, which can be used to limit the loading when many devices are connected to the SPI bus.
Bit 0--Master Sync Enable
Bit 0 must be high to enable any of the sync functions.
Rev. 0 | Page 33 of 36
AD9231 APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting design and layout of the AD9231 as a system, it is recommended that the designer become familiar with these guidelines, which discuss the special circuit connections and layout requirements needed for certain pins. The copper plane should have several vias to achieve the lowest possible resistive thermal path for heat dissipation to flow through the bottom of the PCB. Fill or plug these vias with nonconductive epoxy. To maximize the coverage and adhesion between the ADC and the PCB, a silkscreen should be overlaid to partition the continuous plane on the PCB into several uniform sections. This provides several tie points between the ADC and the PCB during the reflow process. Using one continuous plane with no partitions guarantees only one tie point between the ADC and the PCB. For detailed information about packaging and PCB layout of chip scale packages, see the AN-772 Application Note, A Design and Manufacturing Guide for the Lead Frame Chip Scale Package (LFCSP), at www.analog.com.
Power and Ground Recommendations
When connecting power to the AD9231, it is strongly recommended that two separate supplies be used. Use one 1.8 V supply for analog (AVDD); use a separate 1.8 V to 3.3 V supply for the digital output supply (DRVDD). If a common 1.8 V AVDD and DRVDD supply must be used, the AVDD and DRVDD domains must be isolated with a ferrite bead or filter choke and separate decoupling capacitors. Several different decoupling capacitors can be used to cover both high and low frequencies. Locate these capacitors close to the point of entry at the PCB level and close to the pins of the part, with minimal trace length. A single PCB ground plane should be sufficient when using the AD9231. With proper decoupling and smart partitioning of the PCB analog, digital, and clock sections, optimum performance is easily achieved.
VCM
The VCM pin should be decoupled to ground with a 0.1 F capacitor, as shown in Figure 42.
RBIAS
The AD9231 requires that a 10 k resistor be placed between the RBIAS pin and ground. This resistor sets the master current reference of the ADC core and should have at least a 1% tolerance.
Exposed Paddle Thermal Heat Sink Recommendations
The exposed paddle (Pin 0) is the only ground connection for the AD9231; therefore, it must be connected to analog ground (AGND) on the customer's PCB. To achieve the best electrical and thermal performance, mate an exposed (no solder mask) continuous copper plane on the PCB to the AD9231 exposed paddle, Pin 0.
Reference Decoupling
Externally decoupled the VREF pin to ground with a low ESR, 1.0 F capacitor in parallel with a low ESR, 0.1 F ceramic capacitor.
SPI Port
The SPI port should not be active during periods when the full dynamic performance of the converter is required. Because the SCLK, CSB, and SDIO signals are typically asynchronous to the ADC clock, noise from these signals can degrade converter performance. If the on-board SPI bus is used for other devices, it may be necessary to provide buffers between this bus and the AD9231 to keep these signals from transitioning at the converter inputs during critical sampling periods.
Rev. 0 | Page 34 of 36
AD9231 OUTLINE DIMENSIONS
9.00 BSC SQ 0.60 MAX 0.60 MAX
49 48 64 1
PIN 1 INDICATOR
PIN 1 INDICATOR TOP VIEW 8.75 BSC SQ 0.50 BSC EXPOSED PAD
(BOTTOM VIEW)
6.35 6.20 SQ 6.05
0.50 0.40 0.30
33 32
16 17
0.25 MIN 7.50 REF
1.00 0.85 0.80
12 MAX
0.80 MAX 0.65 TYP 0.05 MAX 0.02 NOM 0.30 0.23 0.18 0.20 REF
SEATING PLANE
FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
Figure 59. 64-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 9 mm x 9 mm Body, Very Thin Quad (CP-64-4) Dimensions shown in millimeters
ORDERING GUIDE
Model AD9231BCPZ-80 1, 2 AD9231BCPZRL7-801, 2 AD9231BCPZ-651, 2 AD9231BCPZRL7-651, 2 AD9231BCPZ-401, 2 AD9231BCPZRL7-401, 2 AD9231BCPZ-201, 2 AD9231BCPZRL7-201, 2 AD9231-80EBZ1 AD9231-65EBZ1 AD9231-40EBZ1 AD9231-20EBZ1
1 2
Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C
Package Description 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ) Evaluation Board Evaluation Board Evaluation Board Evaluation Board
091707-C
Package Option CP-64-4 CP-64-4 CP-64-4 CP-64-4 CP-64-4 CP-64-4 CP-64-4 CP-64-4
Z = RoHS Compliant Part. The exposed paddle (Pin 0) is the only GND connection on the chip and must be connected to the PCB AGND.
Rev. 0 | Page 35 of 36
AD9231 NOTES
(c)2009 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D08121-0-10/09(0)
Rev. 0 | Page 36 of 36


▲Up To Search▲   

 
Price & Availability of AD9231BCPZ-80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X