Part Number Hot Search : 
5KP100 L6551 ZP1120 M1000 LA4585M AD7543KP DTA143E IDT713
Product Description
Full Text Search
 

To Download 802-019-AA2Z15-3NA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A B C D E F
802-019
G H J K L
Series 802-019
Overmolded Cordset, Shielded, with Polyurethane Cable Jacket 1 Meter Immersion
N P
Series 800
Series 802 "Aqua Mouse" 3500 PSI Rated
802 Series Cordsets For Harsh Environments
Glenair's "Aqua Mouse" molded cordsets offer watertight sealing and excellent cold temperature flexibility. These cables are 100% tested and ready to use. Two Cable Types - Standard polyamide overmolded cordsets offer good chemical resistance and are rated for one meter immersion. For maximum performance and 2500 PSI rating, choose neoprene jacket and thermoset polyurethane overmolding. Shielded - 90% braid coverage and BAND-IT(R) shield termination meet EMI requirements. Simplified Ordering, No Minimums ASAP cordsets are made-to-order from stocked connectors and cable. Choose #22 or #24 AWG cable with standard Estane jacket for best availability.
Series 802 Overmolded Cordset
HOW TO ORDER SERIES 802 OVERMOLDED CORDSETS
Sample Part Number
-A
C
2
Z1
Shell Material / Finish Z1
Stainless Steel / Passivated
9-19
N
Protective Cover P
Metal Protective Covers Included
A
Shell Key Pos. A
Pos. A
-48
End A End B Connector Connector -A
Plug, with Male Pin Contacts
Wire Size 2
#22 AWG (Std.)
Insert Arr. 5-3 6-1 6-4 6-7 7-1 7-10 8-13 9-4 9-19 10-26 12-2 12-37 14-55 15-85
Length
Overall Length In Inches 12 Inch Min.
A
Plug, with Male Pin Contacts
(Normal)
4
#24 AWG (Std.)
-B
Plug, with Female Socket Contacts
B
Plug, with Female Socket Contacts
ZM
Stainless Steel / Electroless Nickel Plated
B
Pos. B
6
#26 AWG
N
No Covers Supplied
C
Pos. C
8
#28 AWG
802-020
-C
C
Overmolded Receptacle, Receptacle, Cordset, with Male with Male Shielded, Pin Contacts Pin Contacts with D D Neoprene Receptacle, Receptacle, Jacket and Polyurethane with Female with Female Socket Socket Overmolding, Contacts Contacts 2500 PSI Rated
D
Pos. D
N
No Connector (SingleEnded)
(c) 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
www.glenair.com
E-18
Rev. 08-FEB-2007
E-Mail: sales@glenair.com
Series 802 "Aqua Mouse" 3500 PSI Rated
A MAX.
LENGTH + 2.0/-0.0 (+50.8/ -0.0) 12 IN. (300 mm.) MIN.
B MAX.
OVERMOLDED STRAIN RELIEF
SHIELDED JACKETED CABLE
SERIES 802 RECEPTACLE
SERIES 802 PLUG
OPTIONAL PROTECTIVE COVER WITH POLYURETHANE WIRE ROPE
RIGHT ANGLE CORDSETS
LENGTH + 2.0/-0.0 (+50.8/ -0.0) 12 IN. (300 mm.) MIN. C MAX. MASTER KEY LOCATED 180 FROM CABLE EXIT
DIMENSIONS
Shell Size 5 6 7 8 9 10 12 14 15 A Max. B Max. C Max. D Max. E Max. In. mm. In. mm. In. mm. In. mm. In. mm.
2.000 2.500 2.500 2.500 2.500 2.750 3.000 3.500 3.750 50.80 63.50 63.50 63.50 63.50 69.85 76.20 88.90 95.25 .490 .560 .680 .740 .810 .870 .930 1.120 1.180 12.45 14.22 17.27 18.80 20.57 22.10 23.62 28.45 29.97 1.500 1.500 1.700 1.750 1.750 1.750 1.750 1.750 2.000 38.10 38.10 43.18 44.45 44.45 44.45 44.45 44.45 50.80 .490 .560 .680 .740 .810 .870 .930 1.120 1.180 12.45 14.22 17.27 18.80 20.57 22.10 23.62 28.45 29.97 1.650 1.650 1.700 1.750 1.750 1.750 1.750 1.750 2.000 41.91 41.91 43.2 44.45 44.45 44.45 44.45 44.45 50.80
E MAX.
D MAX.
How To Order Right Angle Cordsets Insert the letter "R" after the End A or End B Connector letter designator. Example Straight cable 802-019-AC4Z16-4PA-72 Right Angle 802-019-ARCR4Z16-4PA-72
SERIES 802 HARSH ENVIRONMENT CORDSET SPECIFICATIONS
Cable Jacket Material Cable Shield Conductors BAND-IT(R) Shield Termination Band Current Rating Test Voltage (Dielectric Withstanding Voltage) Insulation Resistance Operating Temperature Immersion Solvent Resistance, Polyamide Overmold Electrical Resistance Shielding Effectiveness
(c) 2007 Glenair, Inc.
Thermoplastic Polyurethane, Black, UL 94 V-0 Rated, or Neoprene Rubber per ASTM D2000 Tin-Coated Copper Braid, 90% Minimum Coverage Silver Coated Stranded Wire, TFE Insulated, Per M22759/11 Stainless Steel Up to 5 AMP Continuous Duty With #22 AWG Wire 500 VAC RMS sea level, 100 VAC RMS 70,000 feet 200 megohms minimum -30 C. to +105 C. Polyamide Overmold: 1 meter water immersion for 1 Hour per MIL-STD-810 Method 512 (IP68). Polyurethane overmold: 2500 PSI Hydrostatic Pressure Excellent Resistance to Most Solvents, Fuels, and Oils; Poor Resistance to Strong Acids and Bipolar Solvents (Alcohol) (8 Milliohms Mated Contacts) + (Wire Resistance) 50 dB minimum from 100MHz to 1000MHz.
CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
www.glenair.com
E-19
Rev. 05-APR-2007
E-Mail: sales@glenair.com
Series 800
A B C D E F G H J K L
M


▲Up To Search▲   

 
Price & Availability of 802-019-AA2Z15-3NA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X