Part Number Hot Search : 
SMB15 F1B2CCI D1830 MP3502G KBPC804 SDA168M AK4343VN HY57V
Product Description
Full Text Search
 

To Download 70V7599S200BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Features:
IDT70V7599S


128K x 36 Synchronous Bank-Switchable Dual-ported SRAM Architecture - 64 independent 2K x 36 banks - 4 megabits of memory on chip Bank access controlled via bank address pins High-speed data access - Commercial: 3.4ns (200MHz)/3.6ns (166MHz)/ 4.2ns (133MHz) (max.) - Industrial: 3.6ns (166MHz)/4.2ns (133MHz) (max.) Selectable Pipelined or Flow-Through output mode Counter enable and repeat features Dual chip enables allow for depth expansion without additional logic Full synchronous operation on both ports - 5ns cycle time, 200MHz operation (14Gbps bandwidth) - Fast 3.4ns clock to data out

- 1.5ns setup to clock and 0.5ns hold on all control, data, and address inputs @ 200MHz - Data input, address, byte enable and control registers - Self-timed write allows fast cycle time Separate byte controls for multiplexed bus and bus matching compatibility LVTTL- compatible, 3.3V (150mV) power supply for core LVTTL compatible, selectable 3.3V (150mV) or 2.5V (100mV) power supply for I/Os and control signals on each port Industrial temperature range (-40C to +85C) is available at 166MHz and 133MHz Available in a 208-pin Plastic Quad Flatpack (PQFP), 208-pin fine pitch Ball Grid Array (fpBGA), and 256-pin Ball Grid Array (BGA) Supports JTAG features compliant with IEEE 1149.1
Functional Block Diagram
PL/FTL OPTL CLKL ADSL CNTENL REPEATL R/WL CE0L CE1L BE3L BE2L BE1L BE0L OEL PL/FTR OPTR CLKR ADSR CNTENR REPEATR R/WR CE0R CE1R BE3R BE2R BE1R BE0R OER
CONTROL LOGIC
MUX 2Kx36 MEMORY ARRAY (BANK 0) MUX
CONTROL LOGIC
I/O0L-35L
I/O CONTROL
MUX 2Kx36 MEMORY ARRAY (BANK 1) MUX
I/O CONTROL
I/O0R-35R
A10L A0L BA5L BA4L BA3L BA2L BA1L BA0L
ADDRESS DECODE
ADDRESS DECODE
A10R A0R BA5R BA4R BA3R BA2R BA1R BA0R
BANK DECODE MUX 2Kx36 MEMORY ARRAY (BANK 63)
BANK DECODE
NOTE: 1. The Bank-Switchable dual-port uses a true SRAM core instead of the traditional dual-port SRAM core. As a result, it has unique operating characteristics. Please refer to the functional description on page 19 for details.
MUX , TDI TDO JTAG TMS TCK TRST
5626 drw 01
JANUARY 2009
1
DSC 5626/6
(c)2009 Integrated Device Technology, Inc.
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Description:
The IDT70V7599 is a high-speed 128Kx36 (4Mbit) synchronous Bank-Switchable Dual-Ported SRAM organized into 64 independent 2Kx36 banks. The device has two independent ports with separate control, address, and I/O pins for each port, allowing each port to access any 2Kx36 memory block not already accessed by the other port. Accesses by the ports into specific banks are controlled via the bank address pins under the user's direct control. Registers on control, data, and address inputs provide minimal setup and hold times. The timing latitude provided by this approach allows systems to be designed with very short cycle times. With an input data register, the IDT70V7599 has been optimized for applications having unidirectional or bidirectional data flow in bursts. An automatic power down feature, controlled by CE0 and CE1, permits the on-chip circuitry of each port to enter a very low standby power mode. The dual chip enables also facilitate depth expansion. The 70V7599 can support an operating voltage of either 3.3V or 2.5V on one or both ports, controllable by the OPT pins. The power supply for the core of the device(VDD) remains at 3.3V. Please refer also to the functional description on page 19.
Pin Configuration(1,2,3,4)
11/08/01 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17
IO19L IO18L
B1 B2
VSS
B3
TDO
B4
NC
B5
BA5L
B6
BA1L
B7
A8L
B8
BE1L
B9
VDD
B10
CLKL CNTENL A4L
B11 B12 B13
A0L
B14
OPTL I/O17L
B15 B16
VSS
B17
I/O20R
C1
VSS
C2
I/O18R
C3
TDI
C4
NC
C5
BA2L
C6
A9L
C7
BE2L
C8
CE0L
C9
VSS
C10
ADSL
C11
A5L
C12
A1L
C13
VSS
C14
VDDQR I/O16L I/O15R
C15 C16 C17
VDDQL I/O19R VDDQR PL/FTL
D1 D2 D3 D4
NC
D5
BA3L
D6
A10L
D7
BE3L
D8
CE1L
D9
VSS
D10
R/WL
D11
A6L
D12
A2L
D13
VDD
D14
I/O16R I/O15L
D15 D16
VSS
D17
I/O22L
E1
VSS
E2
I/O21L I/O20L BA4L
E3 E4
BA0L
A7L
BE0L
VDD
OEL REPEATL
A3L
VDD I/O17R VDDQL I/O14L I/O14R
E14 E15 E16 E17
I/O23L I/O22R VDDQR I/O21R
F1 F2 F3 F4
I/O12L I/O13R
F14 F15
VSS
F16
I/O13L
F17
VDDQL I/O23R I/O24L
G1 G2 G3
VSS
G4
VSS
G14
I/O12R I/O11L VDDQR
G15 G16 G17
I/O26L
H1
VSS
H2
I/O25L I/O24R
H3 H4
I/O9L VDDQL I/O10L I/O11R
VDD
J1
I/O26R VDDQR I/O25R
J2 J3 J4
70V7599BF BF-208(5) 208-Pin fpBGA Top View(6)
H14
H15
H16
H17
VDD
J14
IO9R
J15
VSS
J16
I/O10R
J17
VDDQL
K1
VDD
K2
VSS
K3
VSS
K4
VSS
K14
VDD
K15
VSS
K16
VDDQR
K17
I/O28R
L1
VSS
L2
I/O27R
L3
VSS
L4
I/O7R VDDQL I/O8R
L14 L15 L16
VSS
L17
I/O29R I/O28L VDDQR I/O27L
M1 M2 M3 M4
I/O6R
M14
I/O7L
M15
VSS
M16
I/O8L
M17
VDDQL I/O29L I/O30R
N1 N2 N3
VSS
N4
VSS
N14
I/O6L I/O5R VDDQR
N15 N16 N17
I/O31L
P1
VSS
P2
I/O31R I/O30L
P3 P4 P5 P6 P7 P8 P9 P10 P11 P12 P13
I/O3R VDDQL I/O4R
P14 P15 P16
I/O5L
P17
I/O32R I/O32L VDDQR I/O35R TRST BA5R BA1R
R1 R2 R3 R4 R5 R6 R7
A8R
R8
BE1R
R9
VDD
R10
CLKR CNTENR A4R
R11 R12 R13
I/O2L I/O3L
R14 R15
VSS
R16
I/O4L
R17
VSS
T1
I/O33L I/O34R TCK
T2 T3 T4
NC
T5
BA2R
T6
A9R
T7
BE2R CE0R
T8 T9
VSS
T10
ADSR
T11
A5R
T12
A1R
T13
VSS
T14
VDDQL I/O1R VDDQR
T15 T16 T17
I/O33R I/O34L VDDQL TMS
U1 U2 U3 U4
NC
U5
BA3R
U6
A10R
U7
BE3R
U8
CE1R
U9
VSS
U10
R/WR
A6R
U12
A2R
U13
VSS
U14
I/O0R
U15
VSS
U16
I/O2R
U17
VSS
I/O35L PL/FTR
NC
BA4R BA0R
A7R
BE0R
VDD
OER
A3R
A0R
VDD
OPTR I/O0L
I/O1L
,
NOTES: 1. All VDD pins must be connected to 3.3V power supply. 2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is set to VIL (0V). 3. All VSS pins must be connected to ground supply. 4. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch. 5. This package code is used to reference the package diagram. 6. This text does not indicate orientation of the actual part-marking.
5626 drw 02c
6.42 2
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Configuration(1,2,3,4) (con't.)
70V7599BC BC-256(5) 256-Pin BGA Top View(6)
11/08/01 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16
NC
B1
TDI
B2
NC
B3
NC
B4
BA3L
B5
BA0L
B6
A8L
B7
BE2L
B8
CE1L
B9
OEL CNTENL
B10 B11
A5L
B12
A2L
B13
A0L
B14
NC
B15
NC
B16
I/O18L
C1
NC
C2
TDO
C3
NC
C4
BA4L
C5
BA1L
C6
A9L
C7
BE3L
C8
CE0L R/WL REPEATL
C9 C10 C11
A4L
C12
A1L
C13
VDD
C14
I/O17L
C15
NC
C16
I/O18R I/O19L
D1 D2
VSS
D3
BA5L
D4
BA2L
D5
A10L
D6
A7L
D7
BE1L
D8
BE0L CLKL ADSL
D9 D10 D11
A6L
D12
A3L
D13
OPTL I/O17R I/O16L
D14 D15 D16
I/O20R I/O19R I/O20L PL/FTL VDDQL VDDQL VDDQR VDDQR VDDQL VDDQL VDDQR VDDQR VDD
E1 E2 E3 E4 E5 E6 E7 E8 E9 E10 E11 E12 E13
I/O15R I/O15L I/O16R
E14 E15 E16
I/O21R I/O21L I/O22L VDDQL
F1 F2 F3 F4
VDD
F5
VDD
F6
VSS
F7
VSS
F8
VSS
F9
VSS
F10
VDD
F11
VDD VDDQR I/O13L I/O14L I/O14R
F12 F13 F14 F15 F16
I/O23L I/O22R I/O23R VDDQL
G1 G2 G3 G4
VDD
G5
VSS
G6
VSS
G7
VSS
G8
VSS
G9
VSS
G10
VSS
G11
VDD VDDQR I/O12R I/O13R I/O12L
G12 G13 G14 G15 G16
I/O24R I/O24L I/O25L VDDQR
H1 H2 H3 H4
VSS
H5
VSS
H6
VSS
H7
VSS
H8
VSS
H9
VSS
H10
VSS
H11
VSS
H12
VDDQL I/O10L I/O11L I/O11R
H13 H14 H15 H16
I/O26L I/O25R I/O26R VDDQR VSS
J1 J2 J3 J4 J5
VSS
J6
VSS
J7
VSS
J8
VSS
J9
VSS
J10
VSS
J11
VSS
J12
VDDQL I/O9R
J13 J14
IO9L I/O10R
J15 J16
I/O27L I/O28R I/O27R VDDQL
K1 K2 K3 K4
VSS
K5
VSS
K6
VSS
K7
VSS
K8
VSS
K9
VSS
K10
VSS
K11
VSS
K12
VDDQR I/O8R I/O7R
K13 K14 K15
I/O8L
K16
I/O29R I/O29L I/O28L VDDQL
L1 L2 L3 L4
VSS
L5
VSS
L6
VSS
L7
VSS
L8
VSS
L9
VSS
L10
VSS
L11
VSS
L12
VDDQR I/O6R
L13 L14
I/O6L
L15
I/O7L
L16
I/O30L I/O31R I/O30R VDDQR
M1 M2 M3 M4
VDD
M5
VSS
M6
VSS
M7
VSS
M8
VSS
M9
VSS
M10
VSS
M11
VDD
M12
VDDQL I/O5L
M13 M14
I/O4R I/O5R
M15 M16
I/O32R I/O32L I/O31L VDDQR
N1 N2 N3 N4
VDD
N5
VDD
N6
VSS
N7
VSS
N8
VSS
N9
VSS
N10
VDD
N11
VDD
N12
VDDQL I/O3R
N13 N14
I/O3L
N15
I/O4L
N16
I/O33L I/O34R I/O33R PL/FTR VDDQR VDDQR VDDQL VDDQL VDDQR VDDQR VDDQL VDDQL
P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 P12
VDD
P13
I/O2L
P14
I/O1R I/O2R
P15 P16
I/O35R I/O34L TMS
R1 R2 R3
BA5R BA2R
R4 R5
A10R
R6
A7R
R7
BE1R BE0R CLKR ADSR
R8 R9 R10 R11
A6R
R12
A3R
R13
I/O0L I/O0R
R14 R15
I/O1L
R16
I/O35L
T1
NC
T2
TRST
T3
NC
T4
BA4R BA1R
T5 T6
A9R
T7
BE3R CE0R R/WR REPEATR
T8 T9 T10 T11
A4R
T12
A1R
T13
OPTR
T14
NC
T15
NC
T16
,
NC
TCK
NC
NC
BA3R BA0R
A8R
BE2R
CE1R
OER CNTENR
A5R
A2R
A0R
NC
NC
NOTES: 5626 drw 02d 1. All VDD pins must be connected to 3.3V power supply. 2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is set to VIL (0V). 3. All VSS pins must be connected to ground supply. 4. Package body is approximately 17mm x 17mm x 1.4mm, with 1.0mm ball-pitch. 5. This package code is used to reference the package diagram. 6. This text does not indicate orientation of the actual part-marking.
,
6.42 3
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Configuration
11/08/01
(1,2,3,4)
(con't.)
208 207 206 205 204 203 202 201 200 199 198 197 196 195 194 193 192 191 190 189 188 187 186 185 184 183 182 181 180 179 178 177 176 175 174 173 172 171 170 169 168 167 166 165 164 163 162 161 160 159 158 157
VSS VDDQR I/O18R I/O18L VSS PL/FTL TDI TDO NC NC NC BA5L BA4L BA3L BA2L BA1L BA0L A10L A9L A8L A7L BE3L BE2L BE1L BE0L CE1L CE0L VDD VDD VSS VSS CLKL OEL R/WL ADSL CNTENL REPEATL A6L A5L A4L A3L A2L A1L A0L VDD VDD VSS OPTL I/O17L I/O17R VDDQR VSS
53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104
I/O19L I/O19R I/O20L I/O20R VDDQL VSS I/O21L I/O21R I/O22L I/O22R VDDQR VSS I/O23L I/O23R I/O24L I/O24R VDDQL VSS I/O25L I/O25R I/O26L I/O26R VDDQR VSS VDD VDD VSS VSS VDDQL VSS I/O27R I/O27L I/O28R I/O28L VDDQR VSS I/O29R I/O29L I/O30R I/O30L VDDQL VSS I/O31R I/O31L I/O32R I/O32L VDDQR VSS I/O33R I/O33L I/O34R I/O34L
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52
70V7599DR DR-208(5) 208-Pin PQFP Top View(6)
156 155 154 153 152 151 150 149 148 147 146 145 144 143 142 141 140 139 138 137 136 135 134 133 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105
I/O16L I/O16R I/O15L I/O15R VSS VDDQL I/O14L I/O14R I/O13L I/O13R VSS VDDQR I/O12L I/O12R I/O11L I/O11R VSS VDDQL I/O10L I/O10R I/O9L I/O9R VSS VDDQR VDD VDD VSS VSS VSS VDDQL I/O8R I/O8L I/O7R I/O7L VSS VDDQR I/O6R I/O6L I/O5R I/O5L VSS VDDQL I/O4R I/O4L I/O3R I/O3L VSS VDDQR I/O2R I/O2L I/O1R I/O1L
,
NOTES: 1. All VDD pins must be connected to 3.3V power supply. 2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is set to VIL (0V). 3. All VSS pins must be connected to ground supply. 4. Package body is approximately 28mm x 28mm x 3.5mm. 5. This package code is used to reference the package diagram. 6. This text does not indicate orientation of the actual part-marking.
VSS VDDQL I/O35R I/O35L PL/FTR TMS TCK TRST NC NC NC BA5R BA4R BA3R BA2R BA1R BA0R A10R A9R A8R A7R BE3R BE2R BE1R BE0R CE1R CE0R VDD VDD VSS VSS CLKR OER R/WR ADSR CNTENR REPEATR A6R A5R A4R A3R A2R A1R A0R VDD VSS VSS OPTR I/O0L I/O0R VDDQL VSS
5626 drw 02a
6.42 4
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Names
Left Port CE0L, CE1L R/WL OEL BA0L - BA5L A0L - A10L I/O0L - I/O35L CLKL PL/FTL ADSL CNTENL REPEATL BE0L - BE3L VDDQL OPTL VDD VSS TDI TDO TCK TMS TRST Right Port CE0R, CE1R R/WR OER BA0R - BA5R A0R - A10R I/O0R - I/O35R CLKR PL/FTR ADSR CNTENR REPEATR BE0R - BE3R VDDQR OPTR Chip Enables Read/Write Enable Output Enable Bank Address (4) Address Data Input/Output Clock Pipeline/Flow-Through Address Strobe Enable Counter Enable Counter Repeat(3) Byte Enables (9-bit bytes) Power (I/O Bus) (3.3V or 2.5V)(1) Option for selecting VDDQX(1,2) Power (3.3V)(1) Ground (0V) Test Data Input Test Data Output Test Logic Clock (10MHz) Test Mode Select Reset (Initialize TAP Controller)
5626 tbl 01
Names
NOTES: 1. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to applying inputs on the I/Os and controls for that port. 2. OPTX selects the operating voltage levels for the I/Os and controls on that port. If OPTX is set to VIH (3.3V), then that port's I/Os and controls will operate at 3.3V levels and VDDQX must be supplied at 3.3V. If OPTX is set to VIL (0V), then that port's I/Os and address controls will operate at 2.5V levels and VDDQX must be supplied at 2.5V. The OPT pins are independent of one another--both ports can operate at 3.3V levels, both can operate at 2.5V levels, or either can operate at 3.3V with the other at 2.5V. 3. When REPEATX is asserted, the counter will reset to the last valid address loaded via ADSX. 4. Accesses by the ports into specific banks are controlled by the bank address pins under the user's direct control: each port can access any bank of memory with the shared array that is not currently being accessed by the opposite port (i.e., BA0L - BA5L BA0R - BA5R). In the event that both ports try to access the same bank at the same time, neither access will be valid, and data at the two specific addresses targeted by the ports within that bank may be corrupted (in the case that either or both ports are writing) or may result in invalid output (in the case that both ports are trying to read).
6.42 5
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Truth Table I--Read/Write and Enable Control
OE3 X X X X X X X X X X L L L L L L L H CLK X CE0 H X L L L L L L L L L L L L L L L X CE1 X L H H H H H H H H H H H H H H H X BE3 X X H H H H L H L L H H H L H L L X BE2 X X H H H L H H L L H H L H H L L X BE1 X X H H L H H L H L H L H H L H L X BE0 X X H L H H H L H L L H H H L H L X R/W X X X L L L L L L L H H H H H H H X Byte 3 I/O27-35 High-Z High-Z High-Z High-Z High-Z High-Z DIN High-Z DIN DIN High-Z High-Z High-Z DOUT High-Z DOUT DOUT High-Z Byte 2 I/O18-26 High-Z High-Z High-Z High-Z High-Z DIN High-Z High-Z DIN DIN High-Z High-Z DOUT High-Z High-Z DOUT DOUT High-Z
(1,2,3,4)
Byte 0 I/O0-8 High-Z High-Z High-Z DIN High-Z High-Z High-Z DIN High-Z DIN DOUT High-Z High-Z High-Z DOUT High-Z DOUT High-Z MODE Deselected-Power Down Deselected-Power Down All Bytes Deselected Write to Byte 0 Only Write to Byte 1 Only Write to Byte 2 Only Write to Byte 3 Only Write to Lower 2 Bytes Only Write to Upper 2 bytes Only Write to All Bytes Read Byte 0 Only Read Byte 1 Only Read Byte 2 Only Read Byte 3 Only Read Lower 2 Bytes Only Read Upper 2 Bytes Only Read All Bytes Outputs Disabled
5626 tbl 02
Byte 1 I/O9-17 High-Z High-Z High-Z High-Z DIN High-Z High-Z DIN High-Z DIN High-Z DOUT High-Z High-Z DOUT High-Z DOUT High-Z
NOTES: 1. "H" = VIH, "L" = VIL, "X" = Don't Care. 2. ADS, CNTEN, REPEAT are set as appropriate for address access. Refers to Truth Table II for details. 3. OE is an asynchronous input signal. 4. It is possible to read or write any combination of bytes during a given access. A few representative samples have been illustrated here.
Truth Table II--Address and Address Counter Control(1,2,7)
Address An X X X Previous Address X An An + 1 X Addr Used An An + 1 An + 1 An CLK ADS L
(4)
CNTEN X L
(5)
REPEAT(6) H H H L
(4)
I/O(3) DI/O (n) DI/O(n+1) DI/O(n+1) DI/O(0) External Address Used
MODE
H H X
Counter Enabled--Internal Address generation External Address Blocked--Counter disab led (An + 1 reused) Counter Set to last valid ADS load
5626 tbl 03
H X
NOTES: 1. "H" = VIH, "L" = VIL, "X" = Don't Care. 2. Read and write operations are controlled by the appropriate setting of R/W, CE0, CE1, BEn and OE. 3. Outputs configured in flow-through output mode: if outputs are in pipelined mode the data out will be delayed by one cycle. 4. ADS and REPEAT are independent of all other memory control signals including CE0, CE1 and BEn 5. The address counter advances if CNTEN = VIL on the rising edge of CLK, regardless of all other memory control signals including CE0, CE1, BEn. 6. When REPEAT is asserted, the counter will reset to the last valid address loaded via ADS. This value is not set at power-up: a known location should be loaded via ADS during initialization if desired. Any subsequent ADS access during operations will update the REPEAT address location. 7. The counter includes bank address and internal address. The counter will advance across bank boundaries. For example, if the counter is in Bank 0, at address FFFh, and is advanced one location, it will move to address 0h in Bank 1. By the same token, the counter at FFFh in Bank 63 will advance to 0h in Bank 0. Refer to Timing Waveform of Counter Repeat, page 18. Care should be taken during operation to avoid having both counters point to the same bank (i.e., ensure BA0L - BA5L BA0R - BA5R), as this condition will invalidate the access for both ports. Please refer to the functional description on page 19 for details.
6.42 6
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Recommended Operating Temperature and Supply Voltage(1)
Grade Commercial Industrial Ambient Temperature 0OC to +70OC -40 C to +85 C
O O
Recommended DC Operating Conditions with VDDQ at 2.5V
Symbol Parameter Core Supply Voltage I/O Supply Voltage Ground Input High Voltage (Address & Control Inputs) Input High Voltage - I/O(3) Input Low Voltage
(3)
Min. 3.15 2.4 0 1.7 1.7 -0.3
(1)
Typ. 3.3 2.5 0
____
Max. 3.45 2.6 0 VDDQ + 100mV
(2)
Unit V V V V V V
5626 tbl 05a
GND 0V 0V
VDD 3.3V + 150mV 3.3V + 150mV
5626 tbl 04
VDD VDDQ VSS VIH VIH VIL
NOTE: 1. This is the parameter TA. This is the "instant on" case temperature.
____
VDDQ + 100mV(2) 0.7
____
Absolute Maximum Ratings(1)
Symbol VTERM(2) Rating Terminal Voltage with Respect to GND Temperature Under Bias Storage Temperature DC Output Current Commercial & Industrial -0.5 to +4.6 Unit V
NOTES: 1. Undershoot of VIL > -1.5V for pulse width less than 10ns is allowed. 2. VTERM must not exceed VDDQ + 100mV. 3. To select operation at 2.5V levels on the I/Os and controls of a given port, the OPT pin for that port must be set to VIL (0V), and VDDQX for that port must be supplied as indicated above.
TBIAS TSTG IOUT
-55 to +125 -65 to +150 50
o
C C
Recommended DC Operating Conditions with VDDQ at 3.3V
Symbol Parameter Core Supply Voltage I/O Supply Voltage (3) Ground Input High Voltage (Address & Control Inputs)(3) Input High Voltage - I/O(3) Input Low Voltage Min. 3.15 3.15 0 2.0 2.0 -0.3(1) Typ. 3.3 3.3 0
____
Max. 3.45 3.45 0 VDDQ + 150mV
(2)
Unit V V V V V V
5626 tbl 05b
o
VDD VDDQ VSS VIH VIH VIL
mA
5626 tbl 06
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed VDD + 150mV for more than 25% of the cycle time or 4ns maximum, and is limited to < 20mA for the period of VTERM > VDD + 150mV.
____ ____
VDDQ + 150mV(2) 0.8
NOTES: 1. Undershoot of VIL > -1.5V for pulse width less than 10ns is allowed. 2. VTERM must not exceed VDDQ + 150mV. 3. To select operation at 3.3V levels on the I/Os and controls of a given port, the OPT pin for that port must be set to VIH (3.3V), and VDDQX for that port must be supplied as indicated above.
6.42 7
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Capacitance
Symbol CIN COUT
(3)
(1)
Conditions(2) VIN = 3dV VOUT = 3dV
(TA = +25C, F = 1.0MHZ) PQFP ONLY
Parameter Input Capacitance Output Capacitance Max. 8 10.5 Unit pF pF
5626 tbl 07
NOTES: 1. These parameters are determined by device characterization, but are not production tested. 2. 3dV references the interpolated capacitance when the input and output switch from 0V to 3V or from 3V to 0V. 3. COUT also references CI/O.
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VDD = 3.3V 150mV)
70V7599S Symbol |ILI| |ILO| VOL (3.3V) VOH (3.3V) VOL (2.5V) VOH (2.5V) Parameter Input Leakage Current
(1) (1)
Test Conditions VDDQ = Max., VIN = 0V to VDDQ CE0 = VIH or CE1 = VIL, VOUT = 0V to VDDQ IOL = +4mA, VDDQ = Min. IOH = -4mA, VDDQ = Min. IOL = +2mA, VDDQ = Min. IOH = -2mA, VDDQ = Min.
Min.
___
Max. 10 10 0.4
___
Unit A A V V V V
5626 tbl 08
Output Leakage Current Output Low Voltage(2) Output High Voltage (2) Output Low Voltage
(2) (2)
___
___
2.4
___
0.4
___
Output High Voltage
2.0
NOTES: 1. At VDD < 2.0V leakages are undefined. 2. VDDQ is selectable (3.3V/2.5V) via OPT pins. Refer to p.5 for details.
6.42 8
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(5) (VDD = 3.3V 150mV)
70V7599S200(7) Com'l Only Symbol IDD Parameter Dynamic Operating Current (Both Ports Active) Standby Current (Both Ports - TTL Level Inputs) Standby Current (One Port - TTL Level Inputs) Full Standby Current (Both Ports - CMOS Level Inputs) Full Standby Current (One Port - CMOS Level Inputs) CEL and CER= VIL, Outputs Disabled, f = fMAX(1) CEL = CER = VIH f = fMAX(1) CE"A" = VIL and CE"B" = VIH Active Port Outputs Disabled, f=fMAX(1)
(3)
70V7599S166(6) Com'l & Ind Typ.(4) 675 675 275 275 515 515 10 10 515 515 Max. 790 830 340 355 640 660 30 40 640 660
70V7599S133 Com'l & Ind Typ.(4) 550 550 250 250 460 460 10 10 460 460 Max. 645 675 295 310 520 545 30 40 520 545
5626 tbl 09
Test Condition
Version COM'L IND COM'L IND COM'L IND COM'L IND COM'L IND S S S S S S S S S S
Typ.(4) 815
____
Max. 950
____
Unit mA
ISB1
340
____
410
____
mA
ISB2
690
____
770
____
mA
ISB3
Both Ports CEL and CER > VDDQ - 0.2V, VIN > VDDQ - 0.2V or VIN < 0.2V, f = 0(2) CE"A" < 0.2V and CE"B" > VDDQ - 0.2V(5) VIN > VDDQ - 0.2V or VIN < 0.2V, Active Port, Outputs Disabled, f = fMAX(1)
10
____
30
____
mA
ISB4
690
____
770
____
mA
NOTES: 1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input levels of GND to 3V. 2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby. 3. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 4. VDD = 3.3V, TA = 25C for Typ, and are not production tested. IDD DC(f=0) = 120mA (Typ). 5. CEX = VIL means CE0X = VIL and CE1X = VIH CEX = VIH means CE0X = VIH or CE1X = VIL CEX < 0.2V means CE0X < 0.2V and CE1X > VDDQ - 0.2V CEX > VDDQ - 0.2V means CE0X > VDDQ - 0.2V or CE1X < 0.2V "X" represents "L" for left port or "R" for right port. 6. 166MHz Industrial Temperature not available in BF-208 package. 7. This speed grade available when VDDQ = 3.3.V for a specific port (i.e., OPTx = VIH). This speed grade available in BC-256 package only.
6.42 9
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
AC Test Conditions (VDDQ - 3.3V/2.5V)
Input Pulse Levels (Address & Controls) Input Pulse Levels (I/Os) Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V/GND to 2.4V GND to 3.0V/GND to 2.4V 2ns 1.5V/1.25V 1.5V/1.25V Figures 1 and 2
5626 tbl 10
2.5V 833 DATAOUT 770 5pF*
,
3.3V 590
50 DATAOUT
50 1.5V/1.25 10pF (Tester)
,
DATAOUT 435 5pF*
5626 drw 03
Figure 1. AC Output Test load.
5626 drw 04 ,
Figure 2. Output Test Load (For tCKLZ, tCKHZ, tOLZ, and tOHZ). *Including scope and jig.
10.5pF is the I/O capacitance of this device, and 10pF is the AC Test Load Capacitance. 7 6 5 4 tCD (Typical, ns) 3 2 1
* *
20.5
*
30
*
50 80 100 200 ,
-1 Capacitance (pF)
5626 drw 05
Figure 3. Typical Output Derating (Lumped Capacitive Load).
6.42 10
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
AC Electrical Characteristics Over the Operating Temperature Range (Read and Write Cycle Timing)(2) (VDD = 3.3V 150mV, TA = 0C to +70C)
70V7599S200(5) Com'l Only Symbol tCYC1 tCYC2 tCH1 tCL1 tCH2 tCL2 tR tF tSA tHA tSC tHC tSB tHB tSW tHW tSD tHD tSAD tHAD tSCN tHCN tSRPT tHRPT tOE tOLZ tOHZ tCD1 tCD2 tDC tCKHZ tCKLZ Clock Cycle Time (Flow-Through)(1) Clock Cycle Time (Pipelined)
(1) (1)
70V7599S166(3,4) Com'l & Ind Min. 20 6 6 6 2.1 2.1
____ ____
70V7599S133(3) Com'l & Ind Min. 25 7.5 7 7 2.6 2.6
____ ____
Parameter
Min. 15 5 5 5 2.0 2.0
____ ____
Max.
____ ____ ____
Max.
____ ____ ____
Max.
____ ____ ____
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Clock High Time (Flow-Through) Clock Low Time (Flow-Through) Clock High Time (Pipelined)(2) Clock Low Time (Pipelined) Clock Rise Time Clock Fall Time Address Setup Time Address Hold Time Chip Enable Setup Time Chip Enable Hold Time Byte Enable Setup Time Byte Enable Hold Time R/W Setup Time R/W Hold Time Input Data Setup Time Input Data Hold Time ADS Setup Time ADS Hold Time CNTEN Setup Time CNTEN Hold Time REPEAT Setup Time REPEAT Hold Time Output Enable to Data Valid Output Enable to Output Low-Z Output Enable to Output High-Z
(1)
(1)
____ ____ ____
____ ____ ____
____ ____ ____
1.5 1.5
____
1.5 1.5
____
1.5 1.5
____
1.5 0.5 1.5 0.5 1.5 0.5 1.5 0.5 1.5 0.5 1.5 0.5 1.5 0.5 1.5 0.5
____
1.7 0.5 1.7 0.5 1.7 0.5 1.7 0.5 1.7 0.5 1.7 0.5 1.7 0.5 1.7 0.5
____
1.8 0.5 1.8 0.5 1.8 0.5 1.8 0.5 1.8 0.5 1.8 0.5 1.8 0.5 1.8 0.5
____
____ ____ ____ ____ ____
____ ____ ____ ____ ____
____ ____ ____ ____ ____
____ ____ ____ ____
____ ____ ____ ____
____ ____ ____ ____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
4.0
____
4.0
____
4.2
____
0.5 1
____ ____
0.5 1
____ ____
0.5 1
____ ____
3.4 10 3.4
____
3.6 12 3.6
____
4.2 15 4.2
____
Clock to Data Valid (Flow-Through)(1) Clock to Data Valid (Pipelined)
(1)
Data Output Hold After Clock High Clock High to Output High-Z Clock High to Output Low-Z
1 1 0.5
1 1 0.5
1 1 0.5
3.4
____
3.6
____
4.2
____
Port-to-Port Delay tCO Clock-to-Clock Offset 5.0
____
6.0
____
7.5
____
ns
5626 tbl 11
NOTES: 1. The Pipelined output parameters (tCYC2, tCD2) apply to either or both left and right ports when FT/PIPEX = VIH. Flow-through parameters (tCYC1, tCD1) apply when FT/PIPEX = VIL for that port. 2. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE) and FT/PIPE. FT/PIPE should be treated as a DC signal, i.e. steady state during operation. 3. These values are valid for either level of VDDQ (3.3V/2.5V). See page 5 for details on selecting the desired operating voltage levels for each port. 4. 166MHz Industrial Temperature not available in BF-208 package. 5. This speed grade available when VDDQ = 3.3.V for a specific port (i.e., OPTx = VIH). This speed grade available in BC-256 package only.
6.42 11
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Read Cycle for Pipelined Operation (ADS Operation) (FT/PIPE'X' = VIH)(2)
tCYC2 tCH2 CLK
CE0
tCL2
tSC CE1 tSB
BEn
tHC
tSC
(3)
tHC
tHB
tSB
(5)
tHB
R/W
tSW tSA
tHW tHA An + 1 (1 Latency) tCD2 Qn An + 2 tDC Qn + 1 tOHZ tOLZ Qn + 2
(5)
ADDRESS
(4)
An
An + 3
DATAOUT tCKLZ OE
(1) (1)
tOE
5626 drw 06
Timing Waveform of Read Cycle for Flow-through Output (FT/PIPE"X" = VIL)(2,6)
tCYC1 tCH1 CLK
CE0
tCL1
tSC CE1 tSB
BEn
tHC
tSC
(3)
tHC
tHB tSB
(5)
tHB
R/W
tSW tHW tSA tHA An + 1 tCD1 tDC Qn tCKLZ
(1)
ADDRESS
(4)
An
An + 2
An + 3 tCKHZ
DATAOUT
Qn + 1 tOHZ tOLZ
Qn + 2 (5) tDC
OE
tOE
NOTES: 1. OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge. 2. ADS = VIL, CNTEN and REPEAT = VIH. 3. The output is disabled (High-Impedance state) by CE0 = VIH, CE1 = VIL, BEn = VIH following the next rising edge of the clock. Refer to Truth Table 1. 4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 5. If BEn was HIGH, then the appropriate Byte of DATAOUT for Qn + 2 would be disabled (High-Impedance state). 6. "x" denotes Left or Right port. The diagram is with respect to that port.
5626 drw 07
6.42 12
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of a Multi-Device Pipelined Read(1,2)
tCH2 CLK tSA ADDRESS(B1) tSC
CE0(B1)
tCYC2 tCL2
tHA A0 tHC tSC tCD2 tHC tCD2 Q0 tDC Q1 tDC A3 A4 tCKLZ A5 tCKHZ tCD2 Q3 tCKHZ A6 A1 A2 A3 A4 A5 A6
DATAOUT(B1) tSA ADDRESS(B2) tHA A0 A1
A2
tSC
CE0(B2)
tHC
tSC
tHC tCD2 tCKHZ Q2 tCKLZ tCKLZ
5626 drw 08
tCD2 Q4
DATAOUT(B2)
Timing Waveform of a Multi-Device Flow-Through Read(1,2)
tCH1 CLK tSA ADDRESS(B1) tSC tHA A0 tHC tSC tHC tCD1 DATAOUT(B1) tSA ADDRESS(B2) tHA A0 A1 A2 A3 A4 A5 A6 D0 tDC tCD1 D1 tDC tCKLZ
(1)
tCYC1 tCL1
A1
A2
A3
A4
A5
A6
CE0(B1)
tCKHZ
(1)
tCD1 D3 tCKHZ (1)
tCD1 D5 tCKLZ
(1)
tSC tHC CE0(B2) tSC tHC tCD1 DATAOUT(B2) tCKLZ
(1)
tCKHZ D2
(1)
tCD1 tCKLZ
(1)
tCKHZ D4
(1)
5626 drw 09
NOTES: 1. B1 Represents Device #1; B2 Represents Device #2. Each Device consists of one IDT70V7599 for this waveform, and are setup for depth expansion in this example. ADDRESS(B1) = ADDRESS(B2) in this situation. 2. BEn, OE, and ADS = VIL; CE1(B1), CE1(B2), R/W, CNTEN, and REPEAT = VIH.
6.42 13
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Port A Write to Pipelined Port B Read(1,2,4)
CLK"A" tSW R/W"A" tSA BANK ADDRESS AND ADDRESS"A"
An
tHW
tHA
tSD DATAIN"A"
Dn
tHD
tCO(3) CLK"B" tCD2 R/W"B" tSW tSA BANK ADDRESS AND ADDRESS"B"
An
tHW tHA
DATAOUT"B"
Dn
tDC
5626 drw 10
NOTES: 1. CE0, BEn, and ADS = VIL; CE1, CNTEN, and REPEAT = VIH. 2. OE = VIL for Port "B", which is being read from. OE = VIH for Port "A", which is being written to. 3. If tCO < minimum specified, then operations from both ports are INVALID. If tCO minimum, then data from Port "B" read is available on first Port "B" clock cycle (ie, time from write to valid read on opposite port will be tCO + tCYC2 + tCD2). 4. All timing is the same for Left and Right ports. Port "A" may be either Left or Right port. Port "B" is the opposite of Port "A"
Timing Waveform with Port-to-Port Flow-Through Read(1,2,4)
CLK "A" tSW tHW R/W "A" tSA BANK ADDRESS AND ADDRESS "A" DATAIN "A"
An
tHA
tSD
Dn
tHD
tCO(3) CLK "B" tCD1 R/W "B" tSW tSA BANK ADDRESS AND ADDRESS "B" DATAOUT "B" tDC
An
tHW tHA
Dn
tDC
5626 drw 11
NOTES: 1. CE0, BEn, and ADS = VIL; CE1, CNTEN, and REPEAT = VIH. 2. OE = VIL for the Right Port, which is being read from. OE = VIH for the Left Port, which is being written to. 3. If tCO < minimum specified, then operations from both ports are INVALID. If tCO minimum, then data from Port "B" read is available on first Port "B" clock cycle (i.e., time from write to valid read on opposite port will be tCO + tCD1). 4. All timing is the same for both left and right ports. Port "A" may be either left or right port. Port "B" is the opposite of Port "A".
6.42 14
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Pipelined Read-to-Write-to-Read tCYC2 (OE = VIL)(2)
tCH2 tCL2 CLK
CE0
tSC CE1 tSB
BEn
tHC
tHB
tSW tHW R/W tSW tHW
ADDRESS
(3)
An tSA tHA
An +1
An + 2
An + 2 tSD tHD Dn + 2
An + 3
An + 4
DATAIN
(1)
tCD2 Qn
tCKHZ
tCKLZ
tCD2 Qn + 3
DATAOUT READ
NOP
(4)
WRITE
READ
5626 drw 12 NOTES: 1. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals. 2. CE0, BEn, and ADS = VIL; CE1, CNTEN, and REPEAT = VIH. "NOP" is "No Operation". 3. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 4. "NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity.
Timing Waveform of Pipelined Read-to-Write-to-Read ( OE Controlled)(2)
tCH2 CLK
CE0
tCYC2 tCL2
tSC CE1 tSB
BEn
tHC
tHB
tSW tHW R/W tSW tHW
(3)
ADDRESS
An tSA tHA
An +1
An + 2 tSD tHD
An + 3
An + 4
An + 5
DATAIN
(1)
tCD2 Qn tOHZ
(4)
Dn + 2
Dn + 3
tCKLZ
tCD2 Qn + 4
DATAOUT
OE
5626 drw 13 NOTES: 1. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals. 2. CE0, BEn, and ADS = VIL; CE1, CNTEN, and REPEAT = VIH. 3. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 4. This timing does not meet requirements for fastest speed grade. This waveform indicates how logically it could be done if timing so allows.
READ
WRITE
READ
6.42 15
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Flow-Through Read-to-Write-to-Read (OE = VIL)(2)
tCH1 CLK tCYC1 tCL1
CE0
tSC tHC CE1 tSB
BEn
tHB
tSW tHW R/W tSW tHW
ADDRESS
(3)
tSA DATAIN
(1)
An tHA
An +1
An + 2
An + 2 tSD tHD Dn + 2
An + 3
An + 4
tCD1 Qn tDC READ
tCD1 Qn + 1 tCKHZ (4) NOP
tCD1
tCD1 Qn + 3 tDC READ
DATAOUT
tCKLZ WRITE
5626 drw 14
Timing Waveform of Flow-Through Read-to-Write-to-Read (OE Controlled)(2)
tCYC1 tCH1 tCL1 CLK
CE0
tSC tHC CE1 tSB
BEn
tHB
tSW tHW R/W ADDRESS
(3)
tSW tHW An tSA tHA An +1 An + 2 tSD tHD Dn + 2
(1)
An + 3
An + 4
An + 5
DATAIN tCD1 Qn tOHZ
OE
Dn + 3
tDC
tOE tCD1 tCKLZ
tCD1 Qn + 4 tDC
DATAOUT
READ WRITE READ 5626 drw 15 NOTES: 1. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals. 2. CE0, BEn, and ADS = VIL; CE1, CNTEN, and REPEAT = VIH. 3. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 4. "NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity.
6.42 16
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Pipelined Read with Address Counter Advance(1)
tCH2 CLK tSA ADDRESS tHA tCYC2 tCL2
An tSAD tHAD
ADS
tSAD tHAD
CNTEN
tSCN tHCN tCD2
DATAOUT
Qx - 1(2)
Qx tDC
Qn
Qn + 1
Qn + 2(2)
Qn + 3
READ EXTERNAL ADDRESS
READ WITH COUNTER
COUNTER HOLD
READ WITH COUNTER
5626 drw 16
Timing Waveform of Flow-Through Read with Address Counter Advance(1)
tCH1 CLK tSA ADDRESS tHA tCYC1 tCL1
An tSAD tHAD
ADS
tSAD tHAD tSCN tHCN
CNTEN
tCD1 DATAOUT Qx(2) tDC READ EXTERNAL ADDRESS READ WITH COUNTER COUNTER HOLD READ WITH COUNTER
5626 drw 17
Qn
Qn + 1
Qn + 2
Qn + 3(2)
Qn + 4
NOTES: 1. CE0, OE, BEn = VIL; CE1, R/W, and REPEAT = VIH. 2. If there is no address change via ADS = VIL (loading a new address) or CNTEN = VIL (advancing the address), i.e. ADS = VIH and CNTEN = VIH, then the data output remains constant for subsequent clocks.
6.42 17
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Write with Address Counter Advance (Flow-through or Pipelined Inputs)(1,6)
tCH2 CLK tSA ADDRESS tHA tCYC2 tCL2
An
INTERNAL(3) ADDRESS tSAD tHAD
ADS
An(5)
An + 1
An + 2
An + 3
An + 4
tSCN tHCN
CNTEN
tSD tHD DATAIN Dn WRITE EXTERNAL ADDRESS Dn + 1 Dn + 1 Dn + 2 Dn + 3 Dn + 4
WRITE WRITE WITH COUNTER COUNTER HOLD
WRITE WITH COUNTER
5626 drw 18
Timing Waveform of Counter Repeat for Flow Through Mode(2,6,7)
tCYC2 CLK tSA tHA ADDRESS INTERNAL(3) ADDRESS
ADS
An An+1 An+2 An+2 An+2
An tSAD tHAD tSW tHW
An
An+1
An+2
R/W tSCN tHCN
CNTEN
(4)
REPEAT
tSRPT tHRPT
tSD tHD DATAIN D0 D1 D2 D3 tCD1 DATAOUT WRITE TO ADS ADDRESS An ADVANCE COUNTER WRITE TO An+1 ADVANCE COUNTER WRITE TO An+2 HOLD COUNTER WRITE TO An+2 An REPEAT READ LAST ADS ADDRESS An An+1 ADVANCE COUNTER READ An+1 An+2
,
An+2 HOLD COUNTER READ An+2
ADVANCE COUNTER READ An+2
5626 drw 19 NOTES: 1. CE0, BEn, and R/W = VIL; CE1 and REPEAT = VIH. 2. CE0, BEn = VIL; CE1 = VIH. 3. The "Internal Address" is equal to the "External Address" when ADS = VIL and equals the counter output when ADS = VIH. 4. No dead cycle exists during REPEAT operation. A READ or WRITE cycle may be coincidental with the counter REPEAT cycle: Address loaded by last valid ADS load will be accessed. For more information on REPEAT function refer to Truth Table II. 5. CNTEN = VIL advances Internal Address from `An' to `An +1'. The transition shown indicates the time required for the counter to advance. The `An +1'Address is written to during this cycle. 6. The counter includes bank address and internal address. The counter will advance across bank boundaries. For example, if the counter is in Bank 0, at address FFFh, and is advanced one location, it will move to address 0h in Bank 1. By the same token, the counter at FFFh in Bank 63 will advance to 0h in Bank 0. 7. For Pipelined Mode user should add 1 cycle latency for outputs as per timing waveform of read cycle for pipelined operations.
6.42 18
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Functional Description
The IDT70V7599 is a high-speed 128Kx36 (4 Mbit) synchronous Bank-Switchable Dual-Ported SRAM organized into 64 independent 2Kx36 banks. Based on a standard SRAM core instead of a traditional true dual-port memory core, this bank-switchable device offers the benefits of increased density and lower cost-per-bit while retaining many of the features of true dual-ports. These features include simultaneous, random access to the shared array, separate clocks per port, 166 MHz operating speed, full-boundary counters, and pinouts compatible with the IDT70V3599 (128Kx36) dual-port family. The two ports are permitted independent, simultaneous access into separate banks within the shared array. Access by the ports into specific banks are controlled by the bank address pins under the user's direct control: each port can access any bank of memory with the shared array that is not currently being accessed by the opposite port (i.e., BA0L - BA5L BA0R - BA5R). In the event that both ports try to access the same bank at the same time, neither access will be valid, and data at the two specific addresses targeted by the ports within that bank may be corrupted (in the case that either or both ports are writing) or may result in invalid output (in the case that both ports are trying to read). The IDT70V7599 provides a true synchronous Dual-Port Static RAM
interface. Registered inputs provide minimal setup and hold times on address, data and all critical control inputs. An asynchronous output enable is provided to ease asynchronous bus interfacing. Counter enable inputs are also provided to stall the operation of the address counters for fast interleaved memory applications. A HIGH on CE0 or a LOW on CE1 for one clock cycle will power down the internal circuitry on each port (individually controlled) to reduce static power consumption. Dual chip enables allow easier banking of multiple IDT70V7599S for depth expansion configurations. Two cycles are required with CE0 LOW and CE1 HIGH to read valid data on the outputs.
Depth and Width Expansion
The IDT70V7599 features dual chip enables (refer to Truth Table I) in order to facilitate rapid and simple depth expansion with no requirements for external logic. Figure 4 illustrates how to control the various chip enables in order to expand two devices in depth. The IDT70V7599 can also be used in applications requiring expanded width, as indicated in Figure 4. Through combining the control signals, the devices can be grouped as necessary to accommodate applications needing 72-bits or wider.
BA6(1)
IDT70V7599
CE0 CE1 VDD
IDT70V7599
CE0 CE1 VDD
Control Inputs
Control Inputs
IDT70V7599
CE1 CE0
IDT70V7599
CE1 CE0 BE, R/W, OE, CLK, ADS, REPEAT, CNTEN
Control Inputs
Control Inputs
5626 drw 20
,
Figure 4. Depth and Width Expansion with IDT70V7599
NOTE: 1. In the case of depth expansion, the additional address pin logically serves as an extension of the bank address. Accesses by the ports into specific banks are controlled by the bank address pins under the user's direct control: each port can access any bank of memory within the shared array that is not currently being accessed by the opposite port (i.e., BA0L - BA6L BA0R - BA6R). In the event that both ports try to access the same bank at the same time, neither access will be valid, and data at the two specific addresses targeted by the parts within that bank may be corrupted (in the case that either or both parts are writing) or may result in invalid output (in the case that both ports are trying to read).
6.42 19
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
JTAG Timing Specifications
tJF TCK tJCL tJCYC tJR tJCH
Device Inputs(1)/ TDI/TMS tJS Device Outputs(2)/ TDO TRST
5626 drw 21
tJH
tJDC
tJRSR
tJCD ,
tJRST
Figure 5. Standard JTAG Timing
NOTES: 1. Device inputs = All device inputs except TDI, TMS, TRST, and TCK. 2. Device outputs = All device outputs except TDO.
JTAG AC Electrical Characteristics(1,2,3,4)
70V7599 Symbol tJCYC tJCH tJCL tJR tJF tJRST tJRSR tJCD tJDC tJS tJH Parameter JTAG Clock Input Period JTAG Clock HIGH JTAG Clock Low JTAG Clock Rise Time JTAG Clock Fall Time JTAG Reset JTAG Reset Recovery JTAG Data Output JTAG Data Output Hold JTAG Setup JTAG Hold Min. 100 40 40
____ ____
Max.
____ ____
Units ns ns ns ns ns ns ns ns ns ns ns
5626 tbl 12
____
3
(1)
3(1)
____
50 50
____
____
25
____
0 15 15
____ ____
NOTES: 1. Guaranteed by design. 2. 30pF loading on external output signals. 3. Refer to AC Electrical Test Conditions stated earlier in this document. 4. JTAG operations occur at one speed (10MHz). The base device may run at any speed specified in this datasheet.
6.42 20
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Identification Register Definitions
Instruction Field Revision Number (31:28) IDT Device ID (27:12) IDT JEDEC ID (11:1) ID Register Indicator Bit (Bit 0) Value 0x0 0x308 0x33 1 Reserved for version number Defines IDT part number Allows unique identification of device vendor as IDT Indicates the presenc e of an ID register
5626 tbl 13
Description
Scan Register Sizes
Register Name Instruction (IR) Bypass (BYR) Identification (IDR) Boundary Scan (BSR) Bit Size 4 1 32 Note (3)
5626 tbl 14
System Interface Parameters
Instruction EXTEST BYPASS IDCODE Code 0000 1111 0010 0100 Description Forces contents of the boundary scan cells onto the device outputs(1). Places the boundary scan registe r (BSR) between TDI and TDO. Places the by pass register (BYR) between TDI and TDO. Loads the ID register (IDR) with the vendor ID code and places the register between TDI and TDO. Places the bypass register (BYR) be tween TDI and TDO. Forces all device output drivers to a High-Z state. Uses BYR. Forces contents of the boundary scan cells onto the device outputs. Places the by pass register (BYR) between TDI and TDO. Places the boundary scan registe r (BSR) between TDI and TDO. SAMPLE allows data from device inputs (2) and outputs(1) to be captured in the boundary scan cells and shifted serially through TDO. PRELOAD allows data to be input serially into the boundary scan cells via the TDI. Several combinations are reserved. Do not use codes other than those identified above.
5626 tbl 15
HIGHZ CLAMP SAMPLE/PRELOAD
0011 0001
RESERVED
All other codes
NOTES: 1. Device outputs = All device outputs except TDO. 2. Device inputs = All device inputs except TDI, TMS, TRST, and TCK. 3. The Boundary Scan Descriptive Language (BSDL) file for this device is available on the IDT website (www.idt.com), or by contacting your local IDT sales representative.
6.42 21
IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Ordering Information
XXXXX Device Type A Power 999 Speed A Package A Process/ Temperature Range
Blank I BF DR BC
Commercial (0C to +70C) Industrial (-40C to +85C) 208-pin fpBGA (BF-208) 208-pin PQFP (DR-208) 256-pin BGA (BC-256) Commercial Only(1) Commercial & Industrial(2) Speed in Megahertz Commercial & Industrial Standard Power
,
200 166 133 S
70V7599 4Mbit (128K x 36-Bit) Synchronous Bank-Switchable Dual-Port RAM
NOTES: 1. Available in BC-256 package only. 2. Industrial Temperature at 166Mhz not available in BF-208 package.
5626 drw 22
Datasheet Document History:
1/5/00: 10/19/01: Initial Public Offering Page 2, 3 & 4 Added date revision for pin configurations Page 9 Changed ISB3 values for commercial and industrial DC Electrical Characteristics Page 11 Changed tOE value in AC Electrical Characteristics, please refer to Errata #SMEN-01-05 Page 20 Increased tJCD from 20ns to 25ns, please refer to Errata #SMEN-01-04 Page 1 & 22 Replaced TM logo with (R) logo Page 1, 9, 11 & 22 Added 200MHz specification Page 9 Tightened power numbers in DC Electrical Characteristics Page 14 Changed waveforms to show INVALID operation if tCO < minimum specified Page 1 - 22 Removed "Preliminary" status Page 9, 11 & 22 Designated 200 Mhz speed grade available in BC-256 package only Page 11 Added byte enable setup time and byte enable hold time parameters and values to all speed grades in the AC Electrical Characteristics Table Page 9 Corrected a typo in the DC Chars table Page 22 Removed "IDT" from orderable part number
03/18/02:
12/4/02: 01/16/04: 07/25/08: 01/29/09:
CORPORATE HEADQUARTERS 6024 Silver Creek Valley Road San Jose, CA 95138
for SALES: 800-345-7015 or 408-284-8200 fax: 408-284-2775 www.idt.com
6.42 22
for Tech Support: 408-284-2794 DualPortHelp@idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


▲Up To Search▲   

 
Price & Availability of 70V7599S200BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X