Part Number Hot Search : 
1N629 5A102 08501 3602S 037MAL AT89C 120JR GR1286
Product Description
Full Text Search
 

To Download 4GBJ10005-4GBJ1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4GBJ10005 thru 4GBJ1010
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
? .134(3.4) ? .122(3.1) .995(25.3) .983(24.7)
REVERSE VOLTAGE FORWARD CURRENT
- 50 to 1000Volts - 10 Amperes
4GBJ
.189(4.8) .173(4.4) .150(3.8) .134(3.4) ? .134(3.4) ? .122(3.1) .114(2.9) .098(2.5) .031(0.8) .023(0.6)
technique results in inexpensive product classification 94V-0
.057(1.45) .041(1.05) .083(2.1) .069(1.7) .043(1.1) .035(0.9) .602(15.3) .578(14.7)
The plastic material has UL flammability
.118(3.0)*45 .157 (4.0)
+
~
.074(1.9) .059(1.5)
~
.150(3.8) .130(3.3)
.303(7.7) .303(7.7) .303(7.7) SPACING .287(7.3) .287(7.3) .287(7.3)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=110 (without heatsink) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 5.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
4GBJ 10005 50 35 50
4GBJ 1001 100 70 100
4GBJ 1002 200 140 200
4GBJ 1004 400 280 400 10.0 3.0 220 1.1 10.0 500 120 55 1.4 -55 to +150 -55 to +150
4GBJ 1006 600 420 600
.708(18.0) .669(17.0)
4GBJ 1008 800 560 800
.382(9.7) .366(9.3)
4GBJ 1010 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V A A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 150mm*150mm*1.6mm Cu plate heatsink.
~ 492 ~
RATING AND CHARACTERTIC CURVES 4GBJ10005 thru 4GBJ1010
FIG.1-FORWARD CURRENT DERATING CURVE 10.0 AVERAGE FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT , AMPERES
WITH HEATSINK
FIG.2-MAXMUN NON-REPETITIVE SURGE CURRENT 300 250 200 150 100 50 0 1 2 5 10 20 50 100
TJ=150C SINGLE -SINE- WAVE (JEDEC METHOD)
8.0
6.0
WITHOUT HEATSINK
4.0
2.0 1.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0
20
40
60
80
100
120
140
NUMBER OF CYCLES AT 60Hz
CASE TEMPERATURE, C FIG.4-TYPICAL FORWARD CHARACTERISTICS 10 INSTANTANEOUS FORWARD CURRENT, (A)
FIG.3-TYPICAL JUNCTION CAPACITANCE 100
CAPACITANCE,(pF)
1.0
10
0.1
TJ = 25C PULSE WIDTH 300us
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125C
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 493 ~


▲Up To Search▲   

 
Price & Availability of 4GBJ10005-4GBJ1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X