Part Number Hot Search : 
SK3A5P0 43650 OP400GS BV55BE MMBD3004 SS411 MMBD3004 2322168
Product Description
Full Text Search
 

To Download 2W005G-2W10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2WOXG/2WOXMG SERIES
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -60 amperes peak Ldeal for printed circuit board Reliable low cost construction utilizing molded plastic
.220(5.6) .200(5.1)
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 2.0 Amperes WOB
.366(9.3) .350(8.9) .181(4.6) .150(3.8)
WOBM
.386(9.8) .354(9.0)
technique results in expensive product
Mounting Position :Any Lead:sliver plated copper lead.
1.1 (27.9) MIN 1.0 (25.4) MIN
1.1 (27.9) MIN
1.0 (25.4) MIN
.032(0.81) POS. .028(0.71) LEAD
POS. LEAD
.032(0.81) .028(0.71)
.220(5.6) .180(4.6) .220(5.6) .180(4.6) SPACING
.220(5.6) .180(4.6) .220(5.6) .180(4.6) SPACING
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
2W005G 2W01G 2W02G 2W04G 2W06G 2W08G 2W10G
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current , 8.3ms Single Half Sine-Wave Super Imposed on Rated Load I2t Rating for Fusing (t8.3ms) Maximum Forward Voltage Drop per Element at 2.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage TJ=25 TJ=100 @TA=25
SYMBOL VRRM VRMS VDC I(AV)
2W005MG 2W01MG 2W02MG 2W04MG 2W06MG 2W08MG 2W10MG 50 35 50 100 70 100 200 140 200 400 280 400 2.0 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM I2t VF IR CJ TJ TSTG
60 15.0 1.1 10.0 1.0 30 -55 to +150 -55 to +150
A A2s V A mA pF
Typical Junction Capacitance Per Element (Note1) Operating Temperature Range Operating Temperature Range
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
~ 400 ~
RATING AND CHARACTERTIC CURVES 2WOXG/2WOXMG SERIES
FIG.1-FORATING CURVE OUTPUT RECTIFIED CUURRENT AVERAGE FORWARD OUTPUTCURRENT AMPERES 2.0 PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.3-TYPICAL FORWARD CHARACTERISTICS
SINGLE SINE-WAVE JEDEC METHOD
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
0 50 100 150 AMBIENT TEMPERATURE FIG.3-TYPIACL REVERSE CHARACTERISTICS 10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERRES
10.0
TJ=25
1.0
TJ=100
INSTANTANEOUS FORWARD CURRENT AMPERES
TYPICAL DISTRIBUTION
1.0
0.1
TJ=25
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
0.01 0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE. VOLTS FIG.5-TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT 100 60 40 CAPACITANCE,(pF) 20 10 6.0 4.0 2.0 1.0 0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100 REVERSE VOLTAGE,VOLTS
TJ=25, f=1MHZ Vsig=50m p-p
~ 401 ~


▲Up To Search▲   

 
Price & Availability of 2W005G-2W10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X