Part Number Hot Search : 
BR356W CDRH5D GP2A18F SDR0603 CXG1040T GT125 V48A24E DPT743H
Product Description
Full Text Search
 

To Download 2SD1063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
*
2SD1063
DESCRIPTION With TO-3PN package Wide area of safe operation Low collector saturation voltage Complement to type 2SB827 APPLICATIONS Universal high current switching as solenoid driving,high speed inverter and converter.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 60 Collector-base voltage Open emitter Collector-emitter voltage Open base 50 6 Emitter-base voltage Open collector Collector current (DC) Collector current -peak Collector power dissipation Junction temperature Storage temperature TC=25ae 7 14 60 150 -55~150
UNIT V V V A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=1mA ;RBE= IC=1mA ;IE=0 IE=1mA ;IC=0 IC=4A; IB=0.4A VCB=40V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=2V IC=5A ; VCE=2V IC=1A ; VCE=5V 70 30 MIN 50 60 6
2SD1063
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V V V
0.4 0.1 0.1 280
V mA mA
Switching times ton tstg tf
hFE-1 Classifications Q 70-140 R 100-200
TOR NDU ICO E SEM ANG INCH
Turn-on time 0.20 Storage time Fall time IC=2.0A; IB1=-IB2=0.2A VCC=20V;RL=10| 0.90 0.30
10
MHz
|I |I |I
s s s
S 140-280
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1063
TOR NDU ICO E SEM ANG INCH
Fig.2 outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1063
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SD1063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X