Part Number Hot Search : 
NTC22 35024 AV4040 AO440 AN496 IRF4905 GL850 CMPT4033
Product Description
Full Text Search
 

To Download 2SC3949 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC3949
DESCRIPTION With TO-3PML package High voltage ,high speed APPLICATIONS For TV horizontal output and power switching applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature TC=25ae Open emitter Open base Open collector CONDITIONS MAX 850 500 7 15 80 150 -55~150 ae ae UNIT V V V A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SC3949
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ;RBE=
500
V
V(BR)CBO V(BR)EBO
Collector-base breakdown voltage
IC=1mA ;IE=0 IE=1mA ;IC=0
850
V
Emitter-base breakdown voltage
7
V
VCEsat
Collector-emitter saturation voltage
IC=10A ;IB=2A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=10A ;IB=2A VCE=800V; IE=0 TC=100ae VEB=6V ;IC=0
1.5 0.1 1.0 0.1
V
ICBO
Collector cut-off current
mA
IEBO
Emitter cut-off current
mA
hFE fT
DC current gain
IC=10A ; VCE=5V IC=2A ; VCE=10V
10
30
Transition frequency
20
MHz
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
260
pF
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3949
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC3949

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X