Part Number Hot Search : 
TDA9183T 90816 MSKW2022 90816 8LM18 NJU6391 N82002MT PE44451
Product Description
Full Text Search
 

To Download 2SC3942 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3942
DESCRIPTION *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 300V(Min) *Good Linearity of hFE *Low Saturation Voltage
APPLICATIONS *Designed for color TV chroma output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
w w
scs .i w
300 V 300 V 7 V 0.1 A 0.2 A 10 W 2
.cn mi e
ICM
Collector Current-Peak Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC3942
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10A; IE= 0 IC= 1mA; IB= 0
B
300
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
300
V
V(BR)EBO
Emitter-Base Breakdown Vltage
IE= 10A ; IC= 0
7
V
VCE(sat) VBE(on) ICEO
Collector-Emitter Saturation Voltage
IC= 30mA; IB= 3mA IC= 30mA ; VCE= 10V VCE= 200V; IB= 0
1.5
V
Base-Emitter On Voltage
1.2
V A
Collector Cutoff Current
hFE
DC Current Gain
fT
Current-Gain--Bandwidth Product
COB
Output Capacitance
w
ww
scs .i
IC= 5mA; VCE= 50V
IC= 20mA; VCE= 30V
IE= 0; VCB= 30V, ftest= 1MHz
.cn mi e
50 70
10
250
MHz
2.7
pF
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC3942

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X