Part Number Hot Search : 
2SB849 ASM3P2 8AEMF713 01QQCN 2D1K12 FB96F KT521205 ACS108
Product Description
Full Text Search
 

To Download 2SB942 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB942 2SB942A
DESCRIPTION With TO-220Fa package High forward current transfer ratio hFE which has satisfactory linearity Low collector saturation voltage Complement to type 2SD1267/1267A APPLICATIONS For low-frequency power amplification
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER 2SB942 VCBO Collector-base voltage 2SB942A 2SB942 VCEO Collector-emitter voltage 2SB942A VEBO IC ICM Emitter-base voltage Collector current Collector current-peak Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 40 150 -55~150 ae ae Open collector Open base -80 -5 -4 -8 2 W V A A Open emitter -80 -60 V CONDITIONS VALUE -60 V UNIT
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SB942 IC=-30mA ,IB=0 2SB942A IC=-4A, IB=-0.4A IC=-3A ; VCE=-4V VEB=-5V; IC=0 2SB942 2SB942A 2SB942 2SB942A VCE=-30V; IB=0 CONDITIONS
2SB942 2SB942A
SYMBOL
MIN -60
TYP.
MAX
UNIT
VCEO
Collector-emitter voltage
V -80 -1.5 -2 -1 V V mA
VCEsat VBE IEBO
Collector-emitter saturation voltage Base-emitter voltage Emitter cut-off current
ICEO
Collector cut-off current
-0.7 VCE=-60V; IB=0 VCE=-60V; VBE=0 -0.4 VCE=-80V; VBE=0 IC=-1A ; VCE=-4V IC=-3A ; VCE=-4V IC=-0.1A; VCE=-10V,f=10MHz 70 15 30 250
mA
ICES
Collector cut-off current
mA
hFE-1 hFE-2 fT
DC current gain DC current gain Transition frequency
MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-4A IB1=-0.4A ,IB2=0.4A 0.2 0.5 0.2 |I |I |I s s s
hFE-1 Classifications Q 70-150 P 120-250
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB942 2SB942A
Fig.2 Outline dimensions (unindicated tolerance: A
0.15 mm)
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SB942 2SB942A
4


▲Up To Search▲   

 
Price & Availability of 2SB942

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X