Part Number Hot Search : 
SP489E TPS841F 10ESK3 TA8563FN TTC05802 DSWX9078 CMLT591E LTC1044A
Product Description
Full Text Search
 

To Download 2SB1558 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Darlington Power Transistors
2SB1558
DESCRIPTION With TO-3PI package Complement to type 2SD2387 APPLICATIONS For power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PI) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -140 -140 -5 -8 -0.1 80 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Darlington Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-50mA ;IB=0 IC=-7A ;IB=-7mA IC=-7A ; VCE=-5V VCB=-140V; IE=0 VEB=-5V; IC=0 IC=-7A ; VCE=-5V IC=-12A ; VCE=-5V IE=0 ; VCB=-10V;f=1MHz IC=-1A ; VCE=-5V 5000 2000 170 30 MIN -140 TYP.
2SB1558
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 Cob fT
MAX
UNIT V
-2.5 -3.0 -5 -5 30000 |I |I
V V A A
pF MHz
hFE-1 Classifications A 5000-12000 B 9000-18000 C 15000-30000
2
JMnic
Product Specification
Silicon PNP Darlington Power Transistors
PACKAGE OUTLINE
2SB1558
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1558

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X