Part Number Hot Search : 
0N60A4D PD024OX4 BA7358 C68HC05 4VHC1G A1182 KBU606 2106A
Product Description
Full Text Search
 

To Download 2SB1555 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1555
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= -140V(Min) *High DC Current Gain: hFE= 5000(Min)@IC= -6A *Complement to Type 2SD2384
APPLICATIONS *Designed for power amplifier applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE
UNIT
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
w w
scs .i w
-140 V -140 V -5 V -7 A -0.1 A 100 W
.cn mi e
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25
PC
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SB1555
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -50mA ; IB= 0
-140
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -6A; IB= -6mA
B
-2.5
V
VBE(on)
Base-Emitter On Voltage
IC= -6A ; VCE= -5V
-3.0
V
ICBO
Collector Cutoff Current
VCB= -140V ; IE=0
-5
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-5
A
hFE-1
DC Current Gain
IC= -6A ; VCE= -5V
hFE-2
DC Current Gain
COB
Output Capacitance
fT
Current-Gain--Bandwidth Product
hFE-1 Classifications A 5000-12000
w w
B
scs .i w
C
IC= -10A ; VCE= -5V
IE=0 ; VCB= -10V;ftest= 1.0MHz
.cn mi e
5000 2000
30000
120
pF
IC=-1A ; VCE= -5V
30
MHz
9000-18000
15000-30000
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB1555

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X