Part Number Hot Search : 
LDSC1 P4801PR BAV199 FZT593 2N6648 99001 1008C PI2003
Product Description
Full Text Search
 

To Download 2SA1293 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1293
DESCRIPTION *With TO-220 package *Complement to type 2SC3258 *Low collector saturation voltage *High speed switching time APPLICATIONS *High current switching applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -100 -80 -7 -5 -8 30 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-10mA ,IB=0 IC=-3A; IB=-0.15A IC=-3A; IB=-0.15A VCB=-100V; IE=0 VEB=-7V; IC=0 IC=-1A ; VCE=-1V IC=-3A ; VCE=-1V IE=0 ; VCB=-10V;f=1MHz IC=-1A ; VCE=-4V 70 30 MIN -80
2SA1293
TYP.
MAX
UNIT V
-0.2 -0.9
-0.4 -1.2 -1 -1 240
V V A A
200 60
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IB1=- IB2=-0.15A RL=10;VCC30V 0.2 1.0 0.1 s s s
hFE-1 Classifications O 70-140 Y 120-240
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1293
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1293
4


▲Up To Search▲   

 
Price & Availability of 2SA1293

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X