Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download 2SA1291 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-220 package *Low collector saturation voltage. *Short switching time. *Complement to type 2SC3255 APPLICATIONS *Various inductance lamp drivers for electrical equipment. *Inverters, converters *Power amplifier *High-speed switching PINNING
PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
2SA1291
Fig.1 simplified outline (TO-220) and symbol
ABSOLUTE MAXIMUM RATINGS (TC=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -80 -60 -5 -10 -12 40 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCE(sat) ICBO IEBO hFE fT PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-1mA ,IE=0 IC=-1mA ,IB=0
B
2SA1291
MIN -80 -60 -5
TYP.
MAX
UNIT V V V
IE=-1mA ,IC=0 IC=-5A; IB=-0.25A VCB=-40V; IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-2V IC=-1A ; VCE=-5V
-0.4 -100 -100 70 100 280
V A A
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A IB1=- IB2=0.25A VCC=20V;RL=6.67 0.1 0.5 0.1 s s s
hFE Classifications Q 70-140 R 100-200 S 140-280
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1291
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1291

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X