Part Number Hot Search : 
GMBT9014 MC68A SH682K ESSDC512 NCP2890D 45FCT TN7279 2SB822R
Product Description
Full Text Search
 

To Download 2SA1290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1290
DESCRIPTION *With TO-220 package *Short switching time *Low collector saturation voltage *Complement to type 2SC3254 APPLICATIONS *Various inductance lamp drivers for electrical equipment *Inverters,converters *Power amplifier *Switching regulator ,driver
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -80 -60 -5 -7 -10 35 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE fT PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-1mA ,RBE= IC=-1mA ,IE=0 IE=-1mA ,IC=0 IC=-3.5A; IB=-0.175A VCB=-40V; IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-2V IC=-1A ; VCE=-5V 70 100 MIN -60 -80 -7 TYP.
2SA1290
MAX
UNIT V V V
-0.4 -100 -100 280
V A A
MHz
Switching times ton tstg tf Turn-on time Storage time Fall time VCC=-20V; IC=-3A IB1=-IB2=-0.15A;RL=6.67 0.1 0.5 0.1 s s s
hFE Classifications Q 70-140 R 100-200 S 140-280
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1290
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1290
4


▲Up To Search▲   

 
Price & Availability of 2SA1290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X