Part Number Hot Search : 
33982B 6N136 NSR01 LTC4412 5N120 MCP320 OMAP5 MUR1540
Product Description
Full Text Search
 

To Download 2SA1120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1120
DESCRIPTION With TO-126 package High transition frequency Low collector saturation voltage APPLICATIONS Audio power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25ae PD Total power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature -55 5 150 +150 ae ae CONDITIONS Open emitter Open base Open collector VALUE -35 -35 -6 -5 -1 1.5 W UNIT V V V A A
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SA1120
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ;IB=0
-35
V
VCEsat
Collector-emitter saturation voltage
IC=-4A; IB=-0.1A
-1.0
V
VBE
Base-emitter on voltage
IC=-4A ; VCE=-2V
-1.5
V
ICBO
Collector cut-off current
VCB=-35V; IE=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-6V; IC=0
-0.1
mA
hFE-1
DC current gain
IC=-500mA ; VCE=-2V
200
hFE-2
DC current gain
IC=-4A ; VCE=-2V
70
Cob
Output capacitance
IE=0 ; VCB=-10V f=1MHz
62
pF
fT
Transition frequency
IC=-500mA ; VCE=-2V
170
MHz
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1120
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X