Part Number Hot Search : 
N12D1 NTE2557 BUK7Y 645TS OPB716 MAX392 PH3855L UBA2071A
Product Description
Full Text Search
 

To Download 1N914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N914
FAST SWITCHING DIODE DO - 35
.020 TYP. (0.51) 1.083(27.5) MIN
FEATURES
High reliability High conductance Fast switching speed (trr4ns)
APPLICATIONS
For general purpose swiching applications
CONSTRUCTION
Silicon epitaxial planar
.150(3.8) MAX .079 MAX (2.0)
1.083(27.5) MIN
Dimensions in inches and (millimeters)
ABSOLUTE MAXIMUM RATING
Parameter Non repetitive peak reverse voltage
(TJ=25)
Test Conditions Symbol VRM VRRM Value 100 Unit V V
Repetitive peak reverse voltage Working peak reverse voltage DC blocking voltage RMS reverse voltage Forward current Average rectified current Non repetitive peak forward surge current Power dissipation
Storge temperature range
75
75
VRWM
VR VR(RMS) IF
75
53
V V
V mA mA A A mW
300 200
1
Half wave rectification with resistive load and f>50MHz t=1s
t=1us
IFAV IFSM
IFSM Pd TsTg
4
500
I=4mm TL=25
-55 ~ +175
MAXIMUM THERMAL RESISTANCE
Parameter Junction ambient
(TJ=25)
Test Conditions I=4mm TL=constant Symbol RthJA Value 300 Unit K/W
ELECTRICAL CHARACTERISTICS
Parameter Forward voltage Peak reverse current Breakdown voltage Diode capacitance Reverse recovery time
TJ=25
Test Conditions IF=10mA VR=20V VR=20V, Tj=150 VR=75V Symbol VF IR IR IR VR CD trr 100 4 4 Min Typ Max 1 25 50 5 Unit V nA uA uA V pF ns
IR=100uA
VR=0, f=1MHZ IF=10mA to IR=1mA,VR=6V,RL=100
~ 419 ~
RATING AND CHARACTERISTIC CURVES 1N914
FIG. 1 - MAXIMUM PERMISSIBLE CONTINUOUS FORWARD CURRENT VS. AMBIENT TEMPERATURE 100 600
FIG. 2 -FORWARD CURRENT VS.FORWARD VOLTAGE TJ=25C TYPICAL
IF (m A) 50
400 IF (m A) TJ=25C TYPICAL VALUES 200 0 0 100 Tamb(C) 200 0 0 1 VF (V) 2
TJ=25C MAXIMUM VALUES
FIG.3-REVERSE CURRENT VS. JUNCTION TEMPERATURE 1000 VR=75V MAXIMUM VALUES 100 1.0 1.2
FIG. 4 -DIODE CAPACITANCE VS. REVERSE VOLTAGE (TYPICAL VALUES)
IR (uA)
10 VR=75V TYPICAL VALUES Cd (pF) 0.8
1
0.6 VR=20V TYPICAL VALUES 0.1 0.4 0 0.01 0 100 TJ((C) 200 10 VR(C) 20 f=1MHZ,TJ=25C
~ 420 ~


▲Up To Search▲   

 
Price & Availability of 1N914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X