Part Number Hot Search : 
GS001 LSIT124 6010QM3 GS100 6010QM3 AQZ202 05010 4084L
Product Description
Full Text Search
 

To Download 1N5277B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
AXIAL LEAD DO35
Maximum Ratings (Note 1)
Rating Maximum Steady State Power Dissipation @TL75, Lead Length = 3/8" Derate Above 75 Operating and Storage Temperature Range TJ, Tstg 4.0 -65 to +200 mW/ C
L 52xxB
Symbol PD
Value 500
Units mW L 52 xx B
= Logo = 1N52xxB Device Code
Note 1: Some part number series have lower JEDEC registered ratings.
Specification Features:
Zener Voltage Range = 2.4V to 200V ESD Rating of Class 3 (>6 KV) per Human Body Model DO-35 Package (DO-204AH) Double Slug Type Construction Metallurgical Bonded Construction RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish
Cathode Anode
Specification Features:
Case Finish : Double slug type, hermetically sealed glass : All external surfaces are corrosion resistant and leads are readily solderable
Polarity : Cathode indicated by polarity band Mounting: Any
November 2006 / C
Page 1
1N5221B through 1N5281B Series
(R)
TAK CHEONG
ELECTRICAL CHARACTERISTICS (TA = 25 unless otherwise noted. ) Zener Voltage (Note 3.) Device (Note 2.) Device Marking Min 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 2.280 2.375 2.565 2.660 2.850 3.135 3.420 3.705 4.085 4.465 4.845 5.320 5.700 5.890 6.460 7.125 7.790 8.265 8.645 9.500 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 VZ (Volts) Nom 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 Max 2.520 2.625 2.835 2.940 3.150 3.465 3.780 4.095 4.515 4.935 5.355 5.880 6.300 6.510 7.140 7.875 8.610 9.135 9.555 10.500 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 @IZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9 8.5 7.8 7.4 7 6.6 6.2 5.6 5.2 5 4.6 4.5 4.2 3.8 3.4 3.2 3.0
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
Zener Impedance (Note 4.) ZZT @IZT () 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 ZZK @IZK () 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 800 (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Leakage Current IR @ V R (uA Max) 100 100 75 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 (Volts) 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33
VZ (Note 5.) (%/) -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095
VF = 1.1V Max @IF = 200mA for 60V below types, VF = 1.4V Max @IF = 200mA for 60V above types
November 2006 / C
Page 2
(R)
TAK CHEONG
ELECTRICAL CHARACTERISTICS (TA = 25 unless otherwise noted. ) Zener Voltage (Note 2.) Device (Note 1.) Device Marking Min 1N5261B 1N5262B 1N5263B 1N5264B 1N5265B 1N5266B 1N5267B 1N5268B 1N5269B 1N5270B 1N5271B 1N5272B 1N5273B 1N5274B 1N5275B 1N5276B 1N5277B 1N5278B 1N5279B 1N5280B 1N5281B 1N5261B 1N5262B 1N5263B 1N5264B 1N5265B 1N5266B 1N5267B 1N5268B 1N5269B 1N5270B 1N5271B 1N5272B 1N5273B 1N5274B 1N5275B 1N5276B 1N5277B 1N5278B 1N5279B 1N5280B 1N5281B 44.65 48.45 53.20 57.00 58.90 64.60 71.25 77.90 82.65 86.45 95.0 104.5 114.0 123.5 133.0 142.5 152.0 161.5 171.0 180.5 190.0 VZ (Volts) Nom 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 Max 49.35 53.55 58.80 63.00 65.10 71.40 78.75 86.10 91.35 95.55 105.0 115.5 126.0 136.5 147.0 157.5 168.0 178.5 189.0 199.5 210.0 @IZT (mA) 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.1 1.0 0.95 0.9 0.85 0.8 0.74 0.68 0.66 0.65
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
Zener Impedance (Note 3.) ZZT @IZT () 105 125 150 170 185 230 270 330 370 400 500 750 900 1100 1300 1500 1700 1900 2200 2400 2500 ZZK @IZK () 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300 2600 3000 4000 4500 4500 5000 5500 5500 6000 6500 7000 (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Leakage Current IR @ V R (uA Max) 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 (Volts) 36 39 43 46 47 52 56 62 68 69 76 84 91 99 106 114 122 129 137 144 152
VZ (Note 4.) (mA) +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 +0.098 +0.099 +0.099 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11
VF = 1.1V Max @IF = 200mA for 60V below types, VF = 1.4V Max @IF = 200mA for 60V above types 2. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ) The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. ZENER IMPEDANCE (ZZ) DERIVATION ZZT and ZZk are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz. 5. TEMPERATURE COEFFICIENT (VZ) Test conditions for temperature coefficient are as follows: A. IZT = 7.5mA, T1 = 25, T2 = 125 (1N5221B through 1N5242B) B. IZT = Rated IZT , T1 = 25, T2= 125 (1N5243B through 1N5281B) Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
November 2006 / C
Page 3
(R)
TAK CHEONG
Package Outline
Case Outline
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
DO-35 DIM
Min
Millimeters
Max Min
Inches
Max
A B C D
0.46 3.05 25.40 1.52
0.56 5.08 38.10 2.29
0.018 0.120 1.000 0.060
0.022 0.200 1.500 0.090
Note: all dimensions are within JEDEC standard.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November 2006 / C
Page 4


▲Up To Search▲   

 
Price & Availability of 1N5277B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X