Part Number Hot Search : 
AA10C 2SA1090 EAC311 74LV08PW SRK7002 CR400F 5KP26 NS060
Product Description
Full Text Search
 

To Download 1N4150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4150
HIGH-SPEED SWITCHING DIODE DO - 35
.020 TYP. (0.51) 1.083(27.5) MIN
FEATURES
High reliability High forward current capability
APPLICATIONS
High speed switch and general purpose use in
computer and industrial applications
.150(3.8) MAX .079 MAX (2.0)
CONSTRUCTION
Silicon epitaxial planar
1.083(27.5) MIN
Dimensions in inches and (millimeters)
ABSOLUTE MAXIMUM RATINGS
Parameter Repetitive peak reverse voltage Reverse Vltage Peak forward surge current Forward current Average forward current
(TJ=25)
Test Conditions Type Symbol VRRM VR tp=1uS Value 100 Unit V V
75
75
IFSM
IF IFAV PV TJ TsTg
75
53
A mA
mA mW
VR=0
Power dissipation Junction temperature
Storge temperature range
300 -65 ~ +175

MAXIMUM THERMAL RESISTANCE
Parameter Junction ambient
(TJ=25)
Test Conditions Symbol RthJA Value 500 Unit K/W
On PC board 50mm*50mm*1.6mm
ELECTRICAL CHARACTERISTICS
Parameter
TJ=25
Test Conditions IF=1mA IF=10mA Symbol VF VF VF VF VF IR IR CD trr Min 0.54 0.66 0.76 0.82 0.87 Typ Max 0.62 0.74 0.86 0.92 1.0 100 100 2.5 4 Unit V V V V V nA uA pF ns
Forward voltage
IF=50mA IF=100mA IF=200mA VR=50V VR=50V, Tj=150 VR=0, f=1MHZ, VHF=50mA IF= IR=10...100mA,RL=100
Reverse current Diode capacitance Reverse recovery time
~ 423 ~
RATING AND CHARACTERISTIC CURVES 1N4150
FIG. 1 - MAXIMUM PERMISSIBLE CONTINUOUS FORWARD CURRENT VS. AMBIENT TEMPERATURE 400
FIG. 2 -FORWARD CURRENT VS.FORWARD VOLTAGE 600 TJ=175C TYPICAL VALUES
300 IF (m A) IF (m A) 200
400 TJ=25C TYPICAL VALUES 200
100
0 0 100 Tamb(C) 200
0 0 1 VF (V) 2
FIG.3-REVERSE CURRENT VS. JUNCTION TEMPERATURE 1000 1.2
FIG. 4 -DIODE CAPACITANCE VS. REVERSE VOLTAGE (TYPICAL VALUES)
100
1.0
IR (uA)
10
VR=75V TYPICAL VALUES
Cd (pF)
0.8
1 0.6 VR=20V TYPICAL VALUES 0.1 0.4 0 0.01 0 100 TJ((C) 200 10 VR(V) 20 f=1MHZ,TJ=25C
~ 424 ~


▲Up To Search▲   

 
Price & Availability of 1N4150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X