Part Number Hot Search : 
M3Z7V MC68HC9 M128FAN M34116B1 R9024N 2SD16 BTS612N1 CV9790
Product Description
Full Text Search
 

To Download 1N4001G-1N4007G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001G thru 1N4007G
GLASS PASSIVATED RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Amperes DO- 41
FEATURES
Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN.
.034(0.9) DIA .028(0.7)
.205(5.2) MAX
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Polarity: Color band denotes cathode Weight: 0.012 ounces , 0.34 grams Mounting position :Any
.107(2.7) DIA .080(2.0) 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TA=75
SYMBOL 1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N4006G 1N4007G VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 1.0 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG
30 1.1 5.0 50 15 50 -55 to +150 -55 to +150
A V A pF /W
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance junction of ambient .375"(9.5mm) lead length
~19 ~
RATING AND CHARACTERISTIC CURVES 1N4001G thru 1N4007G
FIG. 1 - FORWARD CURRENT DERATING CURVE 1.0 PEAK FORWARD SURGE CURRENT AMPERES AVERAGE FORWARD CURRENT AMPERES 0.8 0.6 50 40
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
30 20 10 0 1 2 5 10 20 50 100
0.4 0.2 0 25 50 75 100 125 150 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE C
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT(A) 60 40 CAPACITANCE,(pF) 10
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
20
1.0 TJ = 25C
10
4
TJ = 25C f = 1 MHz
0.1
2
PULSE WIDTH 300us
1 1 4
0.01 10 40 100 0 0.2 1.2 1.4 0.4 0.6 0.8 1.0 1.6 1.8 4 INSTANTANEOUS FORWARD VOLTAGE VOLTS
REVERSE VOLTAGE ,VOLTS
~ 20 ~


▲Up To Search▲   

 
Price & Availability of 1N4001G-1N4007G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X