Part Number Hot Search : 
DSS240 2SB1035 LT1959I MFE990 B1020 T45DB BCM8021 1N4904
Product Description
Full Text Search
 

To Download 180-091XMST7-11-8PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors
Product Series Basic Number Finish Symbol (Table II) Wall Mount Receptacle Square Flange with Tapped Holes See Notes 3 and 4 B SQ 4XL Tapped Holes O .005 (0.1) M (c) 2006 Glenair, Inc. www.glenair.com
180-091 (T7 - Square Flange Wall Mount) Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style with Tapped Holes
180-091 XW T7-17-8 P N
Alternate Key Position per MIL-DTL-38999 A, B, C, D, or E (N = Normal) Insert Designator P = Pin S = Socket Insert Arrangement (See page B-10) Shell Size (Table I)
2xC BSC
Master Keyway A Thread
1.240 (31.5) Max H G See Note 2
.520 (13.2) Max Fully Mated Indicator Band Red
J Thread Yellow Color Band Blue Color Band (See Note 5)
T7 - WALL MOUNT RECEPTACLE SQUARE FLANGE WITH TAPPED HOLES
APPLICATION NOTES
1. Material/ Finishes: Shell - See Table II Insulators- High Grade Rigid Dielectric/ N.A Seals- Fluorosilicone/ N.A. 2. Assembly to be identified with Glenair's name, part number and date code space permitting. 3. Insert arrangement in accordance with MIL-STD-1560, See Page B-10. 4. Insert arrangement shown is for reference only. 5. Blue Color Band indicates rear release retention system. 6. For appropriate Glenair Terminus part numbers see Glenair Drawing 181-001 and 181-002. 7. Metric Dimensions (mm) are indicated in parentheses.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-22
180-091 (T7 - Square Flange Wall Mount) Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style with Tapped Holes
TABLE I: SHELL SIZE
Shell Size Code B C D E F G H J Shell Size 11 13 15 17 19 21 23 25 A Thread .7500-.1P-.3L-TS-2A .8750-.1P-.3L-TS-2A 1.0000-.1P-.3L-TS-2A 1.1875-.1P-.3L-TS-2A 1.2500-.1P-.3L-TS-2A 1.3750-.1P-.3L-TS-2A 1.5000-.1P-.3L-TS-2A 1.6250-.1P-.3L-TS-2A B SQ
1.043 (26.5) 1.019 (25.9) 1.138 (28.9) 1.114 (28.3) 1.232 (31.3) 1.208 (30.7) 1.323 (33.6) 1.299 (33.0) 1.449 (36.8) 1.425 (36.2) 1.575 (40.0) 1.551 (39.4) 1.701 (43.2) 1.677 (42.6) 1.823 (46.3) 1.799 (45.7)
C BSC .812 (20.6) .906 (23.0) .969 (24.6) 1.062 (27.0) 1.156 (29.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1)
G
.144 (3.7) .083 (2.1) .144 (3.7) .083 (2.1) .144 (3.7) .083 (2.1) .144 (3.7) .083 (2.1) .144 (3.7) .083 (2.1) .171 (65.2) .083 (39.8) .171 (65.2) .083 (39.8) .171 (65.2) .083 (39.8)
H
.823 (20.9) .768 (19.5) .823 (20.9) .768 (19.5) .823 (20.9) .768 (19.5) .823 (20.9) .768 (19.5) .823 (20.9) .768 (19.5) .791 (20.0) .736 (18.7) .791 (20.0) .736 (18.7) .791 (20.0) .736 (18.7)
J Thread M15 x 1.0-6g 0.100R M18 x 1.0-6g 0.100R M22 x 1.0-6g 0.100R M25 x 1.0-6g 0.100R M28 x 1.0-6g 0.100R M31 x 1.0-6g 0.100R M34 x 1.0-6g 0.100R M37 x 1.0-6g 0.100R
L Tapped Holes
.112-40 UNC-2B .112-40 UNC-2B .112-40 UNC-2B .112-40 UNC-2B .112-40 UNC-2B .112-40 UNC-2B .138-32 UNC-2B .138-32 UNC-2B
TABLE II: FINISH
SYM M NF Aluminum ZNU MATERIAL FINISH Electroless Nickel Cadmium O.D. Over Electroless Nickel Black Chromate overZinc-Nickel over Electroless Nickel Electroless Copper Composite Electroless Nickel Cadmium O.D. Over Electroless Nickel Electroless Nickel Stainless Steel Passivate Electro-Deposited Nickel
XMS XM XW MS Z1 ZL
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-23
MIL-DTL-38999 Connectors


▲Up To Search▲   

 
Price & Availability of 180-091XMST7-11-8PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X