Part Number Hot Search : 
BU426A 9PAMF10 SC8725 C2412A SC606 GP300 128160 2SK1952
Product Description
Full Text Search
 

To Download ZMM160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM1 thru ZMM 200 00
SURFACE MOUNT ZENER DIODES
DO-213AA / MINI MELF
SOLDERABLE ENDS
D1= 0.066(1.676) 0.060(1.524)
CATHODE BAND
D2
E
FEATURES
Silicon Planar Zener Diodes voltages on request. designation ZPD1 thru ZPD51. E These diodes are delivered taped. Details see .Taping.. E Weight approx. : 0.05g environment substance directive request Zener current see Table "Characteristics" Power dissipation at Tamb=25J Junction temperature Storage temperature range Note:
0.022(0.559) 0.016(0.406) 0.145(3.683) 0.131(3.327)
D2=D1 +0 -0.008(0.20)
Dimension in inches (millimeters )
MECHANICAL DATA
Case MINI MELF Molded Glass (SOD-80) Weight Approx .0.05g
in MiniMELF case especially for automatic insertion. The
Zener voltages are graded according to the international E 24
standard. Smaller voltage tolerances and higher Zener
E These diodes are also available in DO-35 case with the type
E High temperature soldering : 260OC / 10 seconds at terminals E Pb free product at available : 99% Sn above meet RoHS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Ta=25J )
Symbols Values Units
Ptot Tj TS
500 1) 175 -55 to +175
mW J J
(1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at Tamb=25J
Symbols Thermal resistance junction to ambient Air Note: (1) Valid provided that electrodes are kept at ambient temperature. RthA Min. Typ. Max. 0.3 1) Units K/mW
www.paceleader.tw
1
ZMM1 thru ZMM 200 00
SURFACE MOUNT ZENER DIODES
Temp. Zener voltage range 1) Type Vznom V ZMM1V3 ZMM2V0 ZMM2V4 ZMM2V7 ZMM3V0 ZMM3V3 ZMM3V6 ZMM3V9 ZMM4V3 ZMM4V7 ZMM5V1 ZMM5V6 ZMM6V2 ZMM6V8 ZMM7V5 ZMM8V2 ZMM9V1 ZMM10 ZMM11 ZMM12 ZMM13 ZMM15 ZMM16 ZMM18 ZMM20 ZMM22 ZMM24 ZMM27 ZMM30 ZMM33 ZMM36 ZMM39 ZMM43 ZMM47 ZMM51 ZMM56 ZMM62 ZMM68 ZMM75 ZMM82 ZMM91 ZMM100 ZMM110 ZMM120 ZMM130 ZMM150 ZMM160 ZMM180 ZMM200 Notes: (1) Tested with pulses tp=20ms. (2) Valid provided that electrodes are kept at ambient temperature. (3) The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be .F. instead of .Z.. Connect the cathode electrode to the negative pole. 0.75 2.0 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 IZT fo r VZT 2) mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1 1 1 1 1 1 1 1 1 V [ [ <50 <600 <600 <600 <600 <600 <600 <600 <600 <600 <550 <450 <200 <150 <50 <50 <50 <70 <70 <90 <110 <110 <170 <170 <220 <220 <220 <220 <220 <220 <220 <500 <500 <600 <700 <700 <1000 <1000 <1000 <1500 <2000 <5000 <5000 <5500 <6000 <6500 <7000 <8500 <10000 <8 <85 <85 <85 <85 <85 <85 <85 <75 <60 <35 <25 <10 <8 <7 <7 <10 <15 <20 <20 <26 <30 <40 <50 <55 <55 <80 <80 <80 <80 <80 <90 <90 <110 <125 <135 <150 <200 <250 <300 <450 <450 <600 <800 <950 <1250 <1400 <1700 <2000 0.7 ... 0.8 1.9 ... 2.1 2.28 ... 2.56 2.5 ... 2.9 2.8 ... 3.2 3.1 ... 3.5 3.4 ... 3.8 3.7 ... 4.1 4.0 ... 4.6 4.4 ... 5.0 4.8 ... 5.4 5.2 ... 6.0 5.8 ...6.6 6.4 ... 7.2 7.0 ... 7.9 7.7 ... 8.7 8.5 ... 9.6 9.4 ... 10.6 10.4 ... 11.6 11.4 ... 12.7 12.4 ... 14.1 13.8 ... 15.6 15.3 ... 17.1 16.8 ... 19.1 18.8 ... 21.2 20.8 ... 23.3 22.8 ... 25.6 25.1 ... 28.9 28 ... 32 31 ... 35 34 ... 38 37 ... 41 40 ... 46 44 ... 50 48 ... 54 52 ... 60 58 ... 66 64 ... 72 70 ... 79 77 ... 87 85 ... 96 94 ... 106 104 ... 116 114 ... 127 124 ... 141 138 ... 156 153 ... 171 168 ... 191 188 ... 212 rzjT and rzjk at IZK mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 g A <100 <50 <10 <4 <2 <2 <2 <1 <0.5 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 I and I 2) at V g A <200 <100 <50 <40 <40 <40 <40 <20 <10 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <5 <5 <5 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 V 1 1 1 1 1 1 1 1 1 1 1 2 3 5 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 Dynamic resistance Reverse leakage current coefficient of Zener Voltage TKVZ %/K -0.26 ... -0.23 -0.09 ... -0.06 -0.09 ... -0.06 -0.09 ... -0.06 -0.08 ... -0.05 -0.08 ... -0.05 -0.08 ... -0.05 -0.08 ... -0.05 -0.06 ... -0.03 -0.05 ... +0.02 -0.02 ... +0.02 -0.05 ... +0.05 0.03 ... 0.06 0.03 ... 0.07 0.03 ... 0.07 0.03 ... 0.08 0.03 ... 0.09 0.03 ... 0.1 0.03 ... 0.11 0.03 ... 0.11 0.03 ... 0.11 0.03 ... 0.11 0.03 ... 0.11 0.03 ... 0.11 0.03 ... 0.11 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.04 ... 0.12 0.05 ... 0.12 0.05 ... 0.12 0.05 ... 0.12 0.05 ... 0.12 0.05 ... 0.12 0.05 ... 0.12 0.05 ... 0.12 0.05 ... 0.12 0.05 ... 0.12 0.05 ... 0.12
www.paceleader.tw
2
ZMM1 thru ZMM 200 00
SURFACE MOUNT ZENER DIODES
Breakdown characteristics
Tj = constant (pulsed)
mA 50
ZMM... Tj=25o C ZMM 1 ZMM 2.7 ZMM 3.9 ZMM 3.3 ZMM 4.7 ZMM 6.8
Iz
40 ZMM 8.2 ZMM 5.6 30
20
FIG. 1 POWEDE R R ATINGCU RVE
10 Test current Iz 5mA
0 0 1 2 3 4 5 6 Vz 7 8 9 10 V
Breakdown characteristics
Tj = constant (pulsed)
mA 30
ZMM... ZMM 10 ZMM 12 Tj=25o C
Iz ZMM 15 20 ZMM 18 ZMM 22 10 Test current Iz 5mA ZMM 27 ZMM 33 ZMM 36
0 0 10 20 Vz 30 40 V
www.paceleader.tw
3
ZMM1 thru ZMM 200 00
SURFACE MOUNT ZENER DIODES
Breakdown characteristics
Tj = constant (pulsed)
mA 10 ZMM 39 Iz 8 ZMM 43 Test current Iz 5mA ZMM 47 ZMM 51
ZMM... Tj=25o C
6
4
2
0 0 10 20 30 40 50 60 Vz 70 80 90 100 V
Forward characteristics
Admissible power dissipation versus ambient temperature
Valid provided that electrodes are kept at ambient temperature.
mA 10
3
ZMM...
mW 500
ZMM...
10 2 iF 10 Tj=100 C 1 Tj=25 C 10
-1 o o
Ptot
400
300
10
-2
200
10
-3
100
-4
10
10 -5 0
0 0.2 0.4 0.6 VF 0.8 1V 0 100 Tamb 200o C
www.paceleader.tw
4
ZMM1 thru ZMM 200 00
SURFACE MOUNT ZENER DIODES
Pulse thermal resistance versus pulse duration
Valid provided that the electrodes are kept at ambient temperature. K/W 10
3 7 5 5 4 3 2 2 4
Dynamic resistance versus Zener current
ZMM...
1000
ZMM... Tj=25 C
o
rthA
rzj
3 2
0.5 100 0.2 0.1 0.05 0.02 0.01 V=0
5 2 5 4 3
10
7 5 4 3 2
10
7 5 4 3 2
10 ZMM1
4
2.7 3.6 4.7
tp V= tp T PI
3 2
5.1 ZMM5.6 0.1
2 5
1 10 -5 10
T
-4
1 1 10 S 1
2 5
10
-3
10
-2
10 tp
-1
10
2
5
100mA
Iz
Capacitance versus Zener voltage
100
o
Dynamic resistance versus Zener current
ZMM... Tj=25 C
o
pF 1000
7 5
ZMM... Tj=25 C
5
rzj VR=1V VR=2V
4 3
Ctot
4 3
33 27 22 18 15 12
2
2
10 100
7 5 4 3
VR=1V
5 4 3
VR=2V
10
2
6.8/8.2
2
ZMM6.2 1 0.1 1
2 3 45 2 5
10 10
2 3 45
1
2
5
10
2
5
100mA
100V Iz
Vz at Iz=5 mA
www.paceleader.tw
5
ZMM1 thru ZMM 200 00
SURFACE MOUNT ZENER DIODES
Dynamic resistance versus Zener current
10
7 5 5 4 3 2 3
Thermal differential resistance versus Zener voltage
Valid provided that electrodes are kept at ambient temperature ZMM... Tj=25 C
o
10
3
ZMM... rzth=RthA.Vz. Vz Tj
rzj
4 3
2
rzth
2
10
5 4 3 2
2
10
7 5 4 3
47+51 43 39 ZMM36
10
5 4 3 2
2
negative
positive
10 0.1
2 3 45
1 1
2 3 45
10mA
1
2
3
45
10
2
3 45
100V
Iz
Vz at Iz=5 mA
Dynamic resistance versus Zener voltage
100
7 5
Temperature dependence of Zener voltage versus Zener voltage
ZMM... mV/K 25 ZMM...
rzj
4 3
Vz Tj
20 5mA Iz=1mA 20mA
2
15
10
7 5 4 3
10
5
2
0 Tj=25 C Iz=5 mA
o
1 1
2 3 45
10
2
3
45
100V
-5
1
2
3
45
10
2
3
45
100V
Vz at Iz=5 mA
Vz at Iz=5 mA
www.paceleader.tw
6
ZMM1 thru ZMM 200 00
SURFACE MOUNT ZENER DIODES
Temperature dependence of Zener voltage versus Zener voltage
mV/K 100 Iz=5 mA 8 80 Vz Tj 60 Vz 7 6 5 4 40 3 2 20 1 0 ZMM... V 9
Change of Zener voltage versus junction temperature
ZMM...
Vz bei Iz=5mA
51V 43V
36V
Iz=5 mA 0 0 20 40 60 80 100V -1 0 20 40 60 80 100 Tj 120 140 C
o
Vz at Iz=5 mA
Change of Zener voltage versus junction temperature
V 0.8 0.7 0.6 Vz Vz 0.5 8 0.4 0.3 0.2 0.1 0 -0.1
X)
Change of Zener voltge from turn-on up to the point of thermal equilibrium versus Zener voltage
ZMM... V 1.6 10 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -0.2
o
ZMM... Vz=rzth.Iz Iz=5 mA
Vz=35 V
X)
25
15
7 6.2 5.9 5.6 5.1 1 3.6 100 Tj 120 140 C 4.7
at Iz=5 mA 60 80
-0.2 0 20 40
-0.4 1
2 3 45
10
2
3
45
100V
Vz at Iz=5 mA
www.paceleader.tw
7
ZMM1 thru ZMM 200 00
SURFACE MOUNT ZENER DIODES
Change of Zener voltge from turn-on up to the point of thermal equilibrium versus Zener voltage
V 5 Vz=rzth.Iz ZMM...
4 Vz 3
Iz=5 mA
2
1 Iz=2 mA
0 0 20 40 60 80 100V
Vz at Iz=5 mA
www.paceleader.tw
8


▲Up To Search▲   

 
Price & Availability of ZMM160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X