Part Number Hot Search : 
20016 FM160 DAC10 MT5C1008 SMP92 16VWQ R1601 L5991D
Product Description
Full Text Search
 

To Download ZFAUY10C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
ZFAUY10C2
SURFACE MOUNT DISPLAY
Features
0.4 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. PACKAGE :250PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. 4. The gap between the reflector and PCB shall not exceed 0.25mm. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg UY (GaAsP/ GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (VF=0V, f=1MHz) Part Number Emitting Color Emitting Material Luminous Intensity (IF=10mA) ucd min. ZFAUY10C2 Yellow GaAsP/GaP 800 typ. 3390 590 Wavelength nm P VF VF IR
UY (GaAsP/ Unit GaP) 1.95 2.5 10 V V uA
P
590
nm
D
588
nm
35
nm
C
20
pF
Description
Common Cathode, Rt. Hand Decimal
Published Date : MAR 13,2008
Drawing No : SDSA5424
V2
Checked : Shin Chi
P.1/4
Part Number:
www.SunLED.com
ZFAUY10C2
SURFACE MOUNT DISPLAY
UY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13,2008
Drawing No : SDSA5424
V2
Checked : Shin Chi
P.2/4
Part Number:
www.SunLED.com
ZFAUY10C2
SURFACE MOUNT DISPLAY
Recommended Soldering Pattern (Units : mm;Tolerance: 0.15)
Tape Specification (Units : mm)
Published Date : MAR 13,2008
Drawing No : SDSA5424
V2
Checked : Shin Chi
P.3/4
Part Number:
www.SunLED.com
ZFAUY10C2
SURFACE MOUNT DISPLAY
PACKING & LABEL SPECIFICATIONS
ZFAUY10C2
Published Date : MAR 13,2008
Drawing No : SDSA5424
V2
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZFAUY10C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X