Part Number Hot Search : 
1029273 D211RPI 47100801 TA8302F SDM7101 MBR4045 MC340306 XXXAG
Product Description
Full Text Search
 

To Download WP7104CGCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 (3mm) SOLID STATE LAMP
Part Number: WP7104CGCK Green
Features
LOW POWER CONSUMPTION. POPULAR T-1 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Description
The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2294 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/10/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1101008125
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. WP7104CGCK Green (InGaAlP) WATER CLEAR 110 Typ. 350 Viewing Angle [1] 21/2 34
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 574 570 20 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Green 75 30 150 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2294 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/10/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1101008125
Green
WP7104CGCK
SPEC NO: DSAF2294 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/10/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1101008125
PACKING & LABEL SPECIFICATIONS
WP7104CGCK
SPEC NO: DSAF2294 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/10/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1101008125
SPEC NO: DSAF2294 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/10/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1101008125
SPEC NO: DSAF2294 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/10/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1101008125


▲Up To Search▲   

 
Price & Availability of WP7104CGCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X