Part Number Hot Search : 
N74AC 24LT310 1MA14 02241 M52769FP 1A66C LDA201 15100
Product Description
Full Text Search
 

To Download VTU-6392D5U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 400 W, CW High Efficiency Helix TWT Series, 13.75 GHz to 14.50 GHz, Coaxial Input, Waveguide Output, and Conduction Cooled. Custom configurations are also available. These variations in the performance and configuration include: mechanical configuration, electrical and RF connections, & dual stage depressed collector.
Model Number VTU-6392D2A VTU-6392D2B VTU-6392D5U VTU-6392D2X
Frequency (GHz) 13.75 - 14.5 13.75 - 14.5 12.75 - 14.5 13.75 - 14.5
Power Output (Min.) 400 W 400 W 350 W 350 W
Operating Parameters Features
* * * * * *
400 Watts Coaxial Input Waveguide Output Weight: 6 lbs. max Conduction Cooled Dual Stage Collector Units: Maximum: Minimum: Typical (400 W): Typical (350 W): Filament Voltage Vdc 6.4 6.2 6.3 6.3 Filament Current A 1.8 1.0 1.3 1.3 Helix Voltage kV 9.0 8.2 8.8 8.8 Helix Current mA 10.0 4.0 4.0 Collector Voltage 1 % 51.0 49.0 50.0 50.0 Collector Current 1 mA 150 10 dc 130 rf 10 dc 110 rf Prime Power Load VSWR VSWR 1.5 1.2 1.2
Collector Voltage 2 Units: Maximum: Minimum: Typical (400 W): Typical (350 W): % 33.0 31.0 32.0 32.0
Collector Current 2 mA 300 280 dc 265 dc
Cathode WarmUp Time minutes
Drive Power
Baseplate Temp. C
dBm
10 0 +2
Watts
1100 1050 950
3 3
85 85
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
For additional information on CPI MPP products contact: CPI MPP, Helix TWT Operation - 811 Hansen Way, Palo Alto, CA 94303-0750 Phone: 650-846-3900, Fax: 650-494-8779, Email: marketing@mpp.cpii.com, www.cpii.com/mpp


▲Up To Search▲   

 
Price & Availability of VTU-6392D5U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X