Part Number Hot Search : 
256AI C1741A LT6010 MAX1839 SB1100 MC143 MC35001N MBI5036
Product Description
Full Text Search
 

To Download VRB1205D-40W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRB_D-40W Series
40W, WIDE INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection FEATURES
Efficiency up to 90% Wide (2:1) Input Range 1.5KVDC Input/Output Isolation Over Current Protection Over Temperature Protection Short Circuit Protection Over Voltage Protection Under Voltage Protection Remote Voltage Compensate Operating temperature: -40C to +85C MTBF>1,000,000 hours Internal SMD cConstruction Metal Shielding Package 2"x2"x0.42" Industry Standard Pinout
RoHS
Efficiency (%, Typ) *** 86 86 86 87 87 89 88 89 88 90 90 90
PRODUCT PROGRAM
Input Part Number VRB1203D-40W VRB1205D-40W VRB1212D-40W VRB1215D-40W VRB2403D-40W VRB2405D-40W VRB2412D-40W VRB2415D-40W VRB4803D-40W VRB4805D-40W VRB4812D-40W VRB4815D-40W 48 36-75 80 24 18-36 40 12 9-18 20 Voltage (VDC) Nominal Range Max* Voltage (VDC) 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 Output Capacitance Current (mA) (Max,uF) ** 8000 8000 3300 2666 8000 8000 3300 2666 8000 8000 3300 2666 21000 13600 2360 1510 21000 13600 2360 1510 21000 13600 2360 1510
* Input voltage can't exceed this value, or will cause the permanent damage. ** Test Conditions: Nominal input voltage, constant resistive load. ***Nominal input, full load.
APPLICATIONS
The VRB-D-40W series are particularly suited to data transfer equipments, battery operated equipments, tele-communication equipments, distributing power system, mix analog/digital system, remote control Under Voltage protection system, industrial robot system and other wide input voltage application fields.
INPUT SPECIFICATIONS
Item Test Conditions Nominal input (12V) Nominal input (24V) Nominal input (48V) Start-up time CTRL DC-DC Module ON DC-DC Module OFF DC-DC Module ON DC-DC Module OFF DC-DC Module ON DC-DC Module OFF Min Typ 9 8 17.8 16 36 33 25 Open or 3.5VVDC
Nominal input, constant resistive load DC-DC Module ON DC-DC Module OFF
MODEL SELECTION
VRB4805D-40W
Rated Power Package Style Output Voltage Input Voltage Product Series
OUTPUT SPECIFICATIONS
Item Output Power Load Regulation Voltage regulation Temperature Drift(Vout) Ripple& Noise Over current protection Over voltage protection Over temp. protection Short circuit protection Test Conditions Refer to Product Program 10% to 100% load Input voltage from low to high Refer to recommended circuit 20MHz Bandwidth Input voltage range Input voltage range Input voltage range Input voltage range Min Typ 40 1 0.5 0.2 0.02 75 200 120-150%Po 110-130%Vo 115 C Hiccup, automatics recovery 150 %/C mV us % Max Units W
Output Voltage Accuracy Refer to recommended circuit
MORNSUN Science& Technology co.,Ltd. Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 Http://www.mornsun-power.com
Transient response time 25% load change
MORNSUN reserves the copyright
Specifications subject to change without notice.
VRB_D-40W
A/0-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage Humidity Operating Temperature Storage Temperature Temp. Rise at Full Load Lead Temperature Isolation voltage Isolation resistance Isolation capacitance Switching Frequency MTBF Weight Cooling Case material 1.5mm from case for 10 seconds Test for 1 minute and 1 mA max Test at 500VDC 100KHz /0.1V Nominal, full load MIL-HDBK-217F 1000 60 Free Air Convection Nickel- coated copper(six-sided shield) 1500 1000 2000 300 Test Conditions Min 5 -40 -55 70 300 VDC M pF KHz K hours g Typ Max 95 +85 +125 C Units %
RECOMMENDED CIRCUIT
Vin L
Cin
+Sens e +Vo
+Vo
Cout
DC
DC
0V -S ense
GND Fig.1
0V
In order to abtain better performance for the DC/DC models, it's recommened that use input and output filters as Fig.1 shown.
DERATING & EFFICIENCY CURVE
Temperature derating curve
Note: 1. All specifications are measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. The products cannot be used in parallel and in plug and play. 3. The CTRL pin voltage is referenced to GND. 4. Typical Eff value at nominal input voltage and full load. 5. Capacitor MAX load tested at nominal input voltage and constant resistive load. 6. Refer to the diagram of Output Voltage trim up/down for trim applications.
OUTLINE DIMENSIONS & PIN CONNECTIONS
First Angle Projection
50.80+0.50 (2.000+0.020) 2.54 (0.100) 45.72.(1.800)
60
Temperature()
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch), diameter:1.50mm(0.059inch)
Efficiency Vs Input voltage VRB4805D-40W
Eff
Efficiency VS Input voltage
(0.3) (0.2) (0.3) (0.2) (0.3)
7.62 5.08 7.6 2 5.08 7.62
5 1
15.24 (0.600) 12.70 (0.500) (0.400)
50.80+0.50 (2.000+0.020)
3 2 1
9 8 7 6 5
Bottom View
2 3
6 7 8 9
0.920 0.910 0.900 0.890 0.880 0.870 0.860 0.850 0.840 0.830 0.820
36 40 44 48 52 56 60 64 68 75 Input voltageV
(0.417)
4.10 (0.161)
10.60
FOOTPRINT DETAILS Pin Fu nction 1 2 3 5 6 7 8 9 Vin GN D Ctrl -Sense +Sense +Vo 0V Trim
Efficiency Vs Load VRB4805D-40W Eff
0.920 0.900 0.880 0.860 0.840 0.820 0.800 0.780 0.760 0.740 0.720 0.700 Efficiency VS Output load
Note: Unit:mm(inch) Pindiameter:1.00mm(.0.039inch) Pin diameter tolerances: +0.05mm(+0.002inch) General tolerances:+0.25mm(+ 0.010inch)
OUTPUT VOLTAGE TRIM UP/DOWN
+Vo
Trim
Trim
+Vo
10% 20% 30% 40% 50% 60% 70% 80% 90% 100% Output Load %Po
0V Trim up/down
0V Trim up
Tr im Trim do wn
MORNSUN reserves the copyright
Specifications subject to change without notice.
VRB_D-40W
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of VRB1205D-40W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X