Part Number Hot Search : 
TEF6624 PIC30F HI7106C MAX7491 EDZ33 752E052 C7WP08L8 SG117AK
Product Description
Full Text Search
 

To Download U1AFS250-FG256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary v0.4
Actel Fusion Mixed-Signal FPGAs
for the MicroBlade Advanced Mezzanine Card Solution Features and Benefits
* Targeted to Advanced Mezzanine Card (AdvancedMCTM) Designs * Designed in Partnership with MicroBlade * 8051-Based Module Management Controller (MMC) * Fully Compliant with PICMG AMC.0.R2.0 and IPMI v2.0 Specifications * AdvancedMC Reference Design and Starter Kit
(R)
* Crystal Oscillator Support (32 kHz to 20 MHz) * Programmable Real-Time Counter (RTC) * 6 Clock Conditioning Circuits (CCCs) with 1 or 2 Integrated PLLs - Phase Shift, Multiply/Divide, and Delay Capabilities - Frequency: Input 1.5-350 MHz, Output 0.75-350 MHz
Low Power Consumption
* Single 3.3 V Power Supply with On-Chip 1.5 V Regulator * Sleep and Standby Low Power Modes
High-Performance Reprogrammable Flash Technology
* * * * Advanced 130-nm, 7-Layer Metal, Flash-Based CMOS Process Nonvolatile, Retains Program when Powered Off Live at Power-Up (LAPU) Single-Chip Solution 350 MHz System Performance
In-System Programming (ISP) and Security
* Secure ISP with 128-Bit AES via JTAG * FlashLock(R) to Secure FPGA Contents
Advanced Digital I/O
* 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation * Bank-Selectable I/O Voltages - Up to 5 Banks per Chip * Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V /1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X, and LVCMOS 2.5 V / 5.0 V Input * Differential I/O Standards: LVPECL, LVDS, BLVDS, and M-LVDS - Built-In I/O Registers - 700 Mbps DDR Operation * Hot-Swappable I/Os * Programmable Output Slew Rate, Drive Strength, and Weak Pull-Up/Down Resistor * Pin-Compatible Packages across the Fusion Family
Embedded Flash Memory
* User Flash Memory - 2 Mbits to 8 Mbits - Configurable 8-, 16-, or 32-Bit Datapath - 10 ns Access in Read-Ahead Mode * 1 kbit of Additional FlashROM
Integrated A/D Converter (ADC) and Analog I/O
Up to 12-Bit Resolution and up to 600 ksps Internal 2.56 V or External Reference Voltage ADC: Up to 30 Scalable Analog Input Channels High-Voltage Input Tolerance: -10.5 V to +12 V Current Monitor and Temperature Monitor Blocks Up to 10 MOSFET Gate Driver Outputs - P- and N-Channel Power MOSFET Support - Programmable 1, 3, 10, 30 A and 20 mA Drive Strengths * ADC Accuracy is Better than 1% * * * * * *
SRAMs and FIFOs
* Variable-Aspect-Ratio 4,608-Bit SRAM Blocks (x1, x2, x4, x9, and x18 organizations available) * True Dual-Port SRAM (except x18) * Programmable Embedded FIFO Control Logic
On-Chip Clocking Support
* Internal 100 MHz RC Oscillator (accurate to 1%)
MicroBlade Fusion Solutions Fusion Devices System Gates Tiles (D-flip-flops) General Information Secure (AES) ISP PLLs Globals Flash Memory Blocks (2 Mbits) Total Flash Memory Bits Memory FlashROM Bits RAM Blocks (4,608 bits) RAM kbits Analog Quads Analog Input Channels Analog and I/Os Gate Driver Outputs I/O Banks (+ JTAG) Maximum Digital I/Os Analog I/Os Notes: 1. Refer to the CoreMP7 datasheet for more information. 2. Refer to the Cortex-M1 product brief for more information. U1AFS25 250,000 6,144 Yes 1 18 1 2M 1k 8 36 6 18 6 4 114 24 U1AFS600 600,000 13,824 Yes 2 18 2 4M 1k 24 108 10 30 10 5 172 40 U1AFS1500 1,500,000 38,400 Yes 2 18 4 8M 1k 60 270 10 30 10 5 252 40
October 2008 (c) 2008 Actel Corporation
I
Actel Fusion Mixed-Signal FPGAs for the MicroBlade AdvancedMC Solution
Fusion Device Architecture Overview
Bank 0 Bank 1
CCC SRAM Block 4,608-Bit Dual-Port SRAM or FIFO Block OSC I/Os CCC/PLL VersaTile
Bank 2 Bank 4
ISP AES Decryption
User Nonvolatile FlashROM
Charge Pumps
SRAM Block 4,608-Bit Dual-Port SRAM or FIFO Block
Flash Memory Blocks
ADC
Flash Memory Blocks
Analog Quad
Analog Quad
Analog Quad
Analog Quad
Analog Quad
Analog Quad
Analog Quad
Analog Quad
Analog Quad
Analog Quad
CCC
Bank 3
Figure 1-1 * Fusion Device Architecture Overview (U1AFS600)
Package I/Os: Single-/Double-Ended (Analog)
Fusion Devices FG256 U1AFS250 114/37 (24) U1AFS600 119/58 (40) U1AFS1500 119/58 (40) Note: All devices in the same package are pin compatible with the exception of the PQ208 package (AFS250 and AFS600).
II
P r el im in ar y v 0 .4
Actel Fusion Mixed-Signal FPGAs for the MicroBlade AdvancedMC Solution
Product Ordering Codes
U1AFS600 _ FG G 256 I Application (ambient temperature range) Blank = Commercial (0 to +70C) I = Industrial (-40 to +85C) Package Lead Count Lead-Free Packaging Options Blank = Standard Packaging G = RoHS-Compliant (green) Packaging Package Type FG = Fine Pitch Ball Grid Array (1.0 mm pitch) Speed Grade Blank = Standard Part Number U1AFS250 = 250,000 System Gates U1AFS600 = 600,000 System Gates U1AFS1500 = 1,500,000 System Gates
P re li m i n a ry v 0 .4
III
Actel Fusion Mixed-Signal FPGAs for the MicroBlade AdvancedMC Solution
Temperature Grade Offerings
MicroBlade-Based Fusion Devices FG256 U1AFS250 C, I U1AFS600 C, I U1AFS1500 C, I Notes: 1. C = Commercial Temperature Range: 0C to 70C Ambient 2. I = Industrial Temperature Range: -40C to 85C Ambient
Speed Grade and Temperature Grade Matrix
Std. C1 I2 Notes: 1. C = Commercial Temperature Range: 0C to 70C Ambient 2. I = Industrial Temperature Range: -40C to 85C Ambient Contact your local Actel representative for device availability (http://www.actel.com/contact/offices/index.html).

IV
P r el im in ar y v 0 .4
1 - Fusion Device Family Overview
Introduction
The Actel MicroBlade-based Fusion(R) mixed-signal FPGA satisfies the demand from system architects for a device that simplifies design and unleashes their creativity. As the world's first mixed-signal programmable logic family, MicroBlade-based Fusion integrates mixed-signal analog, flash memory, and FPGA fabric in a monolithic device. Actel MicroBlade-based Fusion devices enable designers to quickly move from concept to completed design and then deliver feature-rich systems to market. This new technology takes advantage of the unique properties of Actel flash-based FPGAs, including a high-isolation, triple-well process and the ability to support high-voltage transistors to meet the demanding requirements of mixed-signal system design. Actel Fusion mixed-signal FPGAs bring the benefits of programmable logic to many application areas, including power management, smart battery charging, clock generation and management, and motor control. Until now, these applications have only been implemented with costly and space-consuming discrete analog components or mixed-signal ASIC solutions. Actel Fusion mixedsignal FPGAs present new capabilities for system development by allowing designers to integrate a wide range of functionality into a single device, while at the same time offering the flexibility of upgrades late in the manufacturing process or after the device is in the field. Actel Fusion devices provide an excellent alternative to costly and time-consuming mixed-signal ASIC designs. In addition, when used in conjunction with the Actel for the MicroTCA market. Actel Fusion technology represents the definitive mixed-signal FPGA platform. Flash-based Fusion devices are live at power-up. As soon as system power is applied and within normal operating specifications, Fusion devices are working. Fusion devices have a 128-bit flashbased lock and industry-leading AES decryption, used to secure programmed intellectual property (IP) and configuration data. Actel Fusion devices are the most comprehensive single-chip analog and digital programmable logic solution available today. To support this new ground-breaking technology, Actel has developed a series of major tool innovations to help maximize designer productivity. Implemented as extensions to the popular Actel Libero(R) Integrated Design Environment (IDE), these new tools allow designers to easily instantiate and configure peripherals within a design, establish links between peripherals, create or import building blocks or reference designs, and perform hardware verification. This tool suite will also add comprehensive hardware/software debug capability as well as a suite of utilities to simplify development of embedded soft-processor-based solutions. MicroBlade-based Fusion (U1AFS) devices are targeted to Actel's Advanced Mezzanine Card (AMC) design developed in partnership with MicroBlade, Inc. The AMC design is an 8051-based Module Management Controller (MMC) and is fully compliant with the PICMG Advanced Mezzanine Card AMC.0 R2.0 and IPMI v2.0 specification, implementing in the AMC reference design and AMC Starter Kit as a complete board including a variable load board 100 W payload. The AMC reference design is available for free download from the Actel website, including board design files, documentation, FPGA design as a complete Libero(R) Integrated Design Environment (IDE) project, and an executable firmware image. The AMC Starter Kit adds complete firmware source code in C format. Designs based on the AMC Starter Kit (part number UTCA-AMC-SK) design are required to use one of the U1AFS devices: U1AFS250, U1AFS600, or U1AFS1500.
Pr e li m i n a ry v0 . 4
1-1
Fusion Device Family Overview
General Description
The Actel MicroBlade-based Fusion family, based on the highly successful ProASIC(R)3 and ProASIC3E Flash FPGA architecture, has been designed as a high-performance, programmable, mixed-signal platform. By combining an advanced flash FPGA core with flash memory blocks and analog peripherals, Fusion devices dramatically simplify system design and, as a result, dramatically reduce overall system cost and board space. The state-of-the-art flash memory technology offers high-density integrated flash memory blocks, enabling savings in cost, power, and board area relative to external flash solutions, while providing increased flexibility and performance. The flash memory blocks and integrated analog peripherals enable true mixed-mode programmable logic designs. Two examples are using an on-chip soft processor to implement a fully functional Flash MCU and using high-speed FPGA logic to offer system and power supervisory capabilities. Live at power-up and capable of operating from a single 3.3 V supply, the Fusion family is ideally suited for system management and control applications. The devices in the Fusion family are categorized by FPGA core density. Each family member contains many peripherals, including flash memory blocks, an analog-to-digital-converter (ADC), high-drive outputs, both RC and crystal oscillators, and a real-time counter (RTC). This provides the user with a high level of flexibility and integration to support a wide variety of mixed-signal applications. The flash memory block capacity ranges from 2 Mbits to 8 Mbits. The integrated 12bit ADC supports up to 30 independently configurable input channels. The on-chip crystal and RC oscillators work in conjunction with the integrated phase-locked loops (PLLs) to provide clocking support to the FPGA array and on-chip resources. In addition to supporting typical RTC uses such as watchdog timer, the Fusion RTC can control the on-chip voltage regulator to power down the device (FPGA fabric, flash memory block, and ADC), enabling a low-power standby mode. The Actel MicroBlade-based Fusion family offers revolutionary features, never before available in an FPGA. The nonvolatile flash technology gives the Fusion solution the advantage of being a secure, low-power, single-chip solution that is live at power-up. Fusion is reprogrammable and offers time to market benefits at an ASIC-level unit cost. These features enable designers to create high-density systems using existing ASIC or FPGA design flows and tools. The family has up to 1.5 M system gates, supported with up to 270 kbits of true dual-port SRAM, up to 8 Mbits of flash memory, 1 kbit of user FlashROM, and up to 278 user I/Os. With integrated flash memory, the Fusion family is the ultimate soft-processor platform.
Flash Advantages
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, high performance, and ease of use. Flashbased Fusion devices are live at power-up and do not need to be loaded from an external boot PROM. On-board security mechanisms prevent access to the programming information and enable secure remote updates of the FPGA logic. Designers can perform secure remote in-system reprogramming to support future design iterations and field upgrades, with confidence that valuable IP cannot be compromised or copied. Secure ISP can be performed using the industrystandard AES algorithm with MAC data authentication on the device. The Fusion family device architecture mitigates the need for ASIC migration at higher user volumes. This makes the Fusion family a cost-effective ASIC replacement solution for applications in the consumer, networking and communications, computing, and avionics markets.
Security
As the nonvolatile, flash-based Fusion family requires no boot PROM, there is no vulnerable external bitstream. Fusion devices incorporate FlashLock, which provides a unique combination of reprogrammability and design security without external overhead, advantages that only an FPGA with nonvolatile flash programming can offer. Fusion devices utilize a 128-bit flash-based key lock and a separate AES key to secure programmed IP and configuration data. The FlashROM data in Fusion devices can also be encrypted prior to loading. Additionally, the Flash memory blocks can be programmed during runtime using the industry-leading AES-128 block cipher encryption standard (FIPS Publication 192). The AES standard
1 -2
Pr e li m i n a r y v0 . 4
Actel Fusion Mixed-Signal FPGAs for the MicroBlade AdvancedMC Solution was adopted by the National Institute of Standards and Technology (NIST) in 2000 and replaces the DES standard, which was adopted in 1977. Fusion devices have a built-in AES decryption engine and a flash-based AES key that make Fusion devices the most comprehensive programmable logic device security solution available today. Fusion devices with AES-based security allow for secure remote field updates over public networks, such as the Internet, and ensure that valuable IP remains out of the hands of system overbuilders, system cloners, and IP thieves. As an additional security measure, the FPGA configuration data of a programmed Fusion device cannot be read back, although secure design verification is possible. During design, the user controls and defines both internal and external access to the flash memory blocks. Security, built into the FPGA fabric, is an inherent component of the Fusion family. The Flash cells are located beneath seven metal layers, and many device design and layout techniques have been used to make invasive attacks extremely difficult. Fusion with FlashLock and AES security is unique in being highly resistant to both invasive and noninvasive attacks. Your valuable IP is protected, making secure remote ISP possible. A Fusion device provides the most impenetrable security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed, the configuration data is an inherent part of the FPGA structure, and no external configuration data needs to be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based Fusion FPGAs do not require system configuration components such as EEPROMs or microcontrollers to load device configuration data. This reduces bill-of-materials costs and PCB area, and increases security and system reliability.
Live at Power-Up
Flash-based Fusion devices are Level 0 live at power-up (LAPU). LAPU Fusion devices greatly simplify total system design and reduce total system cost by eliminating the need for CPLDs. The Fusion LAPU clocking (PLLs) replaces off-chip clocking resources. The Fusion mix of LAPU clocking and analog resources makes these devices an excellent choice for both system supervisor and system management functions. LAPU from a single 3.3 V source enables Fusion devices to initiate, control, and monitor multiple voltage supplies while also providing system clocks. In addition, glitches and brownouts in system power will not corrupt the Fusion device flash configuration. Unlike SRAMbased FPGAs, the device will not have to be reloaded when system power is restored. This enables reduction or complete removal of expensive voltage monitor and brownout detection devices from the PCB design. Flash-based Fusion devices simplify total system design and reduce cost and design risk, while increasing system reliability.
Firm Errors
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere, strike a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way. Another source of radiation-induced firm errors is alpha particles. For an alpha to cause a soft or firm error, its source must be in very close proximity to the affected circuit. The alpha source must be in the package molding compound or in the die itself. While low-alpha molding compounds are being used increasingly, this helps reduce but does not entirely eliminate alpha-induced firm errors. Firm errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be a complete system failure. Firm errors do not occur in Fusion Flash-based FPGAs. Once it is programmed, the flash cell configuration element of Fusion FPGAs cannot be altered by highenergy neutrons and is therefore immune to errors from them. Recoverable (or soft) errors occur in the user data SRAMs of all FPGA devices. These can easily be mitigated by using error detection and correction (EDAC) circuitry built into the FPGA fabric.
Low Power
Flash-based Fusion devices exhibit power characteristics similar to those of an ASIC, making them an ideal choice for power-sensitive applications. With Fusion devices, there is no power-on current surge and no high current transition, both of which occur on many FPGAs. Fusion devices also have low dynamic power consumption and support both low power standby mode and very low power sleep mode, offering further power savings.
Pr e li m i n a ry v0 . 4
1-3
Fusion Device Family Overview
Advanced Flash Technology
The Fusion family offers many benefits, including nonvolatility and reprogrammability through an advanced flash-based, 130-nm LVCMOS process with seven layers of metal. Standard CMOS design techniques are used to implement logic and control functions. The combination of fine granularity, enhanced flexible routing resources, and abundant flash switches allows very high logic utilization (much higher than competing SRAM technologies) without compromising device routability or performance. Logic functions within the device are interconnected through a four-level routing hierarchy.
Advanced Architecture
The proprietary Fusion architecture provides granularity comparable to standard-cell ASICs. The Fusion device consists of several distinct and programmable architectural features, including the following (Figure 1-1 on page 1-6): * Embedded memories - - - * - - Flash memory blocks FlashROM SRAM and FIFO PLL and CCC RC oscillator
Clocking resources
-
- * * *
Crystal oscillator
No-Glitch MUX (NGMUX)
Digital I/Os with advanced I/O standards FPGA VersaTiles Analog components - - ADC Analog I/Os supporting voltage, current, and temperature monitoring
-
-
1.5 V on-board voltage regulator
Real-time counter
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input logic lookup table (LUT) equivalent or a D-flip-flop or latch (with or without enable) by programming the appropriate flash switch interconnections. This versatility allows efficient use of the FPGA fabric. The VersaTile capability is unique to the Actel families of flash-based FPGAs. VersaTiles and larger functions are connected with any of the four levels of routing hierarchy. Flash switches are distributed throughout the device to provide nonvolatile, reconfigurable interconnect programming. Maximum core utilization is possible for virtually any design. In addition, extensive on-chip programming circuitry allows for rapid (3.3 V) single-voltage programming of Fusion devices via an IEEE 1532 JTAG interface.
1 -4
Pr e li m i n a r y v0 . 4
Actel Fusion Mixed-Signal FPGAs for the MicroBlade AdvancedMC Solution
Unprecedented Integration
Integrated Analog Blocks and Analog I/Os
Fusion devices offer robust and flexible analog mixed-signal capability in addition to the highperformance flash FPGA fabric and flash memory block. The many built-in analog peripherals include a configurable 32:1 input analog MUX, up to 10 independent MOSFET gate driver outputs, and a configurable ADC. The ADC supports 8-, 10-, and 12-bit modes of operation with a cumulative sample rate up to 600 k samples per second (ksps), differential nonlinearity (DNL) < 1.0 LSB, and Total Unadjusted Error (TUE) of 0.72 LSB in 10-bit mode. The TUE is used for characterization of the conversion error and includes errors from all sources, such as offset and linearity. Internal bandgap circuitry offers 1% voltage reference accuracy with the flexibility of utilizing an external reference voltage. The ADC channel sampling sequence and sampling rate are programmable and implemented in the FPGA logic using Designer and Libero IDE software tool support. Two channels of the 32-channel ADCMUX are dedicated. Channel 0 is connected internally to VCC and can be used to monitor core power supply. Channel 31 is connected to an internal temperature diode which can be used to monitor device temperature. The 30 remaining channels can be connected to external analog signals. The exact number of I/Os available for external connection signals is device-dependent (refer to the "MicroBlade Fusion Solutions" table on page I for details). With Fusion, Actel also introduces the Analog Quad I/O structure (Figure 1-1 on page 1-6). Each quad consists of three analog inputs and one gate driver. Each quad can be configured in various built-in circuit combinations, such as three prescaler circuits, three digital input circuits, a current monitor circuit, or a temperature monitor circuit. Each prescaler has multiple scaling factors programmed by FPGA signals to support a large range of analog inputs with positive or negative polarity. When the current monitor circuit is selected, two adjacent analog inputs measure the voltage drop across a small external sense resistor. Built-in operational amplifiers amplify small voltage signals (2 mV sensitivity) for accurate current measurement. One analog input in each quad can be connected to an external temperature monitor diode and achieves detection accuracy of 3C. In addition to the external temperature monitor diode(s), a Fusion device can monitor an internal temperature diode using dedicated channel 31 of the ADCMUX. Figure 1-1 on page 1-6 illustrates a typical use of the Analog Quad I/O structure. The Analog Quad shown is configured to monitor and control an external power supply. The AV pad measures the source of the power supply. The AC pad measures the voltage drop across an external sense resistor
Pr e li m i n a ry v0 . 4
1-5
Fusion Device Family Overview to calculate current. The AG MOSFET gate driver pad turns the external MOSFET on and off. The AT pad measures the load-side voltage level.
Power Line Side Load Side
Off-Chip AV Pads Voltage Monitor Block AC
Rpullup AG Current Monitor Block Gate Driver AT Temperature Monitor Block
On-Chip
Analog Quad
Prescaler Prescaler Prescaler
Digital Input
Digital Input Current Monitor/Instr Amplifier
Power MOSFET Gate Driver
Digital Input
Temperature Monitor
To FPGA (DAVOUTx) To Analog MUX
To FPGA (DACOUTx)
From FPGA (GDONx)
To FPGA (DATOUTx) To Analog MUX
To Analog MUX
Figure 1-1 * Analog Quad
Embedded Memories
Flash Memory Blocks
The flash memory available in each Fusion device is composed of one to four flash blocks, each 2 Mbits in density. Each block operates independently with a dedicated flash controller and interface. Fusion flash memory blocks combine fast access times (60 ns random access and 10 ns access in Read-Ahead mode) with a configurable 8-, 16-, or 32-bit datapath, enabling high-speed flash operation without wait states. The memory block is organized in pages and sectors. Each page has 128 bytes, with 33 pages comprising one sector and 64 sectors per block. The flash block can support multiple partitions. The only constraint on size is that partition boundaries must coincide with page boundaries. The flexibility and granularity enable many use models and allow added granularity in programming updates. Fusion devices support two methods of external access to the flash memory blocks. The first method is a serial interface that features a built-in JTAG-compliant port, which allows in-system programmability during user or monitor/test modes. This serial interface supports programming of an AES-encrypted stream. Secure data can be passed through the JTAG interface, decrypted, and then programmed in the flash block. The second method is a soft parallel interface. FPGA logic or an on-chip soft microprocessor can access flash memory through the parallel interface. Since the flash parallel interface is implemented in the FPGA fabric, it can potentially be customized to meet special user requirements. For more information, refer to the CoreCFI
1 -6
Pr e li m i n a r y v0 . 4
Actel Fusion Mixed-Signal FPGAs for the MicroBlade AdvancedMC Solution Handbook. The flash memory parallel interface provides configurable byte-wide (x8), word-wide (x16), or dual-word-wide (x32) data port options. Through the programmable flash parallel interface, the on-chip and off-chip memories can be cascaded for wider or deeper configurations. The flash memory has built-in security. The user can configure either the entire flash block or the small blocks to prevent unintentional or intrusive attempts to change or destroy the storage contents. Each on-chip flash memory block has a dedicated controller, enabling each block to operate independently. The flash block logic consists of the following sub-blocks: * * * * Flash block - Contains all stored data. The flash block contains 64 sectors and each sector contains 33 pages of data. Page Buffer - Contains the contents of the current page being modified. A page contains 8 blocks of data. Block Buffer - Contains the contents of the last block accessed. A block contains 128 data bits. ECC Logic - The flash memory stores error correction information with each block to perform single-bit error correction and double-bit error detection on all data blocks.
User Nonvolatile FlashROM
In addition to the flash blocks, Actel Fusion devices have 1 kbit of user-accessible, nonvolatile FlashROM on-chip. The FlashROM is organized as 8x128-bit pages. The FlashROM can be used in diverse system applications: * * * * * * * * Internet protocol addressing (wireless or fixed) System calibration settings Device serialization and/or inventory control Subscription-based business models (for example, set-top boxes) Secure key storage for secure communications algorithms Asset management/tracking Date stamping Version management
The FlashROM is written using the standard IEEE 1532 JTAG programming interface. Pages can be individually programmed (erased and written). On-chip AES decryption can be used selectively over public networks to securely load data such as security keys stored in the FlashROM for a user design. The FlashROM can be programmed (erased and written) via the JTAG programming interface, and its contents can be read back either through the JTAG programming interface or via direct FPGA core addressing. The FlashPoint tool in the Actel Fusion development software solutions, Libero IDE and Designer, has extensive support for flash memory blocks and FlashROM. One such feature is auto-generation of sequential programming files for applications requiring a unique serial number in each part. Another feature allows the inclusion of static data for system version control. Data for the FlashROM can be generated quickly and easily using the Actel Libero IDE and Designer software tools. Comprehensive programming file support is also included to allow for easy programming of large numbers of parts with differing FlashROM contents.
SRAM and FIFO
Fusion devices have embedded SRAM blocks along the north and south sides of the device. Each variable-aspect-ratio SRAM block is 4,608 bits in size. Available memory configurations are 256x18, 512x9, 1kx4, 2kx2, and 4kx1 bits. The individual blocks have independent read and write ports that can be configured with different bit widths on each port. For example, data can be written through a 4-bit port and read as a single bitstream. The SRAM blocks can be initialized from the flash memory blocks or via the device JTAG port (ROM emulation mode), using the UJTAG macro. In addition, every SRAM block has an embedded FIFO control unit. The control unit allows the SRAM block to be configured as a synchronous FIFO without using additional core VersaTiles. The FIFO width and depth are programmable. The FIFO also features programmable Almost Empty
Pr e li m i n a ry v0 . 4
1-7
Fusion Device Family Overview (AEMPTY) and Almost Full (AFULL) flags in addition to the normal EMPTY and FULL flags. The embedded FIFO control unit contains the counters necessary for the generation of the read and write address pointers. The SRAM/FIFO blocks can be cascaded to create larger configurations.
Clock Resources
PLLs and Clock Conditioning Circuits (CCCs)
Fusion devices provide designers with very flexible clock conditioning capabilities. Each member of the Fusion family contains six CCCs. In the two larger family members, two of these CCCs also include a PLL; the smaller devices support one PLL. The inputs of the CCC blocks are accessible from the FPGA core or from one of several inputs with dedicated CCC block connections. The CCC block has the following key features: * * * * * * Wide input frequency range (fIN_CCC) = 1.5 MHz to 350 MHz Output frequency range (fOUT_CCC) = 0.75 MHz to 350 MHz Clock phase adjustment via programmable and fixed delays from -6.275 ns to +8.75 ns Clock skew minimization (PLL) Clock frequency synthesis (PLL) On-chip analog clocking resources usable as inputs: - - * * * 100 MHz on-chip RC oscillator Crystal oscillator
Additional CCC specifications: Internal phase shift = 0, 90, 180, and 270 Output duty cycle = 50% 1.5% Low output jitter. Samples of peak-to-peak period jitter when a single global network is used: - - - - * * 70 ps at 350 MHz 90 ps at 100 MHz 180 ps at 24 MHz Worst case < 2.5% x clock period
Maximum acquisition time = 150 s Low power consumption of 5 mW
Global Clocking
Fusion devices have extensive support for multiple clocking domains. In addition to the CCC and PLL support described above, there are on-chip oscillators as well as a comprehensive global clock distribution network. The integrated RC oscillator generates a 100 MHz clock. It is used internally to provide a known clock source to the flash memory read and write control. It can also be used as a source for the PLLs. The crystal oscillator supports the following operating modes: * * * Crystal (32.768 kHz to 20 MHz) Ceramic (500 kHz to 8 MHz) RC (32.768 kHz to 4 MHz)
Each VersaTile input and output port has access to nine VersaNets: six main and three quadrant global networks. The VersaNets can be driven by the CCC or directly accessed from the core via MUXes. The VersaNets can be used to distribute low-skew clock signals or for rapid distribution of high-fanout nets.
1 -8
Pr e li m i n a r y v0 . 4
Actel Fusion Mixed-Signal FPGAs for the MicroBlade AdvancedMC Solution
Digital I/Os with Advanced I/O Standards
The Fusion family of FPGAs features a flexible digital I/O structure, supporting a range of voltages (1.5 V, 1.8 V, 2.5 V, and 3.3 V). Fusion FPGAs support many different digital I/O standards, both single-ended and differential. The I/Os are organized into banks, with four or five banks per device. The configuration of these banks determines the I/O standards supported. The banks along the east and west sides of the device support the full range of I/O standards (single-ended and differential). The south bank supports the Analog Quads (analog I/O). In the family's two smaller devices, the north bank supports multiple single-ended digital I/O standards. In the family's larger devices, the north bank is divided into two banks of digital Pro I/Os, supporting a wide variety of single-ended, differential, and voltage-referenced I/O standards. Each I/O module contains several input, output, and enable registers. These registers allow the implementation of the following applications: * * * Single-Data-Rate (SDR) applications Double-Data-Rate (DDR) applications--DDR LVDS I/O for chip-to-chip communications Fusion banks support LVPECL, LVDS, BLVDS, and M-LVDS with 20 multi-drop points.
VersaTiles
The Fusion core consists of VersaTiles, which are also used in the successful Actel ProASIC3 family. The Fusion VersaTile supports the following: * * * All 3-input logic functions--LUT-3 equivalent Latch with clear or set D-flip-flop with clear or set and optional enable
Refer to Figure 1-2 for the VersaTile configuration arrangement.
LUT-3 Equivalent
X1 X2 X3
D-Flip-Flop with Clear or Set
Data CLK CLR Y
Enable D-Flip-Flop with Clear or Set
Data CLK Enable CLR Y
LUT-3
Y
D-FF
D-FFE
Figure 1-2 * VersaTile Configurations
Pr e li m i n a ry v0 . 4
1-9
Fusion Device Family Overview
Related Documents
Datasheet
Core8051 www.actel.com/ipdocs/Core8051_DS.pdf
Application Notes
Fusion FlashROM http://www.actel.com/documents/Fusion_FROM_AN.pdf Fusion SRAM/FIFO Blocks http://www.actel.com/documents/Fusion_RAM_FIFO_AN.pdf Using DDR in Fusion Devices http://www.actel.com/documents/Fusion_DDR_AN.pdf Fusion Security http://www.actel.com/documents/Fusion_Security_AN.pdf Using Fusion RAM as Multipliers http://www.actel.com/documents/Fusion_Multipliers_AN.pdf Prototyping with AFS600 for Smaller Devices http://www.actel.com/documents/Fusion_Prototyp_AN.pdf UJTAG Applications in Actel's Low-Power Flash Devices http://www.actel.com/documents/LPD_UJTAG_HBs.pdf In-System Programming (ISP) of Actel's Low-Power Flash Devices Using FlashPro3 http://www.actel.com/documents/LPD_ISP_HBs.pdf
Handbook
Fusion Handbook http://www.actel.com/documents/Fusion_HB.pdf
User's Guides
Designer User's Guide http://www.actel.com/documents/designer_UG.pdf Fusion, IGLOO/e and ProASIC3/E Macro Library Guide http://www.actel.com/documents/pa3_libguide_ug.pdf SmartGen, FlashROM, Flash Memory System Builder, and Analog System Builder User's Guide http://www.actel.com/documents/genguide_ug.pdf
White Papers
Fusion Technology http://www.actel.com/documents/Fusion_Tech_WP.pdf
1 -1 0
Pr e li m i n a ry v0 . 4
Actel Fusion Mixed-Signal FPGAs for the MicroBlade AdvancedMC Solution
Part Number and Revision Date
Part Number 51700104-001-0 Revised October 2008
List of Changes
The following table lists critical changes that were made in the current version of the document. This datasheet is based on the Actel Fusion Mixed-Signal FPGAs datasheet. For any past Fusion datasheet changes, refer to the Actel Fusion Programmable System Chips datasheet change table. Previous Version Advance v0.3 (August 2008) Changes in Current Version (Preliminary v0.4) The version number category was changed from Advance to Preliminary, which means the datasheet contains information based on simulation and/or initial characterization. The information is believed to be correct, but changes are possible. The title of the datasheet changed from Actel Programmable System Chips for the MicroBlade Advanced Mezzanine Card Solution to Actel Fusion MixedSignal FPGAs for the MicroBlade Advanced Mezzanine Card Solution. In addition, all instances of programmable system chip were changed to mixedsignal FPGA. Page N/A
Advance v0.1 (July 2008)
N/A
Pr e li m i n a ry v0 . 4
1 - 11
Fusion Device Family Overview
Datasheet Categories
Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully characterized. Datasheets are designated as "Product Brief," "Advance," "Preliminary," and "Production." The definition of these categories are as follows:
Product Brief
The product brief is a summarized version of a datasheet (advance or production) and contains general product information. This document gives an overview of specific device and family information.
Advance
This version contains initial estimated information based on simulation, other products, devices, or speed grades. This information can be used as estimates, but not for production. This label only applies to the DC and Switching Characteristics chapter of the datasheet and will only be used when the data has not been fully characterized.
Preliminary
The datasheet contains information based on simulation and/or initial characterization. The information is believed to be correct, but changes are possible.
Unmarked (production)
This version contains information that is considered to be final.
Export Administration Regulations (EAR)
The products described in this document are subject to the Export Administration Regulations (EAR). They could require an approved export license prior to export from the United States. An export includes release of product or disclosure of technology to a foreign national inside or outside the United States.
Actel Safety Critical, Life Support, and High-Reliability Applications Policy
The Actel products described in this advance status document may not have completed Actel's qualification process. Actel may amend or enhance products during the product introduction and qualification process, resulting in changes in device functionality or performance. It is the responsibility of each customer to ensure the fitness of any Actel product (but especially a new product) for a particular purpose, including appropriateness for safety-critical, life-support, and other high-reliability applications. Consult Actel's Terms and Conditions for specific liability exclusions relating to life-support applications. A reliability report covering all of Actel's products is available on the Actel website at http://www.actel.com/documents/ORT_Report.pdf. Actel also offers a variety of enhanced qualification and lot acceptance screening procedures. Contact your local Actel sales office for additional reliability information.
1 -1 2
Pr e li m i n a ry v0 . 4
Actel and the Actel logo are registered trademarks of Actel Corporation. All other trademarks are the property of their owners.
www.actel.com
Actel Corporation 2061 Stierlin Court Mountain View, CA 94043-4655 USA Phone 650.318.4200 Fax 650.318.4600 Actel Europe Ltd. River Court,Meadows Business Park Station Approach, Blackwater Camberley Surrey GU17 9AB United Kingdom Phone +44 (0) 1276 609 300 Fax +44 (0) 1276 607 540 Actel Japan EXOS Ebisu Bldg. 4F 1-24-14 Ebisu Shibuya-ku Tokyo 150 Japan Phone +81.03.3445.7671 Fax +81.03.3445.7668 http://jp.actel.com Actel Hong Kong Suite 2114, Two Pacific Place 88 Queensway, Admiralty Hong Kong Phone +852 2185 6460 Fax +852 2185 6488 www.actel.com.cn
51700104-001-0/10.08


▲Up To Search▲   

 
Price & Availability of U1AFS250-FG256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X