Part Number Hot Search : 
178LX 20ETTTS 68HC70 GF30DLH AN994 15700 1N141 NTE2320
Product Description
Full Text Search
 

To Download TSOP20E1003CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSOP Series Ultra Precision Molded Resistor Networks
The content of this specification may change without notification 1/01/06 Custom solutions are available.
HOW TO ORDER TSOP 08 A 1003 B C
TCR (PPM/C) R = +5 S = +10 E = +25 C = +50 Resistance Tolerance A = +.05 B = +.10 C = +.25 Resistance Value 3 sig. fig & 1 multiplier +1% Circuit Type/Pattern Refer to Circuit Schematic A, B, C, D, E Pins 8, 14,16, 20 Series Ultra Precision Molded Resistor
FEATURES
TSOP High Precision NiCr Thin Film Resistor Networks with tight ratio and tracking 10 Standard Circuits Excellent to relative Tolerance and TCR High Stability Thin Film 2.3mm High from PC Board, most fit for high density compacted instruments. Custom Circuit Configuration is Available
ELECTRICAL SPECIFACTIONS
Rated Power per Resistor at 70C Maximum Working Voltage Maximum Overload Voltage Absolute TCR ppm/C Absolute Tolerance % 60mW 75V 150V 50, 25,10, 5 0.25, 0.1, 0.05
MECHANICAL SPECIFACTIONS
Mechanical Protection Resistive Element Terminal Leads Epoxy Molded NiCr Film Tinned
TYPICAL PERFORMANCE
T C R ABS 5ppm 10ppm 25ppm 50ppm O L ABS 0.05% 0.10% 0.25% TRACKING 1, 2, 3, 5 1, 2, 3, 5, 10 1, 2, 3, 5, 10 1, 2, 3, 5, 10 RATIO 0.025, 0.05, 0.1 0.025, 0.05, 0.1, 0.2 0.025, 0.05, 0.1, 0.25, 0.5
TSOP 08 SCHEMATIC
TSOP 08
TSOP 16
DIMENSIONS (mm)
Model TSOP 08 TSOP 16 A 5.5 0.3 10.5 0.5 B 5.3 0.3 5.3 0.3 C 2.3 max 2.3 max D 8.0 0.2 8.0 0.2 E 1.27 0.2 1.27 0.2 F 0.4 0.05 0.4 0.05 G 0.2 0.1 0.2 0.1 H 0.3 min 0.3 min
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
1
TSOP Series Ultra Precision Molded Resistor Networks
The content of this specification may change without notification 1/01/06
CIRCUIT SPECIFICATION
Circuit Symbol A B C D E
TSOP 08 Circuit Layout Options
Resistance Range ()
50.0 ~ 22.0K
50.0 ~ 10.0K
50.0 ~ 22.0K
50.0 ~ 22K
500 ~ 10.0K
CIRCUIT SPECIFICATION - 16 PINS
Circuit Symbol A B C
TSOP 16 Circuit Layout Options
Resistance Range ()
50.0 ~ 22.0K
50.0 ~ 10.0K
50.0 ~ 22.0K
Circuit Symbol
D
E
TSOP 16 Circuit Layout Options
Resistance Range ()
50.0 ~ 22K
500 ~ 10.0K
PERFORMANCE
TEST Operating Temperature Range Short Time Overload Temperature Cycle Resistance to Solder Heat Moisture Resistance Load Life Load Life at 70C 2.5 x rated voltage for 5 seconds -55C ~ 155C for 5 cycles 250C for 10 seconds 40C, 90 ~ 95% R.H. rated voltage, 1,000 hours 70C, rated voltage, 1.5 hours on, 0.5 hours off, 1,000 hours TEST METHOD REQUIREMENTS -55C ~ 155C (0.02% + 0.01) (0.02% + 0.01) (0.02% + 0.01) (0.02% + 0.01) (0.02% + 0.01)
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
2


▲Up To Search▲   

 
Price & Availability of TSOP20E1003CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X