Part Number Hot Search : 
GP10A 1803E AN1011 TQ144 2SK10 P75N06 1055182 UF200
Product Description
Full Text Search
 

To Download TSH0515D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TSH Series, 2 Watt
compliant
RoHS
Features Ultra compact SMD Package (SOIC-14/18) Isolated single and dual Output Models I/O-Isolation 1`000 VDC High Efficiency up to 82% Operating Temperature -40C to +85C Reflow Solder Temperature up to 245C High Accuracy of Pin Co-Planarity Available in Tape and Reel Package Lead free Design, RoHS compliant 3 Year Product Warranty
The TSH series are ultra miniature, isolated 2 Watt DC/DC-converters in SMD package. The devices can be soldered without any problems in a high temperature lead free solder process. Requiring only 1.5 cm2 board space they offer the ideal solution in many space critical applications. These converters are the ideal solution for point of load power conversion, ground loop elimination, noise reduction and digital interface applications.
Models
Ordercode TSH 0505S TSH 0512S TSH 0505D TSH 0512D TSH 0515D TSH 1205S TSH 1212S TSH 1212D TSH 1215D TSH 2405S TSH 2412S TSH 2412D TSH 2415D 24 VDC 10% 12 VDC 10% 5 VDC 10% Input voltage Output voltage 5 VDC 12 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 12 VDC 15 VDC 5 VDC 12 VDC 12 VDC 15 VDC Output current max. 400 mA 165 mA 200 mA 80 mA 65 mA 400 mA 165 mA 80 mA 65 mA 400 mA 165 mA 80 mA 65 mA Efficiency typ. 77 % 81 % 77 % 79 % 79 % 78 % 82 % 82 % 82 % 78 % 81 % 81 % 82 %
http://www.tracopower.com
Page 1 of 4
DC/DC Converters
TSH Series Input Specifications
Input current no load /full load 5 Vin models: 60 mA / 500 mA typ. 12 Vin models: 30 mA / 200 mA typ. 24 Vin models: 15 mA / 100 mA typ. 5 Vin models: 9 V max. 12 Vin models: 18 V max. 24 Vin models: 30 V max. 0.3 A max. can be reduced by ext. 1-3.3 F polyester film capacitor internal capacitors 4 % max 1 % max. 1.2 % / 1% change Vin 10 % max. 75 mV pk-pk max. 0.02 %/K limited 1 sec. max. 5 VDC single output models: 5 VDC dual output model: 12 VDC single output models: 12/15 VDC dual output models: - Operating - Case temperature - Storage 47 F max. 10 F max. 10 F max. 4.7 F max. -40 C ... +85 C (no derating) +95 C max. -55 C ... +125 C 95 % rel H max. >2'000'000 h @ 25 C 1`000 VDC 60 pF typ. >1`000 Mohm (at 500VDC) 100 kHz typ. (frequency modulation) 30% max. non conductive black plastic (UL 94-V0 rated) single output models: 1.5 g (0.08 oz) dual output models: 2.2 g (0.05 oz) as per IPC/JEDEC J-STD-020C peak temp. 245C (20 sec. max.) - Input/Output - Input/Output - Input/Output - Input variation - Load variation 20 - 100 %
2 Watt
Surge voltage (1 sec. max.)
Reverse polarity protection Reflected input ripple current Input filter
Output Specifications
Voltage set accuracy Voltage balance (dual output models) Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Short circuit protection Capacitive load
General Specifications
Temperature ranges
Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217E ground benign) Isolation voltage (60 sec.) Isolation capacity Isolation resistance Switching frequency Frequency change over line and load
Physical Specifications
Case material Package weight Lead-free reflow solder process
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 4
DC/DC Converters
TSH Series Outline Dimensions
Single Output Models
2 Watt
(0.35)
8.9
S
(0.10)
(0.10)
(0.10) (0.50)
0.25
(0.01)
2.54
2.54 12.7
5.08
8.6 11.8
(0.34) (0.39) (0.46)
0-4
0.15
10.0
Pin-Out
Pin 1 3 Single -Vin (GND) +Vin (Vcc) -Vout +Vout No con.
0.6
(0.02)
14
8
1.2
(0.05)
7 8 14
(0.37)
9.3
1
3
7
12.7
(0.50)
2.54
(0.10)
2.54
(0.10)
5.08
(0.10)
Dual Output Models
(0.35)
(0.07)
Top fiew
1.8
8.9
S
0.25
(0.01)
2.6
(0.11)
2.54
(0.10)
5.08
(0.10)
2.54
(0.10)
8.6 11.8
(0.34) (0.39) (0.46)
0-4
0.15
Pin-Out
Pin 1 3 7 9 12 18 Dual -Vin (GND) +Vin (Vcc) Common -Vout +Vout No con.
15.3
(0.6)
10.0
0.6
18
12
1.2
(0.05) (0.37)
9.3
Top fiew
1 3 7 9
12.7
(0.50)
2.54
(0.10)
2.54
(0.10)
5.08
(0.10)
(0.07)
1.8
2.54
(0.10)
Dimensions in [mm], () = Inches Tolerances 0.25 (0.01), pins 0.05 (0.002)
http://www.tracopower.com
Page 3 of 4
DC/DC Converters
TSH Series Packaging: Single Output Models
Standard Packaging - Tube
- 1 Tube contains 10 converters
10.5 9.7 14.2 10.2 175.0 { 2.0
2 Watt
3.7
R0.7 2.9
7.0
3.6
0.8
Optional Packaging - Tape & Reel
- Specifications according IEC 286-3 - 1 Reel contains 350 Converters - Use appendix -TR on order code
29.0
+1 2.0 -0
330.0
1. 5+ -0 0.1
1.75
4.0
A
0.5 { 0.05 2.0 1.7
3.5
24.0 { 0.03
11.5
13.0
20.0
B
A
B 9.5 SECTION B-B 10 3.5 SECTION A-A
0.6
8.5 9.55 12.55
1.5 2.0
50
Dimensions in [mm], Tolerance 0.1mm http://www.tracopower.com Page 4 of 4
6.3
100.0
13.0 { 0.25
DC/DC Converters
TSH Series Packaging: Dual Output Models
Standard Packaging - Tube
1 Tube contains 10 Converters
R0.7 2.9 10.5 9.7 14.2 10.2 175.0 { 2.0
2 Watt
3.7
7.0
3.6
0.8
2.0
Optional Packaging - Tape & Reel
- Specifications according IEC 286-3 - 1 Reel contains 350 Converters - Use appendix -TR on order code
+1 -0
37.0
330.0
1. + 50 -0 .1
1.75
4.0
2.0 A
0.5 { 0.05
14.2
32.0{ 0.3
1.7
28.5
50
15.5
4.45
M
20.0
A
9.5
SECTION B-B
R0 .7 5
SECTION A-A
10
50 3.5
0.2
0.6
8.55 9.55
1.5 2.0 12.55
M: partial enlargement
Specifications can be changed any time without notice
Dimensions in [mm], Tolerance 0.1mm
Rev. 01/07
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
1.7
B
B
4.0
Page 5 of 4
10
13.0 0.25
100.0


▲Up To Search▲   

 
Price & Availability of TSH0515D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X