|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RF AMPLIFIER MODEL TM7288 Features ! ! ! ! Low Noise Figure: 1.8 dB Typical High Gain: 22 dBm Typical Operating Temp. - 55 C to +85 C Environmental Screening Available Available as: TM7288, 4 Pin TO-8 (T4) TN7288, 4 Pin Surface Mount (SM3) FP7288, 4 Pin Flatpack (FP4) BX7288,Connectorized Housing (H1) Typical Intermodulation Performance at 25 C Second Order Harmonic Intercept Point....... +29 dBm (Typ.) Second Order Two Tone Intercept Point........ +23 dBm (Typ.) Third Order Two Tone Intercept Point............ +20 dBm (Typ.) Specifications CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out TYPICAL Ta= 25 C 5-250 MHz 22 +7.5 -23 <1.25:1 <1.25:1 1.8 +15 18 MIN/MAX Ta = -55 C to +85 C 5-250 MHz 21 Min. +6.5 Min. -22 Max. 2.0:1 Max. 2.0:1 Max. 2.2 Max. +15 Min. 20 Max. Maximum Ratings Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 18 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.) Noise Figure (dB) Power Vdc mA Note: Care should always be taken to effectively ground the case of each unit. Typical Performance Data 23 22 21 Start 5 MHz Stop 250 MHz Gain (dB) 0 - 10 - 20 - 30 - 40 Reverse Isolation (dB) 3 2 1 Start 5 MHz Stop 250 MHz Start 5 MHz Noise Figure (dB) Stop 250 MHz +10 +9 +8 +7 +6 Start 5 MHz 1 dB Comp. (dBm) 2.0 1.5 1.0 Input VSWR 2.0 1.5 1.0 Output VSWR Stop 250 MHz Start 5 MHz Stop 250 MHz Start 5 MHz Stop 250 MHz Legend + 25 C + 85 C - - - - - - -55 C Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 7/6/04 www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001 |
Price & Availability of TM7288 |