Part Number Hot Search : 
1N5741B TDE1897C DR77058 UG2A09 2SD25 AN3317 ON1868 SP301
Product Description
Full Text Search
 

To Download TM7211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM7211
Features
! ! ! ! Low Noise Figure: 1.8 dB Typical High Output Power: +20 dBm Typical Operating Temp. - 55 C to +85 C Environmental Screening Available
Available as:
TM7211, 4 Pin TO-8 (T4) TN7211, 4 Pin Surface Mount (SM3) FP7211, 4 Pin Flatpack (FP4) BX7211,Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ....... +61 dBm (Typ.) Second Order Two Tone Intercept Point ........ +55 dBm (Typ.) Third Order Two Tone Intercept Point ............ +40 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) In Out Noise Figure (dB) Power Vdc mA VSWR TYPICAL Ta= 25 C 10 - 200 MHz 8.5 +20 -12 <1.75:1 <1.35:1 1.8 +15 30 MIN/MAX Ta = -55 C to +85 C 30 - 200 MHz 7.5 Min. +19 Min. -11 Max. 2.0:1 Max. 2.0:1 Max. 3.0 Max. +15 33 Max.
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 15 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
10 9 8 7 6
Start 30 MHz Stop 200 MHz
Gain (dB)
-5
0 - 10 - 15 - 20
Reverse Isolation (dB)
3 2 1
Start 30 MHz Stop 200 MHz Start 30 MHz
Noise Figure (dB)
Stop 200 MHz
+23 +22 +21 +20 +19
Start 30 MHz
1 dB Comp. (dBm)
2.0 1.5 1.0
Input VSWR
2.0 1.5 1.0
Output VSWR
Stop 200 MHz
Start 30 MHz
Stop 200 MHz
Start 30 MHz
Stop 200 MHz
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
6/29/04
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TM7211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X