Part Number Hot Search : 
CR123 DSS5320T SM330 SD101 C3788 C3788 8H06K C3788
Product Description
Full Text Search
 

To Download TM3083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM3083
Features
! Low Noise Figure: 1.7 dB Typical ! Operating Temp. - 55 C to + 85 C ! Environmental Screening Available
Available as:
TM3083, 4 Pin TO-8 (T4) TN3083, 4 Pin Surface Mount (SM3) FP3083, 4 Pin Flatpack (FP4) BX3083, Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ....... +41 dBm (Typ.) Second Order Two Tone Intercept Point ........ +35 dBm (Typ.) Third Order Two Tone Intercept Point ............ +27 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out Noise Figure (dB) Power Vdc mA TYPICAL Ta= 25 C 10-500 MHz 13 +15 -21 1.7:1 1.7:1 1.7 +15 35 MIN/MAX Ta = -55 C to +85 C 10-500 MHz 11 Min. +14 Min. -19 Max. 2.0:1 Max. 2.0:1 Max. 2.5 Max. +15 40 Max.
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
Gain (dB)
15 14 13 12 11
Start 10 MHz Stop 500 MHz
Reverse Isolation (dB)
0 - 10 - 20 - 30 - 40
Start 10 MHz Stop 500 MHz
Noise Figure (dB)
5 4 3 2 1
Start 10 MHz Stop 500 MHz
+16 +15 +14 +13 +12
1 dB Comp. (dBm)
Input VSWR
2.0 1.5 1.0 2.0 1.5 1.0
Start 10 MHz Stop 500 MHz Start 10 MHz
Output VSWR
Start 10 MHz
Stop 500 MHz
Stop 500 MHz
Legend
+ 25 C
Freq. MHz
+ 85 C - - - - - - -55 C
----S11---Mag Deg ----S21---Mag Deg ----S12---Mag Deg ----S22---Mag Deg
Linear S-Parameters
====================================================================== -176 .0883 2 -173 4.69 10 .25 -18 .21 179 .0865 -3 173 4.67 .23 -19 50 .22 175 .0866 -6 163 4.62 .23 -33 100 .22 171 .0881 -10 154 4.56 .23 -48 150 .22 167 .0890 -13 145 4.51 .22 -63 200 .23 164 .0901 -16 137 4.43 .22 -78 250 .23 160 .0917 -20 129 4.35 .21 -94 300 .24 156 .0936 -24 120 4.29 .21 -109 350 .25 151 -28 .968 113 4.21 .21 -126 400 .26 146 -33 .983 105 4.14 .22 -141 450 .26 141 .1008 -37 97 4.08 .22 -155 500 .27
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
8/31/04
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TM3083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X