Part Number Hot Search : 
250101B 2J224 27T104C F1603 1SS174 04597 EL2041D 1N5376B
Product Description
Full Text Search
 

To Download TIP514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
TIP514
DESCRIPTION *Continuous Collector Current-IC= -5A *Collector-Emitter Breakdown Voltage: V(BR)CEO= -150V(Min.) *Collector Power Dissipation: PC= 20W @TC 100
APPLICATIONS *Designed for power amplifier and high speed switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage
Collector-Emitter Voltage Emitter-Base Voltage
Collector Current-Continuous Collector Current-Peak
ww w
scs .i
VALUE -150 -150 -5 -5 -7.5 -2 2 20 200 -65~200
UNIT V
.cn mi e
V V A A A
Base Current-Continuous Collector Power Dissipation @Ta= 25 Collector Power Dissipation @TC100 Junction Temperature Storage Temperature
PC
W
TJ Tstg

THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 5.0 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO VCE(sat)-1 VCE(sat)-2 VBE(on) ICEO ICES IEBO hFE-1 hFE-2 PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC= -30mA; IB= 0 IC= -2.5A; IB= -0.25A
B
TIP514
MIN -150
MAX
UNIT V
-1.0 -2.0 -2.2 -0.3
V V V mA mA mA
IC= -5A; IB= -0.5A
B
IC= -5A; VCE= -4V VCE= -75V; IB= 0
B
VCE= -150V; VBE= 0 VCE= -75V; VBE= 0, TC=150
w
ww
sem isc .
VEB= -2.5V; IC= 0 VEB= -5V; IC= 0 IC= -2.5A; VCE= -4V IC= -5A; VCE= -4V
.cn i
-1.0 -2.0 -0.1 -1.0 150
30 15
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of TIP514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X