Part Number Hot Search : 
LF45ABP 7660SEOA SSS91850 H0009NL 4ACT2 BGO807C 110BC 2374A
Product Description
Full Text Search
 

To Download TIP514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
TIP514
DESCRIPTION *With TO-66 package *Low collector saturation voltage *Wide area of safe operation APPLICATIONS *For use in high-frequency drivers In aduio amplifiers PINNING (See Fig.2)
PIN 1 2 3 Base Emitter Collector DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL VCBO VCEO VEBO IC PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current TC=100 PD Total power dissipation Ta=100 Tj Tstg Junction temperature Storage temperature 2 175 -55~175 CONDITIONS Open emitter Open base Open collector VALUE -150 -150 -5 -5 20 W UNIT V V V A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-10mA ; IB=0 IE=-1mA ; IC=0 IC=-5A; IB=-0.5A IC=-5A; IB=-0.5A VCB=-150V; IE=0 VCE=-150V; IB=0 VEB=-5V; IC=0 IC=-2.5A ; VCE=-4V IC=-0.5A ; VCE=-4V 30 40 MIN -150 -5 SYMBOL VCEO(SUS) V(BR)EBO VCE(sat) VBE(sat) ICBO ICEO IEBO hFE fT
TIP514
TYP.
MAX
UNIT V V
-2.0 -2.5 -10 -100 -10 150
V V A A A
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
TIP514
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of TIP514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X