Part Number Hot Search : 
BFR505T BA7107 P3482 A72910 120N0 SMPC14A SMPC14A 74AUP1G
Product Description
Full Text Search
 

To Download SHF-0186K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Description
Sirenza Microdevices' SHF-0186K is a high performance AlGaAs/GaAs Heterostructure FET (HFET) housed in a lowcost surface-mount plastic package. The HFET technology improves breakdown voltage while minimizing Schottky leakage current resulting in higher PAE and improved linearity. Output power at 1dB compression for the SHF-0186K is +28 dBm when biased for Class AB operation at 8V,100mA. The +40 dBm third order intercept makes it ideal for high dynamic range, high intercept point requirements. It is well suited for use in both analog and digital wireless communication infrastructure and subscriber equipment including 3G, cellular, PCS, fixed wireless, and pager systems. Typical Gain Performance (8V,100mA)
SHF-0186K
0.05-6 GHz, 0.5 Watt GaAs HFET
Pending Obsolescence
Last Time Buy Date: March 15, 2004
40
Gain, Gmax (dB)
30 20 10
Gain Gmax
Product Features * +28 dBm Output Power at 1dB Compression * +40 dBm OIP3 * High Drain Efficiency * 18 dB Gain at 900 MHz (Application Circuit) * 15 dB Gain at 1960 MHz (Application Circuit) * See App Note AN-020 for circuit details Applications * Analog and Digital Wireless Systems * 3G, Cellular, PCS * Fixed Wireless, Pager Systems
Test Frequency [1] = 100% Tested U nits Min. Typ. Max.
0 -10 0 2
Frequency (GHz)
4
6
8
10
12
Symbol
D evice C haracteristics, T = 25C VDS=8V, IDQ=100mA (unless otherw ise noted)
Gmax S 21 G OIP3 P 1dB IDSS gm VP BVGS BVGD Rth V DS IDS TJ
Maxi mum Avai lable Gai n ZS=ZS*, ZL=ZL* Inserti on Gai n ZS=ZL= 50 Ohms Power Gai n ZS=ZSOPT , ZL=ZLOPT Output Thi rd Order Intercept Poi nt ZS=ZSOPT , ZL=ZLOPT , POUT= +15 dBm per tone Output 1dB C ompressi on Poi nt ZS=ZSOPT, ZL=ZLOPT Saturated D rai n C urrent VDS= VDSP, VGS= 0V Tranconductance VDS= VDSP, VGS= -0.25V Pi nch-Off Voltage VDS= 2V, IDS= 0.6mA Gate-to-Source Breakdown Voltage IGS= 1.2mA, drai n open Gate-to-D rai n Breakdown Voltage IGD= 1.2mA, VGS= -5V Thermal Resi stance, juncti on-to-lead Operati ng Voltage (drai n-to-source) Operati ng C urrent (drai n-to-source, qui escent) Recommended Operati ng Juncti on T mperature e
f = 900 MHz f = 1960 MHz f = 900 MHz f = 1900 MHz [1] f = 900 MHz f = 1960 MHz f = 900 MHz f = 1960 MHz f = 900 MHz f = 1960 MHz
dB dB dB dB dB m dB m dB m dB m dB m dB m mA mS
14.0 204 144 -3.0 -
23.4 20.1 18.0 15.0 17.9 14.5 41 40 28 28 294 198 -1.9 -17 -22 66 -
16.0 384 252 -1.0 -15 -17 9.0 200 150
[1] [1] [1]
o
V V V C /W V mA C
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2003 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
EDS-101577 Rev D
1
Preliminary Pending Obsolescence SHF-0186K 0.5 Watt HFET Absolute Maximum Ratings
Operation of this device beyond any one of these parameters may cause permanent damage. MTTF is inversely proportional to the device junction temperature. For junction temperature and MTTF considerations the device operating conditions should also satisfy the following experssions: PDC - POUT < (TJ - TL) / RTH where: PDC = IDS * VDS (W) POUT = RF Output Power (W) TJ = Junction Temperature (C) TL = Lead Temperature (pin 2,4) (C) RTH = Thermal Resistance (C/W)
Parameter Drain Current Forward Gate Current Reverse Gate Current Drain-to-Source Voltage Gate-to-Source Voltage RF Input Power Operating Temperature Storage Temperature Range Power Dissipation Channel Temperature Symbol IDS IGSF IGSR V DS VGS PIN TOP Tstor PDISS TJ Value IDSS 1.2 1.2 +12 <-5 or >0 200 -40 to +85 -40 to +175 3.5 +175 Unit mA mA mA V V mW C C W C
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and current must not exceed the maximum operating values specified in the table on page 1.
Typical Performance - Engineering Application Circuits (See App Note AN-020)
Freq (MH z ) 900 1960 2140 2450 VDS (V) 8 8 8 8 IDQ (mA) 100 100 100 100 P1dB OIP3* (dB m) (dB m) 28.1 28.8 28.7 28.6 40.5 40 38.5 39.5 Gain (dB ) 18.4 14.7 14.4 13.9 S11 (dB ) -16 -16 -12 -15 S 22 (dB ) -9 -5 -7 -5 NF (dB ) 3.1 2.5 3.0 2.9 ZSOPT ( ) 73 + j51.5 24.9 + j32.0 21.4 + j24.7 15.0 + j21.6 ZLOPT ( ) 50.3 + j2.6 36.4 - j2.5 34.9 + j2.3 44.8 - j5.5
* POUT= +15dBm per tone, 1MHz tone spacing [4] IS-95 CDMA Channel Power (9 Fwd Channels, 885kHz offset, 30kHz Adj Chan BW) [5] W-CDMA Channel Power (64 DPCH, 5MHz offset, 3.84MHz Adj Chan BW) [6] POUT= +13dBm per tone, 1MHz tone spacing
Data above represents typical performance of the application circuits noted in Application Note AN-020. Refer to the application note for additional RF data, PCB layouts, and BOMs for each application circuit. The application note also includes biasing instructions and other key issues to be considered. For the latest application notes please visit our site at www.sirenza.com or call your local sales representative.
D
G
Z
LOPT
ZSOPT
S
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
EDS-101577 Rev D
2
Preliminary Pending Obsolescence SHF-0186K 0.5 Watt HFET
De-embedded S-Parameters (ZS=ZL=50 Ohms, VDS=8V, IDS=100mA, 25 C)
40
Gain & Isolation
Isolation Gmax Gain
0 -10 -20 -30 -40 -50
25 20
Gain vs Temperature
Gain, Gmax (dB)
30 20 10 0 -10 0 2
Isolation (dB)
Gain (dB)
15 10 5 0 -5 -10 0 2 4
T = -40, 25, 85C
Frequency (GHz) S11 vs Frequency
1.0 0.5
4
6
8
10
12
Frequency (GHz) S22 vs Frequency
1.0
6
8
10
6 GHz
2.0
0.5
2.0
10 GHz
0.2 5.0 0.2
10 GHz 13 GHz
5.0
13 GHz 3 GHz
0.0 0.2 0.5 1.0 2.0 5.0 inf 0.0 0.2
6 GHz
0.5 1.0 2.0 5.0 inf
3 GHz 2 GHz
0.2
1 GHz
5.0
2 GHz
5.0
0.2
0.5
1 GHz
2.0
0.5
2.0
1.0
1.0
Note: S-parameters are de-embedded to the device leads with Z S=Z L=50. The data represents typical performace of the device. De-embedded s-parameters can be downloaded from our website (www.sirenza.com).
0.35 0.3 0.25
DC-IV Curves
IDS (A)
0.2 0.15 0.1 0.05 0 0 1 2 3 4 5 6 7 8
VGS = -2.0 to 0V, 0.2V steps T=25 C
VDS (V)
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
EDS-101577 Rev D
3
Preliminary Pending Obsolescence SHF-0186K 0.5 Watt HFET
Caution: ESD sensitive
Appropriate precautions in handling, packaging and testing devices must be observed.
Part Number Ordering Information
Part Number SHF-0186K Reel Siz e 7" Devices/Reel 1000
Pin #
1 2 3 4
Function
Gate Source Drain Source RF Input
Description
Connection to ground. Use via holes to reduce lead inductance. Place vias as close to ground leads as possible. RF Output Same as Pin 2
Part Symbolization The part will be symbolized with the "H1" designator and a dot signifying pin 1 on the top surface of the package.
Package Dimensions
H1
PCB Pad Layout
H1
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
EDS-101577 Rev D
4


▲Up To Search▲   

 
Price & Availability of SHF-0186K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X