Part Number Hot Search : 
8C10DC6 SMB220 00F253 UPD63210 IMT41 SCL4014B 05482 2SC4981
Product Description
Full Text Search
 

To Download SF88 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF81 THRU SF88
GLASS PASSIVATED SUPER FAST RECTIFIER Reverse Voltage - 50 to 600 V Forward Current - 8 A
Features * Low forward voltage drop * Low reverse leakage current * Superfast switching time for high efficiency * High current capability * High surge current capability
Mechanical Data * Case: Molded plastic, TO-220A * Epoxy: UL 94V-0 rate flame retardant * Terminals: leads solderable per MIL-STD-202 method 208 guaranteed * Polarity: As marked * Mounting Position: Any
Absolute Maximum Ratings and Characteristics Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 100 OC Peak Forward Surge Current, 8.3 ms Single half Sine-wave Superimposed on Rated Load (JEDEC method) Maximum Forward Voltage at 8 A and 25 OC Maximum Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance
1)
Symbols VRRM VRMS VDC I(AV)
SF81 50 35 50
SF82 100 70 100
SF83 150 105 150
SF84 200 140 200 8
SF85 300 210 300
SF86 400 280 400
SF87 500 350 500
SF88 600 420 600
Units V V V A
IFSM
125
A
VF IR CJ
0.95 10 500 80 35 2.2 - 55 to + 150
1.3
1.7
V A
at TA = 25 OC TA = 125 OC
60 50
O
pF ns C/W
O
Maximum Reverse Recovery Time Typical Thermal Resistance
3)
2)
trr RJC TJ, Ts
Operating and Storage Temperature Range
1)
C
Measured at 1 MHz and applied reverse voltage of 4 VDC. Reverse recovery test conditions: IF = 0.5 A, IR = 1 A, IRR = 0.25 A 3) Thermal resistance from Junction to case mounted on heatsink.
2)
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 30/06/2006 H
SF81 THRU SF88
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 30/06/2006 H


▲Up To Search▲   

 
Price & Availability of SF88

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X